Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

CAT25040YIT3 Arkusz danych(PDF) 4 Page - Catalyst Semiconductor

Numer części CAT25040YIT3
Szczegółowy opis  1-Kb, 2-Kb and 4-Kb SPI Serial CMOS EEPROM
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  CATALYST [Catalyst Semiconductor]
Strona internetowa  http://www.catalyst-semiconductor.com
Logo CATALYST - Catalyst Semiconductor

CAT25040YIT3 Arkusz danych(HTML) 4 Page - Catalyst Semiconductor

  CAT25040YIT3 Datasheet HTML 1Page - Catalyst Semiconductor CAT25040YIT3 Datasheet HTML 2Page - Catalyst Semiconductor CAT25040YIT3 Datasheet HTML 3Page - Catalyst Semiconductor CAT25040YIT3 Datasheet HTML 4Page - Catalyst Semiconductor CAT25040YIT3 Datasheet HTML 5Page - Catalyst Semiconductor CAT25040YIT3 Datasheet HTML 6Page - Catalyst Semiconductor CAT25040YIT3 Datasheet HTML 7Page - Catalyst Semiconductor CAT25040YIT3 Datasheet HTML 8Page - Catalyst Semiconductor CAT25040YIT3 Datasheet HTML 9Page - Catalyst Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
CAT25010, CAT25020, CAT25040
© Catalyst Semiconductor, Inc.
4
Doc. No. MD-1006 Rev. T
Characteristics subject to change without notice
PIN DESCRIPTION
SI:
The serial data input pin accepts op-codes,
addresses and data. In SPI modes (0,0) and (1,1)
input data is latched on the rising edge of the SCK
clock input.
SO:
The serial data output pin is used to transfer data
out of the device. In SPI modes (0,0) and (1,1) data is
shifted out on the falling edge of the SCK clock.
SCK:
The serial clock input pin accepts the clock
provided by the host and used for synchronizing
communication between host and CAT25010/20/40.
CS
¯¯ :
The chip select input pin is used to enable/disable
the CAT25010/20/40. When CS
¯¯ is high, the SO output
is tri-stated (high impedance) and the device is in
Standby Mode (unless an internal write operation is in
progress). Every communication session between host
and CAT25010/20/40 must be preceded by a high to
low transition and concluded with a low to high
transition of the CS
¯¯ input.
WP
¯¯¯:
The write protect input pin will allow all write
operations to the device when held high. When WP
¯¯¯
pin is tied low all write operations are inhibited.
HOLD
¯¯¯¯¯:
The HOLD
¯¯¯¯¯ input pin is used to pause trans–
mission between host and CAT25010/20/40, without
having to retransmit the entire sequence at a later
time. To pause, HOLD
¯¯¯¯¯ must be taken low and to
resume it must be taken back high, with the SCK
input low during both transitions. When not used for
pausing, the HOLD
¯¯¯¯¯ input should be tied to VCC,
either directly or through a resistor.
FUNCTIONAL DESCRIPTION
The CAT25010/20/40 devices support the Serial
Peripheral Interface (SPI) bus protocol, modes (0,0)
and (1,1). The device contains an 8-bit instruction
register. The instruction set and associated op-codes
are listed in Table 1.
Reading data stored in the CAT25010/20/40 is accom–
plished by simply providing the READ command and an
address. Writing to the CAT25010/20/40, in addition to
a WRITE command, address and data, also requires
enabling the device for writing by first setting certain bits
in a Status Register, as will be explained later.
After a high to low transition on the CS
¯¯ input pin, the
CAT25010/20/40 will accept any one of the six
instruction op-codes listed in Table 1 and will ignore all
other possible 8-bit combinations. The communication
protocol follows the timing from Figure 1.
Table 1: Instruction Set
(1)
Instruction
Opcode
Operation
WREN
0000 0110
Enable Write Operations
WRDI
0000 0100
Disable Write Operations
RDSR
0000 0101
Read Status Register
WRSR
0000 0001
Write Status Register
READ
0000 X011
Read Data from Memory
WRITE
0000 X010
Write Data to Memory
Note:
(1) X = 0 for CAT25010, CAT25020. X = A8 for CAT25040
Figure 1. Synchronous Data Timing
Note:
Dashed Line = mode (1, 1) - - - - - -
VALID IN
VIH
VIL
tCSS
VIH
VIL
VIH
VIL
VOH
VOL
HI-Z
tSU
tH
tWH
tWL
tV
tCS
tCSH
tHO
tDIS
HI-Z
CS
SCK
SI
SO
tRI
tFI


Podobny numer części - CAT25040YIT3

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Catalyst Semiconductor
CAT25040YIT3 CATALYST-CAT25040YIT3 Datasheet
556Kb / 18P
   1K/2K/4K SPI Serial CMOS EEPROM
More results

Podobny opis - CAT25040YIT3

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ON Semiconductor
CAT25010YI-G ONSEMI-CAT25010YI-G Datasheet
198Kb / 18P
   1-Kb, 2-Kb and 4-Kb SPI Serial CMOS EEPROM
January, 2012 ??Rev. 23
CAT25010 ONSEMI-CAT25010_12 Datasheet
198Kb / 18P
   1-Kb, 2-Kb and 4-Kb SPI Serial CMOS EEPROM
January, 2012 ??Rev. 23
CAT25010 ONSEMI-CAT25010 Datasheet
185Kb / 15P
   1-Kb, 2-Kb and 4-Kb SPI Serial CMOS EEPROM
February, 2010 ??Rev. 21
CAT25040LI-G ONSEMI-CAT25040LI-G Datasheet
198Kb / 18P
   1-Kb, 2-Kb and 4-Kb SPI Serial CMOS EEPROM
January, 2012 ??Rev. 23
CAT25010 ONSEMI-CAT25010_15 Datasheet
131Kb / 15P
   1-Kb, 2-Kb and 4-Kb SPI Serial CMOS EEPROM
July, 2015 ??Rev. 25
logo
Catalyst Semiconductor
CAT24C01 CATALYST-CAT24C01 Datasheet
370Kb / 17P
   1-Kb, 2-Kb, 4-Kb, 8-Kb and 16-Kb CMOS Serial EEPROM
logo
ON Semiconductor
CAT24C01 ONSEMI-CAT24C01_16 Datasheet
182Kb / 23P
   1-Kb, 2-Kb, 4-Kb, 8-Kb and 16-Kb I2C CMOS Serial EEPROM
November, 2016 ??Rev. 31
CAT24C01 ONSEMI-CAT24C01_12 Datasheet
215Kb / 20P
   1-Kb, 2-Kb, 4-Kb, 8-Kb and 16-Kb I2C CMOS Serial EEPROM
September, 2012 ??Rev. 22
CAT24C04WI ONSEMI-CAT24C04WI Datasheet
232Kb / 21P
   1-Kb, 2-Kb, 4-Kb, 8-Kb and 16-Kb I2C CMOS Serial EEPROM
July, 2013 ??Rev. 27
CAT24C01LI-G ONSEMI-CAT24C01LI-G Datasheet
237Kb / 21P
   1-Kb, 2-Kb, 4-Kb, 8-Kb and 16-Kb I2C CMOS Serial EEPROM
July, 2013 ??Rev. 27
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com