Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

CAT25020VP2ET3 Arkusz danych(PDF) 5 Page - Catalyst Semiconductor

Numer części CAT25020VP2ET3
Szczegółowy opis  1-Kb, 2-Kb and 4-Kb SPI Serial CMOS EEPROM
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  CATALYST [Catalyst Semiconductor]
Strona internetowa  http://www.catalyst-semiconductor.com
Logo CATALYST - Catalyst Semiconductor

CAT25020VP2ET3 Arkusz danych(HTML) 5 Page - Catalyst Semiconductor

  CAT25020VP2ET3 Datasheet HTML 1Page - Catalyst Semiconductor CAT25020VP2ET3 Datasheet HTML 2Page - Catalyst Semiconductor CAT25020VP2ET3 Datasheet HTML 3Page - Catalyst Semiconductor CAT25020VP2ET3 Datasheet HTML 4Page - Catalyst Semiconductor CAT25020VP2ET3 Datasheet HTML 5Page - Catalyst Semiconductor CAT25020VP2ET3 Datasheet HTML 6Page - Catalyst Semiconductor CAT25020VP2ET3 Datasheet HTML 7Page - Catalyst Semiconductor CAT25020VP2ET3 Datasheet HTML 8Page - Catalyst Semiconductor CAT25020VP2ET3 Datasheet HTML 9Page - Catalyst Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
CAT25010, CAT25020, CAT25040
© Catalyst Semiconductor, Inc.
5
Doc. No. MD-1006 Rev. T
Characteristics subject to change without notice
STATUS REGISTER
The Status Register, as shown in Table 2, contains a
number of status and control bits.
The RDY
¯¯¯¯ (Ready) bit indicates whether the device is
busy with a write operation. This bit is automatically
set to 1 during an internal write cycle, and reset to 0
when the device is ready to accept commands. For
the host, this bit is read only.
The WEL (Write Enable Latch) bit is set/reset by the
WREN/WRDI commands. When set to 1, the device is
in a Write Enable state and when set to 0, the device
is in a Write Disable state.
The BP0 and BP1 (Block Protect) bits determine
which blocks are currently write protected. They are
set by the user with the WRSR command and are
non-volatile. The user is allowed to protect a quarter,
one half or the entire memory, by setting these bits
according to Table 3. The protected blocks then
become read-only.
Table 2. Status Register
7
6
5
4
3
2
1
0
1
1
1
1
BP1
BP0
WEL
RDY
¯¯¯¯
Table 3. Block Protection Bits
Status Register Bits
BP1
BP0
Array Address Protected
Protection
0
0
None
No Protection
0
1
CAT25010: 060-07F
CAT25020: 0C0-0FF
CAT25040: 180-1FF
Quarter Array Protection
1
0
CAT25010: 040-07F
CAT25020: 080-0FF
CAT25040: 100-1FF
Half Array Protection
1
1
CAT25010: 000-07F
CAT25020: 000-0FF
CAT25040: 000-1FF
Full Array Protection


Podobny numer części - CAT25020VP2ET3

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ON Semiconductor
CAT25020VP2E-GT3 ONSEMI-CAT25020VP2E-GT3 Datasheet
185Kb / 15P
   1-Kb, 2-Kb and 4-Kb SPI Serial CMOS EEPROM
February, 2010 ??Rev. 21
CAT25020VP2E-T3 ONSEMI-CAT25020VP2E-T3 Datasheet
185Kb / 15P
   1-Kb, 2-Kb and 4-Kb SPI Serial CMOS EEPROM
February, 2010 ??Rev. 21
CAT25020VP2E.GT3 ONSEMI-CAT25020VP2E.GT3 Datasheet
198Kb / 18P
   1-Kb, 2-Kb and 4-Kb SPI Serial CMOS EEPROM
January, 2012 ??Rev. 23
More results

Podobny opis - CAT25020VP2ET3

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ON Semiconductor
CAT25010YI-G ONSEMI-CAT25010YI-G Datasheet
198Kb / 18P
   1-Kb, 2-Kb and 4-Kb SPI Serial CMOS EEPROM
January, 2012 ??Rev. 23
CAT25010 ONSEMI-CAT25010_12 Datasheet
198Kb / 18P
   1-Kb, 2-Kb and 4-Kb SPI Serial CMOS EEPROM
January, 2012 ??Rev. 23
CAT25010 ONSEMI-CAT25010 Datasheet
185Kb / 15P
   1-Kb, 2-Kb and 4-Kb SPI Serial CMOS EEPROM
February, 2010 ??Rev. 21
CAT25040LI-G ONSEMI-CAT25040LI-G Datasheet
198Kb / 18P
   1-Kb, 2-Kb and 4-Kb SPI Serial CMOS EEPROM
January, 2012 ??Rev. 23
CAT25010 ONSEMI-CAT25010_15 Datasheet
131Kb / 15P
   1-Kb, 2-Kb and 4-Kb SPI Serial CMOS EEPROM
July, 2015 ??Rev. 25
logo
Catalyst Semiconductor
CAT24C01 CATALYST-CAT24C01 Datasheet
370Kb / 17P
   1-Kb, 2-Kb, 4-Kb, 8-Kb and 16-Kb CMOS Serial EEPROM
logo
ON Semiconductor
CAT24C01 ONSEMI-CAT24C01_16 Datasheet
182Kb / 23P
   1-Kb, 2-Kb, 4-Kb, 8-Kb and 16-Kb I2C CMOS Serial EEPROM
November, 2016 ??Rev. 31
CAT24C01 ONSEMI-CAT24C01_12 Datasheet
215Kb / 20P
   1-Kb, 2-Kb, 4-Kb, 8-Kb and 16-Kb I2C CMOS Serial EEPROM
September, 2012 ??Rev. 22
CAT24C04WI ONSEMI-CAT24C04WI Datasheet
232Kb / 21P
   1-Kb, 2-Kb, 4-Kb, 8-Kb and 16-Kb I2C CMOS Serial EEPROM
July, 2013 ??Rev. 27
CAT24C01LI-G ONSEMI-CAT24C01LI-G Datasheet
237Kb / 21P
   1-Kb, 2-Kb, 4-Kb, 8-Kb and 16-Kb I2C CMOS Serial EEPROM
July, 2013 ??Rev. 27
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com