Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

YTD428 Arkusz danych(PDF) 6 Page - YAMAHA CORPORATION

Numer części YTD428
Szczegółowy opis  IDSU ISDN DSU for Terminal Equipment
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  YAMAHA [YAMAHA CORPORATION]
Strona internetowa  http://www.yamaha.com
Logo YAMAHA - YAMAHA CORPORATION

YTD428 Arkusz danych(HTML) 6 Page - YAMAHA CORPORATION

Back Button YTD428 Datasheet HTML 2Page - YAMAHA CORPORATION YTD428 Datasheet HTML 3Page - YAMAHA CORPORATION YTD428 Datasheet HTML 4Page - YAMAHA CORPORATION YTD428 Datasheet HTML 5Page - YAMAHA CORPORATION YTD428 Datasheet HTML 6Page - YAMAHA CORPORATION YTD428 Datasheet HTML 7Page - YAMAHA CORPORATION YTD428 Datasheet HTML 8Page - YAMAHA CORPORATION YTD428 Datasheet HTML 9Page - YAMAHA CORPORATION YTD428 Datasheet HTML 10Page - YAMAHA CORPORATION Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 28 page
background image
- 4 -
BLOCK DIAGRAM
2. BLOCK DIAGRAM
2.1 Internal Block Diagram
ADC
CT block
Interface
switch section
TTL I/F
U ref. pt.
driver control
LT block
S/T ref. pt. LSI
YTD418 or
YTD423
T ref. pt. I/F section
U ref. pt. I/F section
YTD428
CT/LT section
T ref. pt.
receiver
T ref. pt.
driver
Peak hold
Variable
Amplifier
CT : Circuit Termination
LT : Line Termination


Podobny numer części - YTD428

ProducentNumer częściArkusz danychSzczegółowy opis
logo
YAMAHA CORPORATION
YTD428 YAMAHA-YTD428 Datasheet
183Kb / 14P
   DSU LSI for the ISDN Terminal Equipment
More results

Podobny opis - YTD428

ProducentNumer częściArkusz danychSzczegółowy opis
logo
YAMAHA CORPORATION
YTD428 YAMAHA-YTD428 Datasheet
183Kb / 14P
   DSU LSI for the ISDN Terminal Equipment
logo
List of Unclassifed Man...
YTD439 ETC-YTD439 Datasheet
179Kb / 15P
   ISDN BRI controller for Terminal Equipment with built-in DSU
YTD427 ETC-YTD427 Datasheet
172Kb / 23P
   ISDN DSU Analog Front End
PDIGTR ETC2-PDIGTR Datasheet
110Kb / 1P
   APC Surge Module for Digital Phone Line (T1, CSU, DSU, ISDN, DLL), Replaceable, 1U, for PRM4, PRM24
logo
Asahi Kasei Microsystem...
AK2305 AKM-AK2305 Datasheet
481Kb / 43P
   Dual PCM CODEC for ISDN TERMINAL ADAPTER
logo
Supertex, Inc
HV9605 SUTEX-HV9605 Datasheet
33Kb / 5P
   High Voltage Current Mode PWM Controller for ISDN Equipment
logo
Siemens Semiconductor G...
PSB2110 SIEMENS-PSB2110 Datasheet
5Mb / 183P
   ISDN TERMINAL ADAPTER CIRCUIT
logo
Actel Corporation
G704-E1 ACTEL-G704-E1 Datasheet
245Kb / 5P
   ISDN Terminal Equipment E2 Interface (multi G704 on chip) E1-ATM Interface
logo
Asahi Kasei Microsystem...
AK2306 AKM-AK2306 Datasheet
469Kb / 38P
   Dual PCM CODEC for ISDN/VoIP TERMINAL ADAPTER
logo
NIHON DEMPA KOGYO
NP3225SC NDK-NP3225SC Datasheet
628Kb / 1P
   For communication equipment for ISDN, SDH/SONET, WiMAX, etc. and Base-stations
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com