Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

YTD436 Arkusz danych(PDF) 11 Page - YAMAHA CORPORATION

Numer części YTD436
Szczegółowy opis  ISTC ISDN BRI controller with S/T ref. pt. analog D/R
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  YAMAHA [YAMAHA CORPORATION]
Strona internetowa  http://www.yamaha.com
Logo YAMAHA - YAMAHA CORPORATION

YTD436 Arkusz danych(HTML) 11 Page - YAMAHA CORPORATION

Back Button YTD436 Datasheet HTML 6Page - YAMAHA CORPORATION YTD436 Datasheet HTML 7Page - YAMAHA CORPORATION YTD436 Datasheet HTML 8Page - YAMAHA CORPORATION YTD436 Datasheet HTML 9Page - YAMAHA CORPORATION YTD436 Datasheet HTML 10Page - YAMAHA CORPORATION YTD436 Datasheet HTML 11Page - YAMAHA CORPORATION YTD436 Datasheet HTML 12Page - YAMAHA CORPORATION YTD436 Datasheet HTML 13Page - YAMAHA CORPORATION YTD436 Datasheet HTML 14Page - YAMAHA CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
- 11 -
DC Characteristics
When DVDD = 5 V
± 5 %, AVDD = 5 V ± 5 % (VDSEL=”H”, Top = - 30 to + 85 ºC)
r
e
t
e
m
a
r
a
Pl
o
b
m
y
Sn
o
i
t
i
d
n
o
C.
n
i
M.
p
y
T.
x
a
Ms
t
i
n
U
e
g
a
t
l
o
V
t
u
p
n
I
l
e
v
e
L
-
h
g
i
H)
S
O
M
C
(V H
I
D
(
1
e
t
o
N
)V
D
8
.
0
D
D
V
e
g
a
t
l
o
V
t
u
p
n
I
l
e
v
e
L
-
w
o
L)
S
O
M
C
(V L
I
D
(
1
e
t
o
N
)V
D
2
.
0
D
D
V
e
g
a
t
l
o
V
t
u
p
n
I
l
e
v
e
L
-
h
g
i
H)
L
T
T
(V H
I
D
(
2
e
t
o
N
)2
.
2V
e
g
a
t
l
o
V
t
u
p
n
I
l
e
v
e
L
-
w
o
L)
L
T
T
(V L
I
D
(
2
e
t
o
N
)8
.
0V
e
g
a
t
l
o
V
t
u
p
t
u
O
l
e
v
e
L
-
h
g
i
H)
S
O
M
C
(V
H
O
D
I
|
H
O
D
A
µ
0
1
<
|V
D
D
D
4
.
0
-V
e
g
a
t
l
o
V
t
u
p
t
u
O
l
e
v
e
L
-
w
o
L)
S
O
M
C
(V
L
O
D
I
|
L
O
D
A
µ
0
1
<
|V
D
S
S
4
.
0
+V
e
g
a
t
l
o
V
t
u
p
t
u
O
l
e
v
e
L
-
h
g
i
H)
L
T
T
(V
H
O
D
(
3
e
t
o
N
)7
.
2V
e
g
a
t
l
o
V
t
u
p
t
u
O
l
e
v
e
L
-
w
o
L)
L
T
T
(V
L
O
D
(
3
e
t
o
N
)4
.
0V
e
g
a
t
l
o
V
t
u
p
t
u
O
l
e
v
e
L
-
w
o
L)
D
-
n
e
p
O
(V
L
O
D
(
4
e
t
o
N
)4
.
0V
t
n
e
r
r
u
C
e
g
a
k
a
e
LIL
0
1
-0
1A
µ
t
n
e
r
r
u
C
e
g
a
k
a
e
L
e
t
a
t
S
-
f
f
OI Z
L
(
5
e
t
o
N
)0
1
-0
1A
µ
)
k
c
o
l
b
l
a
t
i
g
i
D
(
t
n
e
r
r
u
C
y
l
p
p
u
S
r
e
w
o
PI
D D
D
(
6
e
t
o
N
)2
.
0
1A
m
(
7
e
t
o
N
, 9)1
.
0A
m
)
k
c
o
l
b
g
o
l
a
n
A
(
t
n
e
r
r
u
C
y
l
p
p
u
S
r
e
w
o
PI
A D
D
(
6
e
t
o
N
, 0
1 )8
.
4A
m
(
7
e
t
o
N
, 0
1 )4
.
0A
m
(
8
e
t
o
N
, 0
1 )1
.
0A
m
Note 1:
––––––––––––––––––
–––––––––––––––
–––––––––––––––
With respect to X1, PSDET, PDET, PDSEL, WAKEUP, RESET, CLKSEL, TEST1, VDSEL
pins (except for the analog pins).
Note 2: With respect to other pins (except for the analog pins).
Note 3: CLKOUT pin
Test condition: IDOH = - 1.0 mA, IDOL = 2.0 mA
other output pins
Test condition: IDOH = - 0.4 mA, IDOL = 1.2 mA
Note 4:
–––––––––
HTD, LTD, INT pin Test condition : IDOL = 1.2 mA
––––––––––––
INF1 pin
Test condition : IDOL = 3 mA
RBHW pin
Test condition : RL = 500
Note 5:
––––––––––––
With respect to cases in which D0 - D15, and A0 - A15 pins are in the input state and MWR and
––––––––––
MRD pins are in Hi-Z state.
Note 6: RUN state (connecting with a B channel, transferring all “0”, SYSCLK = 8 MHz, using internal
driver/receiver, assuming as VDIH = DVDD, VDIL = DVSS )
Note 7: SLEEP state
Note 8: SLEEP state + Line interface disconnection
Note 9: When SYSCLK is stopped.
Note 10: When using internal driver/receiver


Podobny numer części - YTD436

ProducentNumer częściArkusz danychSzczegółowy opis
logo
List of Unclassifed Man...
YTD439 ETC-YTD439 Datasheet
179Kb / 15P
   ISDN BRI controller for Terminal Equipment with built-in DSU
More results

Podobny opis - YTD436

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Macronix International
MX97102 MCNIX-MX97102 Datasheet
309Kb / 42P
   ISDN S/T CONTROLLER
logo
List of Unclassifed Man...
YTD439 ETC-YTD439 Datasheet
179Kb / 15P
   ISDN BRI controller for Terminal Equipment with built-in DSU
logo
Winbond
W6692 WINBOND-W6692 Datasheet
515Kb / 104P
   PCI Bus ISDN S/T-Controller
W6694 WINBOND-W6694 Datasheet
472Kb / 33P
   USB Bus ISDN S/T-Controller
W66910 WINBOND-W66910 Datasheet
689Kb / 81P
   TE Mode ISDN S/T-Controller with Microprocessor Interface
logo
Motorola, Inc
MC145574 MOTOROLA-MC145574 Datasheet
1Mb / 164P
   ISDN S/T-Interface Transceiver
MC145474 MOTOROLA-MC145474 Datasheet
460Kb / 111P
   ISDN S/T Interface Transceiver
logo
National Semiconductor ...
TP3420A NSC-TP3420A Datasheet
524Kb / 32P
   ISDN S/T Interface Device
logo
Macronix International
MX97103 MCNIX-MX97103 Datasheet
82Kb / 13P
   ISDN S/T-PCI TRANSCEIVER
logo
Winbond
W6691 WINBOND-W6691 Datasheet
465Kb / 106P
   ISDN S/T Interface Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com