Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

IRF7410PBF Arkusz danych(PDF) 2 Page - International Rectifier

Numer części IRF7410PBF
Szczegółowy opis  HEXFET짰Power MOSFET
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  IRF [International Rectifier]
Strona internetowa  http://www.irf.com
Logo IRF - International Rectifier

IRF7410PBF Arkusz danych(HTML) 2 Page - International Rectifier

  IRF7410PBF Datasheet HTML 1Page - International Rectifier IRF7410PBF Datasheet HTML 2Page - International Rectifier IRF7410PBF Datasheet HTML 3Page - International Rectifier IRF7410PBF Datasheet HTML 4Page - International Rectifier IRF7410PBF Datasheet HTML 5Page - International Rectifier IRF7410PBF Datasheet HTML 6Page - International Rectifier IRF7410PBF Datasheet HTML 7Page - International Rectifier IRF7410PBF Datasheet HTML 8Page - International Rectifier IRF7410PBF Datasheet HTML 9Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
IRF7410PbF
2
www.irf.com
Parameter
Min. Typ. Max. Units
Conditions
IS
Continuous Source Current
MOSFET symbol
(Body Diode)
showing the
ISM
Pulsed Source Current
integral reverse
(Body Diode)

p-n junction diode.
VSD
Diode Forward Voltage
–––
–––
-1.2
V
TJ = 25°C, IS = -2.5A, VGS = 0V
‚
trr
Reverse Recovery Time
–––
97
145
ns
TJ = 25°C, IF = -2.5A
Qrr
Reverse Recovery Charge
–––
134
201
µC
di/dt = -100A/µs
‚
Source-Drain Ratings and Characteristics
A
-65
–––
–––
–––
-2.5
–––
S
D
G
 Repetitive rating; pulse width limited by
max. junction temperature.
Notes:
‚ Pulse width ≤ 400µs; duty cycle ≤ 2%.
Electrical Characteristics @ TJ = 25°C (unless otherwise specified)
ƒ Surface mounted on 1 in square Cu board, t ≤ 10sec.
Parameter
Min. Typ. Max. Units
Conditions
V(BR)DSS
Drain-to-Source Breakdown Voltage
-12
–––
–––
V
VGS = 0V, ID = -250µA
∆V(BR)DSS/∆TJ Breakdown Voltage Temp. Coefficient
––– 0.006 –––
V/°C
Reference to 25°C, ID = -1mA
–––
–––
7
VGS = -4.5V, ID = -16A
‚
––– –––
9
VGS = -2.5V, ID = -13.6A
‚
––– –––
13
VGS = -1.8V, ID = -11.5A
‚
VGS(th)
Gate Threshold Voltage
-0.4
–––
-0.9
V
VDS = VGS, ID = -250µA
gfs
Forward Transconductance
55
–––
–––
S
VDS = -10V, ID = -16A
–––
–––
-1.0
VDS = -9.6V, VGS = 0V
–––
–––
-25
VDS = -9.6V, VGS = 0V, TJ = 70°C
Gate-to-Source Forward Leakage
–––
–––
-100
VGS = -8V
Gate-to-Source Reverse Leakage
–––
–––
100
VGS = 8V
Qg
Total Gate Charge
–––
91
–––
ID = -16A
Qgs
Gate-to-Source Charge
–––
18
–––
nC
VDS = -9.6V
Qgd
Gate-to-Drain ("Miller") Charge
–––
25
–––
VGS = -4.5V
‚
td(on)
Turn-On Delay Time
–––
13
20
VDD = -6V, VGS = -4.5V
tr
Rise Time
–––
12
18
ID = -1.0A
td(off)
Turn-Off Delay Time
–––
271
407
RD = 6Ω
tf
Fall Time
–––
200
300
RG = 6Ω
‚
Ciss
Input Capacitance
––– 8676 –––
VGS = 0V
Coss
Output Capacitance
––– 2344 –––
pF
VDS = -10V
Crss
Reverse Transfer Capacitance
––– 1604 –––
ƒ = 1.0MHz
IGSS
µA
m
RDS(on)
Static Drain-to-Source On-Resistance
IDSS
Drain-to-Source Leakage Current
nA
ns


Podobny numer części - IRF7410PBF

ProducentNumer częściArkusz danychSzczegółowy opis
logo
International Rectifier
IRF7410PBF IRF-IRF7410PBF Datasheet
216Kb / 9P
   Ultra Low On-Resistance
IRF7410PBF-1 IRF-IRF7410PBF-1 Datasheet
200Kb / 10P
   Industry-standard pinout SO-8 Package
IRF7410PBF-1 IRF-IRF7410PBF-1_15 Datasheet
200Kb / 10P
   Industry-standard pinout SO-8 Package
IRF7410PBF IRF-IRF7410PBF_15 Datasheet
216Kb / 9P
   Ultra Low On-Resistance
More results

Podobny opis - IRF7410PBF

ProducentNumer częściArkusz danychSzczegółowy opis
logo
International Rectifier
IRL3715ZPBF IRF-IRL3715ZPBF Datasheet
273Kb / 13P
   HEXFET짰Power MOSFET
IRFZ44NSPBF IRF-IRFZ44NSPBF Datasheet
339Kb / 11P
   HEXFET짰Power MOSFET
IRF7821PBF IRF-IRF7821PBF Datasheet
285Kb / 10P
   HEXFET짰Power MOSFET
IRFP450NPBF IRF-IRFP450NPBF Datasheet
174Kb / 8P
   HEXFET짰Power MOSFET
IRFB4310PBF IRF-IRFB4310PBF Datasheet
381Kb / 12P
   HEXFET짰Power MOSFET
IRF7495PBF IRF-IRF7495PBF Datasheet
147Kb / 8P
   HEXFET짰Power MOSFET
IRFB3207PBF IRF-IRFB3207PBF Datasheet
383Kb / 12P
   HEXFET짰Power MOSFET
IRLI3705NPBF IRF-IRLI3705NPBF Datasheet
1Mb / 9P
   HEXFET짰Power MOSFET
IRLR8743PBF IRF-IRLR8743PBF Datasheet
369Kb / 11P
   HEXFET짰Power MOSFET
IRF9910PBF IRF-IRF9910PBF Datasheet
205Kb / 10P
   HEXFET짰Power MOSFET
IRF7316PBF IRF-IRF7316PBF Datasheet
203Kb / 7P
   HEXFET짰Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com