Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TP5322N8 Arkusz danych(PDF) 2 Page - Supertex, Inc

Numer części TP5322N8
Szczegółowy opis  P-Channel Enhancement-Mode Vertical DMOS FETs
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  SUTEX [Supertex, Inc]
Strona internetowa  http://www.supertex.com
Logo SUTEX - Supertex, Inc

TP5322N8 Arkusz danych(HTML) 2 Page - Supertex, Inc

  TP5322N8 Datasheet HTML 1Page - Supertex, Inc TP5322N8 Datasheet HTML 2Page - Supertex, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
2
TP5322
Electrical Characteristics
Symbol
Parameter
Min
Typ
Max
Units
Conditions
BV
DSS
Drain-to-source breakdown voltage
-220
-
-
V
V
GS = 0V, ID = -2.0mA
V
GS(TH)
Gate threshold voltage
-1.0
-
-2.4
V
V
GS = VDS, ID = -1.0mA
ΔV
GS(TH)
Change in V
GS(TH) with temperature
-
-
4.5
mV/OCV
GS = VDS, ID = -1.0mA
I
GSS
Gate body leakage current
-
-
-100
nA
V
GS = ±20V, VDS = 0V
I
D(SS)
Zero gate voltage drain current
-
-
-10
µA
V
DS = Max rating, VGS = 0V
-
-
-1.0
mA
V
DS = 0.8 Max Rating,
V
GS = 0V, TA = 125
OC
I
D(ON)
ON-state drain current
-0.7
-0.95
-
A
V
GS = -10V, VDS = -25V
R
DS(ON)
Static drain-to-source ON-state
resistance
-10
15
Ω
V
GS = -4.5V, ID = -100mA
8.0
12
V
GS = -10V, ID = -200mA
ΔR
DS(ON)
Change in R
DS(ON) with temperature
-
-
1.7
%/OCV
GS = -10V, ID = -200mA
G
FS
Forward transconductance
100
250
-
mmho
V
DS = -25V, ID = -200mA
C
ISS
Input capacitance
-
110
pF
V
GS = 0V,
V
DS = -25V,
f = 1MHz
C
OSS
Common source output capacitance
-
45
C
RSS
Reverse transfer capacitance
-
20
t
d(ON)
Turn-ON delay time
-
-
10
ns
V
DD = -25V,
I
D = -0.7A,
R
GEN = 25Ω,
t
r
Rise time
-
-
15
t
d(OFF)
Turn-OFF delay time
-
-
20
t
f
Fall time
-
-
15
V
SD
Diode forward voltage drop
-
-
-1.8
V
V
GS = 0V, ISD = -0.5A
t
rr
Reverse recovery time
-
300
-
ns
V
GS = 0V, ISD = -0.5A
Notes: 1.All D.C. parameters 100% tested at 25OC unless otherwise stated. (Pulse test: 300µs pulse, 2% duty cycle.)
2.All A.C. parameters sample tested.
Thermal Characteristics
Package
I
D
(continuous)1
I
D
(pulsed)
Power Dissipation
@T
C = 25
OC
Θ
jc (
OC/W)
Θ
jc (
OC/W)
I
DR
1
I
DRM
TO-236AB
-0.12A
-0.70A
0.36W
200
350
-0.12A
-0.7A
TO-243AA
-0.26A
-0.90A
1.6W2
15
782
-0.26A
-0.9A
Notes:
1. I
D (continuous) is limited by max rated Tj.
2. Mounted on FR4 board, 25mm x 25mm x 1.57mm. Significant P
D increase possible on ceramic substrate.
Switching Waveforms and Test Circuit
90%
10%
90%
90%
10%
10%
PULSE
GENERATOR
VDD
RL
Output
D.U.T.
t
(ON)
t
d(ON)
t
(OFF)
t
d(OFF)
t
F
t
r
INPUT
INPUT
OUTPUT
0V
V
DD
RGEN
0V
-10V


Podobny numer części - TP5322N8

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Supertex, Inc
TP5322N8 SUTEX-TP5322N8 Datasheet
306Kb / 2P
   P-Channel Enhancement-Mode Vertical DMOS FET
TP5322N8-G SUTEX-TP5322N8-G Datasheet
306Kb / 2P
   P-Channel Enhancement-Mode Vertical DMOS FET
TP5322N8-G SUTEX-TP5322N8-G Datasheet
686Kb / 4P
   P-Channel Enhancement-Mode Vertical DMOS FET
More results

Podobny opis - TP5322N8

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Supertex, Inc
VP1504 SUTEX-VP1504 Datasheet
339Kb / 2P
   P-Channel Enhancement-Mode Vertical DMOS FETs
TP2520 SUTEX-TP2520_07 Datasheet
576Kb / 5P
   P-Channel Enhancement Mode Vertical DMOS FETs
VP0104 SUTEX-VP0104 Datasheet
46Kb / 4P
   P-Channel Enhancement-Mode Vertical DMOS FETs
VP1506 SUTEX-VP1506 Datasheet
27Kb / 2P
   P-Channel Enhancement-Mode Vertical DMOS FETs
VP2106 SUTEX-VP2106 Datasheet
456Kb / 4P
   P-Channel Enhancement-Mode Vertical DMOS FETs
TP0606 SUTEX-TP0606 Datasheet
454Kb / 4P
   P-Channel Enhancement-Mode Vertical DMOS FETs
TP07L SUTEX-TP07L Datasheet
73Kb / 2P
   P-Channel Enhancement-Mode Vertical DMOS FETs????
TP2424N8-G SUTEX-TP2424N8-G Datasheet
347Kb / 3P
   P-Channel Enhancement Mode Vertical DMOS FETs
TP2540N3-G SUTEX-TP2540N3-G Datasheet
711Kb / 6P
   P-Channel Enhancement Mode Vertical DMOS FETs
TP0610T-G SUTEX-TP0610T-G Datasheet
656Kb / 5P
   P-Channel Enhancement Mode Vertical DMOS FETs
TP2635 SUTEX-TP2635_07 Datasheet
562Kb / 5P
   P- Channel Enhancement-Mode Vertical DMOS FETs
More results


Html Pages

1 2


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com