Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SLD-70C2 Arkusz danych(PDF) 1 Page - Silonex Inc.

Numer części SLD-70C2
Szczegółowy opis  Planar Photodiode
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  SILONEX [Silonex Inc.]
Strona internetowa  http://www.silonex.com/
Logo SILONEX - Silonex Inc.

SLD-70C2 Arkusz danych(HTML) 1 Page - Silonex Inc.

  SLD-70C2 Datasheet HTML 1Page - Silonex Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
5200 St. Patrick St., Montreal
The Old Railway, Princes Street
Que., H4E 4N9, Canada
Ulverston, Cumbria, LA12 7NQ, UK
Tel: 514-768-8000
Tel: 01 229 581 551
Fax: 514-768-8889
Fax: 01 229 581 554
QF-84
SLD-70C2
Planar Photodiode
Features
Planar photodiode
Low capacitance
Fast switching time
Low leakage current
Linear response vs irradiance
Multiple dark current ranges available
Description
The planar photodiode is designed to operate in either
photoconductive or photovoltaic modes. High sensitivity
and low dark current allow use in even low irradiance
applications. The photodiode is supplied on a ceramic
base with a clear epoxy dome package.
Absolute Maximum Ratings
Storage Temperature
-20
°C to +75°C
Operating Temperature
-20
°C to +75°C
Soldering Temperature (3)
260
°C
Notes: (1) Ee = source @ 2854
°K.
(2) Ee = source @
λ = 880 nm
(3) >2 mm from case for < 5 sec.
Chip Size = 3.6 mm X 3.6 mm
Active Area = 9.8 sq.mm.
Optical
Clear Epoxy
Anode
Cathode
Dimensions in mm.(+/- 0.2)
max.
Red dot
1.9
38 nom.
6.3
7.2
3.4
0.50 - 0.52
5.1
1.0
0.8
0.6
0.4
100°
90°
80°
70°
60°
50°
40°
30°
20°
10°
Half Angle = 60°
Directional Sensitivity Characteristics
20°
40°
60°
80°
100°
120°
0.0
0.2
0.4
0.6
0.8
1.0
Electrical Characteristics (TA=25°C unless otherwise noted)
Symbol
Parameter
MIN
TYP
MAX
UNITS
TEST CONDITIONS
ISC
Short Circuit Current
450
700
µA
VR=0V, Ee=25mW/cm
2 (1)
VOC
Open Circuit Voltage
0.40
V
Ee=25mw/cm
2
(1)
ID
Reverse Dark Current:
SLD-70C2A
100
nA
VR=100mV, Ee=0
SLD-70C2B
100
nA
VR=5V, Ee=0
SLD-70C2C
20
nA
VR=5V, Ee=0
SLD-70C2D
5
nA
VR=5V, Ee=0
SLD-70C2E
1
nA
VR=5V, Ee=0
CJ
Junction Capacitance
180
pF
VR=0, Ee=0, f=1MHz
tR
Rise Time
4
µs
VR=5V, RL=1kΩ (2)
tF
Fall Time
6
µs
VR=5V, RL=1kΩ (2)
TCI
Temp. Coef., ISC
+0.2
%/
°C (1)
VBR
Reverse Breakdown Voltage
50
V
IR=100µA
λ
P
Maximum Sensitivity Wavelength
930
nm
λ
R
Sensitivity Spectral Range
400
1100
nm
θ
1/2
Acceptance Half Angle
60
deg
(off center-line)
Specifications subject to change without notice.
101407 REV 4


Podobny numer części - SLD-70C2

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Silonex Inc.
SLD-70C2 SILONEX-SLD-70C2_15 Datasheet
50Kb / 1P
   Planar photodiode
More results

Podobny opis - SLD-70C2

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Silonex Inc.
SLD-68E1 SILONEX-SLD-68E1 Datasheet
36Kb / 1P
   Planar Photodiode
SLD-68HL1 SILONEX-SLD-68HL1 Datasheet
31Kb / 1P
   Planar Photodiode
SLD-69C1 SILONEX-SLD-69C1 Datasheet
26Kb / 1P
   Planar Photodiode
SLD-67HF2 SILONEX-SLD-67HF2 Datasheet
45Kb / 1P
   Planar Photodiode
SLD-70C2 SILONEX-SLD-70C2_15 Datasheet
50Kb / 1P
   Planar photodiode
SLD-70C1 SILONEX-SLD-70C1 Datasheet
31Kb / 1P
   Planar Photodiode
SLD-68HF1 SILONEX-SLD-68HF1 Datasheet
27Kb / 1P
   Planar Photodiode
SLSD-71N1 SILONEX-SLSD-71N1 Datasheet
32Kb / 1P
   Solderable Planar Photodiode
SLCD-61N5 SILONEX-SLCD-61N5 Datasheet
29Kb / 1P
   Solderable Planar Photodiode
SLCD-61N6 SILONEX-SLCD-61N6 Datasheet
31Kb / 1P
   Solderable Planar Photodiode
More results


Html Pages

1


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com