Zakładka z wyszukiwarką danych komponentów |
|
M27C1024-55C3X Arkusz danych(PDF) 6 Page - STMicroelectronics |
|
M27C1024-55C3X Arkusz danych(HTML) 6 Page - STMicroelectronics |
6 / 15 page Symbol Alt Parameter Test Condition M27C1024 Unit -70 -80/-90 -10/-12/ -15/-20 Min Max Min Max Min Max tAVQV tACC Address Valid to Output Valid E = VIL,G = VIL 70 80 100 ns tELQV tCE Chip Enable Low to Output Valid G = VIL 70 80 100 ns tGLQV tOE Output Enable Low to Output Valid E = VIL 35 40 50 ns tEHQZ (2) tDF Chip Enable High to Output Hi-Z G = VIL 0 30 0 30 0 30 ns tGHQZ (2) tDF Output Enable High to Output Hi-Z E = VIL 0 30 0 30 0 30 ns tAXQX tOH Address Transition to Output Transition E= VIL,G = VIL 000 ns Notes: 1. VCC must be applied simultaneously with or before VPP and removed simultaneously with or after VPP. 2. Sampled only, not 100% tested. Table 8B. Read Mode AC Characteristics (1) (TA = 0 to 70 °C, –40 to 85 °C; –40 to 105 °C or –40 to 125 °C; VCC =5V ± 5% or 5V ± 10%; VPP =VCC) AI00705B tAXQX tEHQZ A0-A15 E G Q0-Q15 tAVQV tGHQZ tGLQV tELQV VALID Hi-Z VALID Figure 5. Read Mode AC Waveforms 6/15 M27C1024 |
Podobny numer części - M27C1024-55C3X |
|
Podobny opis - M27C1024-55C3X |