Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TLC2252CPW Arkusz danych(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Numer części TLC2252CPW
Szczegółowy opis  Advanced LinCMOS??RAIL-TO-RAIL VERY LOW-POWER OPERATIONAL AMPLIFIERS
Download  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI - Texas Instruments

TLC2252CPW Arkusz danych(HTML) 9 Page - Texas Instruments

Back Button TLC2252CPW Datasheet HTML 5Page - Texas Instruments TLC2252CPW Datasheet HTML 6Page - Texas Instruments TLC2252CPW Datasheet HTML 7Page - Texas Instruments TLC2252CPW Datasheet HTML 8Page - Texas Instruments TLC2252CPW Datasheet HTML 9Page - Texas Instruments TLC2252CPW Datasheet HTML 10Page - Texas Instruments TLC2252CPW Datasheet HTML 11Page - Texas Instruments TLC2252CPW Datasheet HTML 12Page - Texas Instruments TLC2252CPW Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 73 page
background image
TLC225x, TLC225xA
Advanced LinCMOS
 RAIL-TO-RAIL
VERY LOW-POWER OPERATIONAL AMPLIFIERS
SLOS176D – FEBRUARY 1997 – REVISED MARCH 2001
9
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
operating characteristics at specified free-air temperature, VDD± = ±5 V
PARAMETER
TEST CONDITIONS
T †
TLC2252C
UNIT
PARAMETER
TEST CONDITIONS
TA†
MIN
TYP
MAX
UNIT
VO = ± 19 V
RL = 100 kΩ
25
°C
0.07
0.12
SR
Slew rate at unity gain
VO = ± 1.9 V,
CL = 100 pF
RL = 100 kΩ,
Full
range
0.05
V/
µs
V
Equivalent input noise voltage
f = 10 Hz
25
°C
38
nV/
√Hz
Vn
Equivalent input noise voltage
f = 1 kHz
25
°C
19
nV/
√Hz
VN(PP)
Peak to peak equivalent input noise voltage
f = 0.1 Hz to 1 Hz
25
°C
0.8
µV
VN(PP)
Peak-to-peak equivalent input noise voltage
f = 0.1 Hz to 10 Hz
25
°C
1.1
µV
In
Equivalent input noise current
25
°C
0.6
fA
√Hz
THD+N
Total harmonic distortion pulse duration
VO = ± 2.3 V,
f
10 kHz
AV = 1
25
°C
0.2%
THD + N
Total harmonic distortion pulse duration
f = 10 kHz,
RL = 50 kΩ
AV = 10
25
°C
1%
Gain-bandwidth product
f = 10 kHz,
CL = 100 pF
RL = 50 kΩ,
25
°C
0.21
MHz
BOM
Maximum output-swing bandwidth
VO(PP) = 4.6 V,
RL = 50 kΩ,
AV = 1,
CL = 100 pF
25
°C
14
kHz
φm
Phase margin at unity gain
RL =50kΩ
CL = 100 pF
25
°C
63
°
Gain margin
RL = 50 kΩ,
CL = 100 pF
25
°C
15
dB
† Full range is 0
°C to 70°C.


Podobny numer części - TLC2252CPW

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
TLC2252CPW TI-TLC2252CPW Datasheet
1Mb / 71P
[Old version datasheet]   Advanced LinCMOS TM RAIL-TO-RAIL VERY LOW-POWER OPERATIONAL AMPLIFIERS
TLC2252CPW TI-TLC2252CPW Datasheet
1Mb / 74P
[Old version datasheet]   Advanced LinCMOS RAIL-TO-RAIL VERY LOW-POWER OPERATIONAL AMPLIFIERS
TLC2252CPW TI1-TLC2252CPW Datasheet
2Mb / 72P
[Old version datasheet]   Advanced LinCMOS田?RAIL-TO-RAIL VERY LOW-POWER OPERATIONAL AMPLIFIERS
TLC2252CPWG4 TI1-TLC2252CPWG4 Datasheet
2Mb / 72P
[Old version datasheet]   Advanced LinCMOS田?RAIL-TO-RAIL VERY LOW-POWER OPERATIONAL AMPLIFIERS
TLC2252CPWLE TI-TLC2252CPWLE Datasheet
926Kb / 57P
[Old version datasheet]   Advanced LinCMOSE RAIL-TO-RAIL VERY LOW-POWER OPERATIONAL AMPLIFIERS
More results

Podobny opis - TLC2252CPW

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
TLC225X-EP TI1-TLC225X-EP_15 Datasheet
1Mb / 39P
[Old version datasheet]   ADVANCED LINCMOS RAIL-TO-RAIL VERY LOW-POWER OPERATIONAL AMPLIFIERS
TLC2252-EP TI1-TLC2252-EP Datasheet
999Kb / 38P
[Old version datasheet]   Advanced LinCMOS??RAIL-TO-RAIL VERY LOW-POWER OPERATIONAL AMPLIFIERS
TLV225X-Q1 TI1-TLV225X-Q1 Datasheet
735Kb / 37P
[Old version datasheet]   Advanced LinCMOS RAIL-TO-RAIL VERY LOW-POWER OPERATIONAL AMPLIFIERS
TLV255X TI-TLV255X Datasheet
1Mb / 53P
[Old version datasheet]   ADVANCED LINCMOS RAIL-TO-RAIL VERY LOW-POWER OPERATIONAL AMPLIFIERS
TLV2252-Q1 TI1-TLV2252-Q1 Datasheet
695Kb / 36P
[Old version datasheet]   Advanced LinCMOS??RAIL-TO-RAIL VERY LOW-POWER OPERATIONAL AMPLIFIERS
TLC225X TI-TLC225X_08 Datasheet
1Mb / 74P
[Old version datasheet]   Advanced LinCMOS RAIL-TO-RAIL VERY LOW-POWER OPERATIONAL AMPLIFIERS
TLC225X-Q1 TI-TLC225X-Q1 Datasheet
706Kb / 35P
[Old version datasheet]   advanced LinCMOS RAIL-TO-RAIL VERY LOW-POWER OPERATIONAL AMPLIFIERS
TLC225X TI1-TLC225X_16 Datasheet
2Mb / 72P
[Old version datasheet]   Advanced LinCMOS田?RAIL-TO-RAIL VERY LOW-POWER OPERATIONAL AMPLIFIERS
TLC225X TI-TLC225X_01 Datasheet
1Mb / 71P
[Old version datasheet]   Advanced LinCMOS TM RAIL-TO-RAIL VERY LOW-POWER OPERATIONAL AMPLIFIERS
TLC225X-Q1 TI1-TLC225X-Q1_16 Datasheet
1Mb / 43P
[Old version datasheet]   Advanced LinCMOS田?RAIL-TO-RAIL VERY LOW-POWER OPERATIONAL AMPLIFIERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com