Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

2N3019 Arkusz danych(PDF) 2 Page - Semicoa Semiconductor

Numer części 2N3019
Szczegółowy opis  Silicon NPN Transistor
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  SEMICOA [Semicoa Semiconductor]
Strona internetowa  http://www.semicoa.com/
Logo SEMICOA - Semicoa Semiconductor

2N3019 Arkusz danych(HTML) 2 Page - Semicoa Semiconductor

  2N3019 Datasheet HTML 1Page - Semicoa Semiconductor 2N3019 Datasheet HTML 2Page - Semicoa Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Copyright
 2002
Semicoa Semiconductors, Inc.
Rev. F
333 McCormick Avenue, Costa Mesa, California 92626 714.979.1900, FAX 714.557.4541
Page 2 of 2
www.SEMICOA.com
2N3019
Silicon NPN Transistor
Data Sheet
ELECTRICAL CHARACTERISTICS
characteristics specified at TA = 25°C
Off Characteristics
Parameter
Symbol
Test Conditions
Min
Typ
Max
Units
Collector-Emitter Breakdown Voltage
V(BR)CEO
IC = 30 mA
80
Volts
Collector-Base Cutoff Current
ICBO1
VCB = 140 Volts
10
µA
Collector-Emitter Cutoff Current
ICES1
VCE = 90 Volts
10
nA
Collector-Emitter Cutoff Current
ICES2
VCE = 90 Volts, TA = 150°C
10
µA
Emitter-Base Cutoff Current
IEBO1
VEB = 7 Volts
10
µA
Emitter-Base Cutoff Current
IEBO2
VEB = 5 Volts
10
nA
On Characteristics
Pulse Test: Pulse Width = 300
µs, Duty Cycle ≤ 2.0%
Parameter
Symbol
Test Conditions
Min
Typ
Max
Units
DC Current Gain
hFE1
hFE2
hFE3
hFE4
hFE5
hFE6
IC = 150 mA, VCE = 10 Volts
IC = 0.1 mA, VCE = 10 Volts
IC = 10 mA, VCE = 10 Volts
IC = 500 mA, VCE = 10 Volts
IC = 1 A, VCE = 10 Volts
IC = 150 mA, VCE = 10 Volts
TA = -55°C
100
50
90
50
15
40
300
200
200
Base-Emitter Saturation Voltage
VBEsat
IC = 150 mA, IB = 15 mA
1.1
Volts
Collector-Emitter Saturation Voltage
VCEsat1
VCEsat2
IC = 150 mA, IB = 15 mA
IC = 500 mA, IB = 50 mA
0.2
0.5
Volts
Small Signal Characteristics
Parameter
Symbol
Test Conditions
Min
Typ
Max
Units
Magnitude – Common Emitter, Short
Circuit Forward Current Transfer Ratio
|hFE|
VCE = 10 Volts, IC = 50 mA,
f = 20 MHz
5
20
Small Signal Short Circuit Forward
Current Transfer Ratio
hFE
VCE = 5 Volts, IC = 1 mA,
f = 1 kHz
80
400
Open Circuit Output Capacitance
COBO
VCB = 10 Volts, IE = 0 mA,
100 kHZ < f < 1 MHz
12
pF
Open Circuit Input Capacitance
CIBO
VEB = 0.5 Volts, IC = 0 mA,
100 kHZ < f < 1 MHz
60
pF
Collector Base time constant
rb’CC
VCB = 10 Volts, IE = 10 mA,
f = 79.8 MHz
400
ps
Noise Figure
NF
VCE = 10 Volts, IC = 100 µA,
f = 200 Hz, Rg = 1 kΩ
4
dB
Switching Characteristics
Saturated Turn-On Time
tON +tOFF
30
ns


Podobny numer części - 2N3019

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
2N3019 PHILIPS-2N3019 Datasheet
51Kb / 8P
   NPN medium power transistor
1997 Jun 19
logo
STMicroelectronics
2N3019 STMICROELECTRONICS-2N3019 Datasheet
49Kb / 4P
   SMALL SIGNAL NPN TRANSISTOR
2N3019 STMICROELECTRONICS-2N3019 Datasheet
67Kb / 4P
   HIGH CURRENT, HIGH FREQUENCY AMPLIFIERS
November 1997
logo
Comset Semiconductor
2N3019 COMSET-2N3019 Datasheet
176Kb / 3P
   SILICON PLANAR EPITAXIAL TRANSISTORS
logo
Seme LAB
2N3019 SEME-LAB-2N3019 Datasheet
17Kb / 2P
   NPN SILICON TRANSISTOR
More results

Podobny opis - 2N3019

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Fairchild Semiconductor
KSC5603D FAIRCHILD-KSC5603D_10 Datasheet
115Kb / 5P
   NPN Silicon Transistor, Planar Silicon Transistor
logo
STMicroelectronics
MJE521 STMICROELECTRONICS-MJE521 Datasheet
61Kb / 4P
   SILICON NPN TRANSISTOR
logo
Seme LAB
BFT33A SEME-LAB-BFT33A Datasheet
21Kb / 2P
   NPN SILICON TRANSISTOR
logo
Central Semiconductor C...
CMPT5551 CENTRAL-CMPT5551 Datasheet
78Kb / 2P
   NPN SILICON TRANSISTOR
CZT2222A CENTRAL-CZT2222A Datasheet
94Kb / 2P
   NPN SILICON TRANSISTOR
logo
NEC
2SC3731 NEC-2SC3731 Datasheet
193Kb / 3P
   NPN SILICON TRANSISTOR
logo
Sanyo Semicon Device
2SC3486 SANYO-2SC3486 Datasheet
41Kb / 1P
   SILICON NPN TRANSISTOR
logo
NEC
NE685M03 NEC-NE685M03 Datasheet
34Kb / 3P
   NPN SILICON TRANSISTOR
2SD774 NEC-2SD774 Datasheet
161Kb / 3P
   NPN SILICON TRANSISTOR
AA1L3Z NEC-AA1L3Z Datasheet
119Kb / 2P
   NPN SILICON TRANSISTOR
NE688M23 NEC-NE688M23 Datasheet
19Kb / 2P
   NPN SILICON TRANSISTOR
More results


Html Pages

1 2


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com