Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

M27C1024-10F3TR Arkusz danych(PDF) 5 Page - STMicroelectronics

Numer części M27C1024-10F3TR
Szczegółowy opis  1 Mbit (64Kb x16) UV EPROM and OTP EPROM
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  STMICROELECTRONICS [STMicroelectronics]
Strona internetowa  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M27C1024-10F3TR Arkusz danych(HTML) 5 Page - STMicroelectronics

  M27C1024-10F3TR Datasheet HTML 1Page - STMicroelectronics M27C1024-10F3TR Datasheet HTML 2Page - STMicroelectronics M27C1024-10F3TR Datasheet HTML 3Page - STMicroelectronics M27C1024-10F3TR Datasheet HTML 4Page - STMicroelectronics M27C1024-10F3TR Datasheet HTML 5Page - STMicroelectronics M27C1024-10F3TR Datasheet HTML 6Page - STMicroelectronics M27C1024-10F3TR Datasheet HTML 7Page - STMicroelectronics M27C1024-10F3TR Datasheet HTML 8Page - STMicroelectronics M27C1024-10F3TR Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
Symbol
Parameter
Test Condition
Min
Max
Unit
ILI
Input Leakage Current
0V
≤ VIN ≤ VCC
±10
µA
ILO
Output Leakage Current
0V
≤ VOUT ≤ VCC
±10
µA
ICC
Supply Current
E=VIL,G = VIL,
IOUT = 0mA, f = 5MHz
35
mA
ICC1
Supply Current (Standby) TTL
E = VIH
1mA
ICC2
Supply Current (Standby) CMOS
E > VCC – 0.2V
100
µA
IPP
Program Current
VPP =VCC
100
µA
VIL
Input Low Voltage
–0.3
0.8
V
VIH
(2)
Input High Voltage
2
VCC +1
V
VOL
Output Low Voltage
IOL = 2.1mA
0.4
V
VOH
Output High Voltage TTL
IOH = –400
µA
2.4
V
Output High Voltage CMOS
IOH = –100
µAVCC – 0.7
V
Notes: 1. VCC must be applied simultaneously with or before VPP and removed simultaneously with or after VPP.
2. Maximum DC voltage on Output is VCC +0.5V.
Table 7. Read Mode DC Characteristics (1)
(TA = 0 to 70
°C, –40 to 85 °C; –40 to 105 °C or –40 to 125 °C; VCC =5V ± 5% or 5V ± 10%; VPP =VCC)
Symbol
Alt
Parameter
Test Condition
M27C1024
Unit
-35
(3)
-45
(3)
-55
(3)
Min
Max
Min
Max
Min
Max
tAVQV
tACC
Address Valid to Output Valid
E = VIL,G= VIL
35
45
55
ns
tELQV
tCE
Chip Enable Low to Output Valid
G = VIL
35
45
55
ns
tGLQV
tOE
Output Enable Low to Output Valid
E = VIL
20
25
30
ns
tEHQZ
(2)
tDF
Chip Enable High to Output Hi-Z
G = VIL
030
0
30
030
ns
tGHQZ
(2)
tDF
Output Enable High to Output Hi-Z
E = VIL
030
0
30
030
ns
tAXQX
tOH
Address Transition to Output
Transition
E=VIL,G= VIL
000
ns
Notes: 1. VCC must be applied simultaneously with or before VPP and removed simultaneously with or after VPP.
2. Sampled only, not 100% tested.
3. Speed obtained with High Speed AC measurement conditions.
Table 8A. Read Mode AC Characteristics (1)
(TA = 0 to 70
°C, –40 to 85 °C; –40 to 105 °C or –40 to 125 °C; VCC =5V ± 5% or 5V ± 10%; VPP =VCC)
5/15
M27C1024


Podobny numer części - M27C1024-10F3TR

ProducentNumer częściArkusz danychSzczegółowy opis
logo
STMicroelectronics
M27C1001 STMICROELECTRONICS-M27C1001 Datasheet
159Kb / 17P
   1 Mbit 128Kb x8 UV EPROM and OTP EPROM
M27C1001 STMICROELECTRONICS-M27C1001 Datasheet
218Kb / 24P
   1 Mbit (128 Kbit x 8) UV EPROM and OTP EPROM
M27C1001 STMICROELECTRONICS-M27C1001 Datasheet
250Kb / 24P
   1 Mbit (128 Kbit x 8) UV EPROM and OTP EPROM
M27C1001 STMICROELECTRONICS-M27C1001 Datasheet
250Kb / 24P
   1 Mbit (128 Kbit x 8) UV EPROM and OTP EPROM
M27C1001 STMICROELECTRONICS-M27C1001 Datasheet
250Kb / 24P
   1 Mbit (128 Kbit x 8) UV EPROM and OTP EPROM
More results

Podobny opis - M27C1024-10F3TR

ProducentNumer częściArkusz danychSzczegółowy opis
logo
STMicroelectronics
M27W102 STMICROELECTRONICS-M27W102 Datasheet
104Kb / 15P
   1 Mbit 64Kb x16 Low Voltage UV EPROM and OTP EPROM
M27C4002 STMICROELECTRONICS-M27C4002 Datasheet
196Kb / 18P
   4 Mbit (256Kb x16) UV EPROM and OTP EPROM
M27C322 STMICROELECTRONICS-M27C322 Datasheet
112Kb / 13P
   32 Mbit (2Mb x16) UV EPROM and OTP EPROM
April 2000
M27C4002 STMICROELECTRONICS-M27C4002_06 Datasheet
225Kb / 24P
   4 Mbit (256Kb x16) UV EPROM and OTP EPROM
M27C322 STMICROELECTRONICS-M27C322_06 Datasheet
196Kb / 24P
   32 Mbit (2Mb x16) UV EPROM and OTP EPROM
M27C4002-10C1 STMICROELECTRONICS-M27C4002-10C1 Datasheet
236Kb / 24P
   4 Mbit (256Kb x16) UV EPROM and OTP EPROM
M27C202 STMICROELECTRONICS-M27C202 Datasheet
174Kb / 15P
   2 Mbit (128Kb x16) UV EPROM and OTP EPROM
M27V102 STMICROELECTRONICS-M27V102 Datasheet
116Kb / 15P
   1 Mbit (64Kb x 16) Low Voltage UV EPROM and OTP EPROM
May 1998
M27C1001 STMICROELECTRONICS-M27C1001 Datasheet
159Kb / 17P
   1 Mbit 128Kb x8 UV EPROM and OTP EPROM
M27W402 STMICROELECTRONICS-M27W402 Datasheet
103Kb / 15P
   4 Mbit 256Kb x16 Low Voltage UV EPROM and OTP EPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com