Zakładka z wyszukiwarką danych komponentów |
|
CD471260 Arkusz danych(PDF) 4 Page - Powerex Power Semiconductors |
|
CD471260 Arkusz danych(HTML) 4 Page - Powerex Power Semiconductors |
4 / 4 page Powerex, Inc., Hillis Street, Youngwood, Pennsylvania 15697 (724) 925-7272 POW-R-BLOK TM Dual SCR/Diode Isolated Module 60 Amperes / Up to 1600 Volts Revision Date: 01/26/2002 CD42__60A CD47__60A 0 180 360 CONDUCTION ANGLE Maximum On-State Power Dissipation 30° 60° 90° 120° 180° 0 10 20 30 40 50 60 70 80 0 5 10 15 20 25 30 35 40 45 50 55 60 Average On-State Current - It/If(av) - Amperes (Sinusoidal Waveform) 0 180 360 CONDUCTION ANGLE Maximum Allowable Case Temperature 120° 90° 60° 30° 180° 95 100 105 110 115 120 125 0 5 10 15 20 25 30 35 40 45 50 55 60 Average On-State Current - It/If(av) - Amperes (Sinusoidal Waveform) 0 180 360 CONDUCTION ANGLE Maximum On-State Power Dissipation 90° 60° 30° 120° 180° 270° 15° 360° 0 20 40 60 80 100 120 0 1020 30405060708090 100 Average On-State Current - It/Ifav) - Amperes (Rectangular Waveform) 0 180 360 CONDUCTION ANGLE Maximum Allowable Case Temperature 270° 180° 120° 90° 60° 30° 360° 85 90 95 100 105 110 115 120 125 0 10203040 50 607080 90 100 Average On-State Current - It/If(av) - Amperes (Rectangular Waveform) Maximum On-State Forward Voltage Drop 0 0.5 1 1.5 2 2.5 3 3.5 4 10 100 1000 Instantaneous On-State Current - Itm/Ifm - Amperes ( Tj = 125 °C ) Maximum Transient Thermal Impedance 0.00 0.05 0.10 0.15 0.20 0.25 0.30 0.35 0.40 0.001 0.01 0.1 1 10 100 Time - t - Seconds (Junction to Case) |
Podobny numer części - CD471260 |
|
Podobny opis - CD471260 |