Zakładka z wyszukiwarką danych komponentów |
|
TPA2013D1RGPR Arkusz danych(PDF) 4 Page - Texas Instruments |
|
|
TPA2013D1RGPR Arkusz danych(HTML) 4 Page - Texas Instruments |
4 / 30 page www.ti.com ABSOLUTE MAXIMUM RATINGS DISSIPATION RATINGS AVAILABLE OPTIONS RECOMMENDED OPERATING CONDITIONS TPA2013D1 SLOS520 – AUGUST 2007 over operating free-air temperature range (unless otherwise noted) (1) VALUE UNIT VDD Supply voltage –0.3 to 6 V VI Input voltage, Vi: SDb, SDd, IN+, IN–, VCCFB –0.3 to VDD + 0.3 V Continuous total power dissipation See Dissipation Rating Table TA Operating free-air temperature range –40 to 85 °C TJ Operating junction temperature range –40 to 150 °C Tstg Storage temperature range –65 to 150 °C (1) Stresses beyond those listed under absolute maximum ratings may cause permanent damage to the device. These are stress ratings only, and functional operations of the device at these or any other conditions beyond those indicated under recommended operating conditions is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability. PACKAGE TA ≤ 25°C DERATING FACTOR(1) TA = 70°C TA = 85°C 16 ball WCSP 1.5 W 12.4 mW/ °C 1 W 0.8 W 20 pin QFN 2.5 W 20.1 mW/ °C 1.6 W 1.3 W (1) Derating factor measured with JEDEC High K board. TA PACKAGED DEVICES(1) PART NUMBER SYMBOL 16-ball, 2.275 mm × 2.275 mm WCSP TPA2013D1YZH BTH (± 0.05mm tolerance) –40 °C TO 85°C 20-pin, 4 mm × 4 mm QFN TPA2013D1RGP(2) BTI (1) For the most current package and ordering information, see the Package Option Addendum at the end of this document, or see the TI website at www.ti.com. (2) The RGP package is only available taped and reeled. To order, add suffix R to the end of the part number for a reel of 3000 (e.g., TPA2013D1RGPR). MIN MAX UNIT VDD Supply voltage 1.8 5.5 V VIH High-level input voltage SDb, SDd 1.3 V VIL Low-level input voltage SDb, SDd 0.35 V | IIH | High-level input current SDb = SDd = 5.8 V, VDD = 5.5 V, VCC = 5.5 V 1 μA | IIL| Low-level input current SDb = SDd = -0.3 V, VDD = 5.5 V, VCC = 5.5 V 20 μA TA Operating free-air temperature –40 85 °C 4 Submit Documentation Feedback Copyright © 2007, Texas Instruments Incorporated Product Folder Link(s): TPA2013D1 |
Podobny numer części - TPA2013D1RGPR |
|
Podobny opis - TPA2013D1RGPR |