Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TMP320F28044ZGMA Arkusz danych(PDF) 9 Page - Texas Instruments

Numer części TMP320F28044ZGMA
Szczegółowy opis  Digital Signal Processor
Download  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI - Texas Instruments

TMP320F28044ZGMA Arkusz danych(HTML) 9 Page - Texas Instruments

Back Button TMP320F28044ZGMA Datasheet HTML 5Page - Texas Instruments TMP320F28044ZGMA Datasheet HTML 6Page - Texas Instruments TMP320F28044ZGMA Datasheet HTML 7Page - Texas Instruments TMP320F28044ZGMA Datasheet HTML 8Page - Texas Instruments TMP320F28044ZGMA Datasheet HTML 9Page - Texas Instruments TMP320F28044ZGMA Datasheet HTML 10Page - Texas Instruments TMP320F28044ZGMA Datasheet HTML 11Page - Texas Instruments TMP320F28044ZGMA Datasheet HTML 12Page - Texas Instruments TMP320F28044ZGMA Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 107 page
background image
www.ti.com
1
F28044 Digital Signal Processor
1.1
Features
TMS320F28044
Digital Signal Processor
SPRS357B – AUGUST 2006 – REVISED MAY 2007
Serial Peripheral Interface (SPI) Module
• High-Performance 100-MHz (10-ns Cycle Time)
Processor
Serial Communications Interface (SCI)
Inter-Integrated Circuit (I2C) Bus
• TMS320C28x™ 32-Bit CPU
• Timers
Single-cycle 16
× 16 and 32 × 32
Multiply-accumulate (MAC) Operations
Three 32-bit CPU Timers
Dual 16
× 16 MAC
Up to 16 16-bit Timers
Fast Interrupt Response
Watchdog Timer Module
Unified Memory Programming Model
• Up to 35 General-Purpose Input/Output (GPIO)
• On-Chip Memory
Pins With Input Filtering
64K
× 16 Flash
• On-chip JTAG Emulation With Real-time
10K
× 16 SARAM
Debug via Hardware
1K
× 16 OTP
• JTAG Boundary Scan Support
4K
× 16 Boot ROM
• Low-power IDLE, STANDBY, and HALT Modes
Code Security Module Protects Against
• Development Tools
Unauthorized Memory Access
F28044 eZdsp Starter Kit
• Clocking
Code Composer Studio™ IDE With Flash
Dynamic PLL Ratio Changes Supported
Programming Plug-in
On-Chip Oscillator
C28x-optimized ANSI C/C++
Clock-Fail-Detect Mode
Compiler/Assembler/Linker
• Interrupts
DSP/BIOS™ Real-time Operating System
Support for up to Three External Core
USB-based JTAG Emulators(1)
Interrupts
• Available Software
Peripheral Interrupt Expansion (PIE) Block
C2000™ Digital Power Supply Software
That Supports All Peripheral Interrupts
Library
• High-speed, 12-Bit ADC
C28x™ IQ Math Library
80 ns (12.5 MSPS) Conversion Rate
C28x Header Files With Example Programs
16 Channels
for all Peripherals
Two Sample-and-Hold
C28x DSP Library
Single/Simultaneous Conversions
C28x Digital Motor Control Software Library
Internal or External Reference
• Package Options
• High-Resolution PWM
100-pin Thin Quad Flatpack (PZ)
16 Outputs with 150 ps Resolution
100-pin MicroStar BGA™ (GGM, ZGM)
14.8 Bits at 200-KHz Switching
RoHS-compliant, Green Packaging
13.4 Bits at 500-KHz Switching
• Temperature Range:
12.4 Bits at 1-MHz Switching
-40°C to 85°C (PZ, GGM, ZGM)
(1)
IEEE Standard 1149.1-1990 Standard Test Access Port and
• Communications Port Peripherals
Boundary Scan Architecture
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this document.
TMS320C28x, Code Composer Studio, DSP/BIOS, C2000, C28x, MicroStar BGA, TMS320 are trademarks of Texas Instruments.
eZdsp, XDS510USB are trademarks of Spectrum Digital.
All other trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2006–2007, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Podobny numer części - TMP320F28044ZGMA

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
TMP320F2802238A TI-TMP320F2802238A Datasheet
76Kb / 10P
[Old version datasheet]   TMS320x28027, TMS320x28026, TMS320x28025,TMS320x28024, TMS320x28023, TMS320x28022 Piccolo MCU
TMP320F2802238S TI-TMP320F2802238S Datasheet
76Kb / 10P
[Old version datasheet]   TMS320x28027, TMS320x28026, TMS320x28025,TMS320x28024, TMS320x28023, TMS320x28022 Piccolo MCU
TMP320F2802248A TI-TMP320F2802248A Datasheet
76Kb / 10P
[Old version datasheet]   TMS320x28027, TMS320x28026, TMS320x28025,TMS320x28024, TMS320x28023, TMS320x28022 Piccolo MCU
TMP320F2802248S TI-TMP320F2802248S Datasheet
76Kb / 10P
[Old version datasheet]   TMS320x28027, TMS320x28026, TMS320x28025,TMS320x28024, TMS320x28023, TMS320x28022 Piccolo MCU
TMP320F2802338A TI-TMP320F2802338A Datasheet
76Kb / 10P
[Old version datasheet]   TMS320x28027, TMS320x28026, TMS320x28025,TMS320x28024, TMS320x28023, TMS320x28022 Piccolo MCU
More results

Podobny opis - TMP320F28044ZGMA

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
SMJ320C30 TI-SMJ320C30 Datasheet
726Kb / 47P
[Old version datasheet]   DIGITAL SIGNAL PROCESSOR
TMS320C32 TI-TMS320C32 Datasheet
645Kb / 44P
[Old version datasheet]   DIGITAL SIGNAL PROCESSOR
TMS320VC33 TI-TMS320VC33 Datasheet
654Kb / 57P
[Old version datasheet]   DIGITAL SIGNAL PROCESSOR
TMS320C30 TI1-TMS320C30_16 Datasheet
753Kb / 53P
[Old version datasheet]   DIGITAL SIGNAL PROCESSOR
SM320C26B TI1-SM320C26B Datasheet
448Kb / 42P
[Old version datasheet]   DIGITAL SIGNAL PROCESSOR
logo
Samsung semiconductor
S5L9286F02 SAMSUNG-S5L9286F02 Datasheet
598Kb / 35P
   DIGITAL SIGNAL PROCESSOR
logo
Texas Instruments
TMS320P25 TI-TMS320P25 Datasheet
763Kb / 48P
[Old version datasheet]   DIGITAL SIGNAL PROCESSOR
TMS320F206 TI-TMS320F206_06 Datasheet
832Kb / 58P
[Old version datasheet]   DIGITAL SIGNAL PROCESSOR
TMS320F206 TI-TMS320F206_07 Datasheet
826Kb / 58P
[Old version datasheet]   DIGITAL SIGNAL PROCESSOR
SM320F2812-HT TI-SM320F2812-HT Datasheet
1Mb / 155P
[Old version datasheet]   Digital Signal Processor
SM320C32-EP TI1-SM320C32-EP Datasheet
621Kb / 44P
[Old version datasheet]   DIGITAL SIGNAL PROCESSOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com