Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

CD74AC253M96 Arkusz danych(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Numer części CD74AC253M96
Szczegółowy opis  Dual 4-Input Multiplexer, Three-State
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI - Texas Instruments

CD74AC253M96 Arkusz danych(HTML) 5 Page - Texas Instruments

  CD74AC253M96 Datasheet HTML 1Page - Texas Instruments CD74AC253M96 Datasheet HTML 2Page - Texas Instruments CD74AC253M96 Datasheet HTML 3Page - Texas Instruments CD74AC253M96 Datasheet HTML 4Page - Texas Instruments CD74AC253M96 Datasheet HTML 5Page - Texas Instruments CD74AC253M96 Datasheet HTML 6Page - Texas Instruments CD74AC253M96 Datasheet HTML 7Page - Texas Instruments CD74AC253M96 Datasheet HTML 8Page - Texas Instruments CD74AC253M96 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
5
ACT Input Load Table
INPUT
UNIT LOAD
S0, S1, nI0, nI1
1
nOE
0.83
NOTE: Unit load is
∆ICC limit specified in DC Electrical Specifications
Table, e.g., 2.4mA max at 25oC.
Switching Specifications Input tr, tf = 3ns, CL = 50pF (Worst Case)
PARAMETER
SYMBOL
VCC (V)
-40oC TO 85oC
-55oC TO 125oC
UNITS
MIN
TYP
MAX
MIN
TYP
MAX
AC TYPES
Propagation Delay,
S0, S1, to Y
tPLH, tPHL
1.5
-
-
227
-
-
250
ns
3.3
(Note 9)
7.2
-25
7
-28
ns
5
(Note 10)
5.2
-
18.2
5
-
20
ns
Propagation Delay,
nI to Y
tPLH, tPHL
1.5
-
-
151
-
-
166
ns
3.3
4.8
-
16.9
4.7
-
18.6
ns
5
3.4
-
12.1
3.3
-
13.3
ns
Propagation Delay,
Output Enable,
Output Disable to Y
tPLZ, tPHZ,
tPZL, tPZH
1.5
-
-
131
-
-
144
ns
3.3
4.5
-
15.7
4.3
-
17.3
ns
5
3
-
10.5
2.9
-
11.5
ns
Three-State Output
Capacitance
CO
-
-
-15-
-15
pF
Input Capacitance
CI
-
-
-10-
-10
pF
Power Dissipation Capacitance
CPD
(Note 11)
-
-
107
-
-
107
-
pF
ACT TYPES
Propagation Delay,
S0, S1, to Y
tPLH, tPHL
5
(Note 10)
5.7
-
20
5.5
-
22
ns
Propagation Delay,
nI to Y
tPLH, tPHL
5
4.6
-
16.4
4.5
-
18
ns
Propagation Delay,
Output Enable,
Output Disable to Y
tPLZ, tPHZ,
tPZL, tPZH
5
3.2
-
11.5
3.2
-
12.6
ns
Three-State Output
Capacitance
CO
-
-
-15-
-15
pF
Input Capacitance
CI
-
-
-10-
-10
pF
Power Dissipation Capacitance
CPD
(Note 11)
-
-
107
-
-
107
-
pF
NOTES:
8. Limits tested 100%.
9. 3.3V Min is at 3.6V, Max is at 3V.
10. 5V Min is at 5.5V, Max is at 4.5V.
11. CPD is used to determine the dynamic power consumption per multiplexer.
AC: PD = VCC
2 f
i (CPD + CL)
ACT: PD = VCC
2 f
i (CPD + CL) + VCC ∆ICC where fi = input frequency, CL = output load capacitance, VCC = supply voltage.
CD74AC253, CD54/74ACT253


Podobny numer części - CD74AC253M96

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
CD74AC253M96 TI-CD74AC253M96 Datasheet
569Kb / 16P
[Old version datasheet]   Dual 4-Input Multiplexer, Three-State
CD74AC253M96E4 TI-CD74AC253M96E4 Datasheet
569Kb / 16P
[Old version datasheet]   Dual 4-Input Multiplexer, Three-State
CD74AC253M96G4 TI-CD74AC253M96G4 Datasheet
569Kb / 16P
[Old version datasheet]   Dual 4-Input Multiplexer, Three-State
More results

Podobny opis - CD74AC253M96

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
CD74AC253 TI-CD74AC253 Datasheet
37Kb / 7P
[Old version datasheet]   Dual 4-Input Multiplexer, Three-State
CD74AC253 TI-CD74AC253_08 Datasheet
569Kb / 16P
[Old version datasheet]   Dual 4-Input Multiplexer, Three-State
logo
Intersil Corporation
ACS253MS INTERSIL-ACS253MS Datasheet
48Kb / 2P
   Radiation Hardened Dual 4-Input Multiplexer with Three-State Outputs
November 1997
logo
Texas Instruments
CD74AC251 TI-CD74AC251 Datasheet
38Kb / 8P
[Old version datasheet]   8-Input Multiplexer, Three-State
CD74AC251 TI1-CD74AC251_14 Datasheet
690Kb / 14P
[Old version datasheet]   8-Input Multiplexer, Three-State
logo
Nexperia B.V. All right...
74HC253-Q100 NEXPERIA-74HC253-Q100 Datasheet
749Kb / 15P
   Dual 4-input multiplexer; 3-state
logo
NXP Semiconductors
74HC_HCT253 PHILIPS-74HC_HCT253_15 Datasheet
182Kb / 17P
   Dual 4-input multiplexer; 3-state
Rev. 5-21 January 2015
74HC253 PHILIPS-74HC253 Datasheet
50Kb / 7P
   Dual 4-input multiplexer; 3-state
December 1990
74F353 PHILIPS-74F353 Datasheet
110Kb / 10P
   Dual 4-input multiplexer 3-State
1996 Jan 05
logo
Nexperia B.V. All right...
74HC-HCT253-Q100 NEXPERIA-74HC-HCT253-Q100 Datasheet
257Kb / 15P
   Dual 4-input multiplexer; 3-state
Rev. 4 - 27 September 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com