Zakładka z wyszukiwarką danych komponentów |
|
CD74HCT4094 Arkusz danych(PDF) 4 Page - Texas Instruments |
|
|
CD74HCT4094 Arkusz danych(HTML) 4 Page - Texas Instruments |
4 / 18 page 4 Absolute Maximum Ratings Thermal Information DC Supply Voltage, VCC . . . . . . . . . . . . . . . . . . . . . . . . -0.5V to 7V DC Input Diode Current, IIK For VI < -0.5V or VI > VCC + 0.5V . . . . . . . . . . . . . . . . . . . . . .±20mA DC Output Diode Current, IOK For VO < -0.5V or VO > VCC + 0.5V . . . . . . . . . . . . . . . . . . . .±20mA DC Output Source or Sink Current per Output Pin, IO For VO > -0.5V or VO < VCC + 0.5V . . . . . . . . . . . . . . . . . . . .±25mA DC VCC or Ground Current, ICC . . . . . . . . . . . . . . . . . . . . . . . . .±50mA Operating Conditions Temperature Range (TA) . . . . . . . . . . . . . . . . . . . . . -55 oC to 125oC Supply Voltage Range, VCC HC Types . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .2V to 6V HCT Types . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .4.5V to 5.5V DC Input or Output Voltage, VI, VO . . . . . . . . . . . . . . . . . 0V to VCC Input Rise and Fall Time 2V . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 1000ns (Max) 4.5V. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 500ns (Max) 6V . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 400ns (Max) Package Thermal Impedance, θJA (see Note 2): E (PDIP) Package . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 67oC/W M (SOIC) Package . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 73oC/W NS (SOP) Package . . . . . . . . . . . . . . . . . . . . . . . . . . . . .64oC/W PW (TSSOP) Package. . . . . . . . . . . . . . . . . . . . . . . . . . 108oC/W Maximum Junction Temperature (Plastic Package) . . . . . . . . . 150o Maximum Storage Temperature Range . . . . . . . . . . . -65oC to 150o Maximum Lead Temperature (Soldering 10s) . . . . . . . . . . . . . . 300o SOIC - Lead Tips Only) CAUTION: Stresses above those listed in “Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress only rating and operation of the device at these or any other conditions above those indicated in the operational sections of this specification is not implied. NOTE: 2. The package thermal impedance is calculated in accordance with JESD 51-7. DC Electrical Specifications PARAMETER SYMBOL TEST CONDITIONS VCC (V) 25oC -40oC TO 85oC -55oC TO 125oC UNITS VI (V) IO (mA) MIN TYP MAX MIN MAX MIN MAX HC TYPES High Level Input Voltage VIH - - 2 1.5 - - 1.5 - 1.5 - V 4.5 3.15 - - 3.15 - 3.15 - V 6 4.2 - - 4.2 - 4.2 - V Low Level Input Voltage VIL - - 2 - - 0.5 - 0.5 - 0.5 V 4.5 - - 1.35 - 1.35 - 1.35 V 6 - - 1.8 - 1.8 - 1.8 V High Level Output Voltage CMOS Loads VOH VIH or VIL -0.02 2 1.9 - - 1.9 - 1.9 - V -0.02 4.5 4.4 - - 4.4 - 4.4 - V -0.02 6 5.9 - - 5.9 - 5.9 - V High Level Output Voltage TTL Loads - - --- - - - - V -4 4.5 3.98 - - 3.84 - 3.7 - V -5.2 6 5.48 - - 5.34 - 5.2 - V Low Level Output Voltage CMOS Loads VOL VIH or VIL 0.02 2 - - 0.1 - 0.1 - 0.1 V 0.02 4.5 - - 0.1 - 0.1 - 0.1 V 0.02 6 - - 0.1 - 0.1 - 0.1 V Low Level Output Voltage TTL Loads - - --- - - - - V 4 4.5 - - 0.26 - 0.33 - 0.4 V 5.2 6 - - 0.26 - 0.33 - 0.4 V Input Leakage Current II VCC or GND -6 - - ±0.1 - ±1- ±1 µA Quiescent Device Current ICC VCC or GND 0 6 - - 8 - 80 - 160 µA CD54HC4094, CD74HC4094, CD74HCT4094 |
Podobny numer części - CD74HCT4094 |
|
Podobny opis - CD74HCT4094 |
|
|
Link URL |
Polityka prywatności |
ALLDATASHEET.PL |
Czy Alldatasheet okazała się pomocna? [ DONATE ] |
O Alldatasheet | Reklama | Kontakt | Polityka prywatności | Linki | Lista producentów All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |