Zakładka z wyszukiwarką danych komponentów |
|
SN74ALVC04PWE4 Arkusz danych(PDF) 3 Page - Texas Instruments |
|
SN74ALVC04PWE4 Arkusz danych(HTML) 3 Page - Texas Instruments |
3 / 16 page www.ti.com ELECTRICAL CHARACTERISTICS SWITCHING CHARACTERISTICS OPERATING CHARACTERISTICS SN74ALVC04 HEX INVERTER SCES117J – JULY 1997 – REVISED JULY 2004 over recommended operating free-air temperature range (unless otherwise noted) PARAMETER TEST CONDITIONS VCC MIN TYP(1) MAX UNIT IOH = -100 µA 1.65 V to 3.6 V VCC - 0.2 IOH = -4 mA 1.65 V 1.2 IOH = -6 mA 2.3 V 2 VOH 2.3 V 1.7 V IOH = -12 mA 2.7 V 2.2 3 V 2.4 IOH = -24 mA 3 V 2 IOL = 100 µA 1.65 V to 3.6 V 0.2 IOL = 4 mA 1.65 V 0.45 IOL = 6 mA 2.3 V 0.4 VOL V 2.3 V 0.7 IOL = 12 mA 2.7 V 0.4 IOL = 24 mA 3 V 0.55 II VI = VCC or GND 3.6 V ±5 µA ICC VI = VCC or GND, IO = 0 3.6 V 10 µA ∆I CC One input at VCC - 0.6 V, Other inputs at VCC or GND 3 V to 3.6 V 750 µA Ci VI = VCC or GND 3.3 V 3.5 pF (1) All typical values are at VCC = 3.3 V, TA = 25°C. over recommended operating free-air temperature range (unless otherwise noted) (see Figure 1) VCC = 2.5 V VCC = 3.3 V VCC = 1.8 V VCC = 2.7 V FROM TO ± 0.2 V ± 0.3 V PARAMETER UNIT (INPUT) (OUTPUT) TYP MIN MAX MIN MAX MIN MAX tpd A Y (1) 1 3 3.3 1 2.8 ns (1) This information was not available at the time of publication. T A = 25°C VCC = 1.8 V VCC = 2.5 V VCC = 3.3 V PARAMETER TEST CONDITIONS UNIT TYP TYP TYP Cpd Power dissipation capacitance per inverter CL = 0, f = 10 MHz (1) 23 27.5 pF (1) This information was not available at the time of publication. 3 |
Podobny numer części - SN74ALVC04PWE4 |
|
Podobny opis - SN74ALVC04PWE4 |