Zakładka z wyszukiwarką danych komponentów |
|
SN74HC4066DRG4 Arkusz danych(PDF) 1 Page - Texas Instruments |
|
SN74HC4066DRG4 Arkusz danych(HTML) 1 Page - Texas Instruments |
1 / 20 page SN74HC4066 QUADRUPLE BILATERAL ANALOG SWITCH SCLS325G – MARCH 1996 – REVISED JULY 2003 1 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 D Wide Operating Voltage Range of 2 V to 6 V D Typical Switch Enable Time of 18 ns D Low Power Consumption, 20-µA Max ICC D Low Input Current of 1 µA Max D High Degree of Linearity D High On-Off Output-Voltage Ratio D Low Crosstalk Between Switches D Low On-State Impedance ... 50- Ω TYP at VCC = 6 V D Individual Switch Controls description/ordering information The SN74HC4066 is a silicon-gate CMOS quadruple analog switch designed to handle both analog and digital signals. Each switch permits signals with amplitudes of up to 6 V (peak) to be transmitted in either direction. Each switch section has its own enable input control (C). A high-level voltage applied to C turns on the associated switch section. Applications include signal gating, chopping, modulation or demodulation (modem), and signal multiplexing for analog-to-digital and digital-to-analog conversion systems. ORDERING INFORMATION TA PACKAGE† ORDERABLE PART NUMBER TOP-SIDE MARKING PDIP – N Tube of 25 SN74HC4066N SN74HC4066N Tube of 50 SN74HC4066D SOIC – D Reel of 2500 SN74HC4066DR HC4066 Reel of 250 SN74HC4066DT –40 °C to 85°C SOP – NS Reel of 2000 SN74HC4066NSR HC4066 SSOP – DB Reel of 2000 SN74HC4066DBR HC4066 Tube of 90 SN74HC4066PW TSSOP – PW Reel of 2000 SN74HC4066PWR HC4066 Reel of 250 SN74HC4066PWT † Package drawings, standard packing quantities, thermal data, symbolization, and PCB design guidelines are available at www.ti.com/sc/package. FUNCTION TABLE (each switch) INPUT CONTROL (C) SWITCH L OFF H ON Copyright 2003, Texas Instruments Incorporated PRODUCTION DATA information is current as of publication date. Products conform to specifications per the terms of Texas Instruments standard warranty. Production processing does not necessarily include testing of all parameters. Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet. 1 2 3 4 5 6 7 14 13 12 11 10 9 8 1A 1B 2B 2A 2C 3C GND VCC 1C 4C 4A 4B 3B 3A D, DB, N, NS, OR PW PACKAGE (TOP VIEW) |
Podobny numer części - SN74HC4066DRG4 |
|
Podobny opis - SN74HC4066DRG4 |
|
|
Link URL |
Polityka prywatności |
ALLDATASHEET.PL |
Czy Alldatasheet okazała się pomocna? [ DONATE ] |
O Alldatasheet | Reklama | Kontakt | Polityka prywatności | Linki | Lista producentów All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |