Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SN74TVC3010DBQR Arkusz danych(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Numer części SN74TVC3010DBQR
Szczegółowy opis  10-BIT VOLTAGE CLAMP
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI - Texas Instruments

SN74TVC3010DBQR Arkusz danych(HTML) 9 Page - Texas Instruments

Back Button SN74TVC3010DBQR Datasheet HTML 5Page - Texas Instruments SN74TVC3010DBQR Datasheet HTML 6Page - Texas Instruments SN74TVC3010DBQR Datasheet HTML 7Page - Texas Instruments SN74TVC3010DBQR Datasheet HTML 8Page - Texas Instruments SN74TVC3010DBQR Datasheet HTML 9Page - Texas Instruments SN74TVC3010DBQR Datasheet HTML 10Page - Texas Instruments SN74TVC3010DBQR Datasheet HTML 11Page - Texas Instruments SN74TVC3010DBQR Datasheet HTML 12Page - Texas Instruments SN74TVC3010DBQR Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 19 page
background image
SN74TVC3010
10-BIT VOLTAGE CLAMP
SCDS088G – APRIL 1999 – REVISED AUGUST 2003
9
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
APPLICATION INFORMATION
VSPASS – Low Reference Voltage – V
VSPASS – Low Reference Voltage – V
VSPASS – Low Reference Voltage – V
Weak
Nominal
Strong
VREF = 2.5 V
VDDREF = 3.3 V
RDREF = 200 kΩ
RDPASS = 150 Ω
VDDPASS = 3.3 V
Weak
Nominal
Strong
VREF = 2.5 V
VDDREF = 4 V
RDREF = 200 kΩ
RDPASS = 150 Ω
VDDPASS = 3.3 V
Weak
Nominal
Strong
VREF = 2.5 V
VDDREF = 5 V
RDREF = 200 kΩ
RDPASS = 150 Ω
VDDPASS = 3.3 V
–2
–4
–6
–8
–10
–12
–14
–16
–18
–20
0.4
0.8
1.2
1.6
2.0
2.4
2.8
3.2
–2
–4
–6
–8
–10
–12
–14
–16
–18
–20
0.4
0.8
1.2
1.6
2.0
2.4
2.8
3.2
–2
–4
–6
–8
–10
–12
–14
–16
–18
–20
0.4
0.8
1.2
1.6
2.0
2.4
2.8
3.2
Figure 6. Electrical Characteristics at VREF = 2.5 V


Podobny numer części - SN74TVC3010DBQR

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
SN74TVC3010DBQR TI1-SN74TVC3010DBQR Datasheet
763Kb / 21P
[Old version datasheet]   10-BIT VOLTAGE CLAMP
More results

Podobny opis - SN74TVC3010DBQR

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
SN74TVC16222-1 TI1-SN74TVC16222-1 Datasheet
763Kb / 21P
[Old version datasheet]   10-BIT VOLTAGE CLAMP
SN74TVC3010 TI-SN74TVC3010 Datasheet
142Kb / 11P
[Old version datasheet]   10-BIT VOLTAGE CLAMP
logo
NXP Semiconductors
GTL2010 PHILIPS-GTL2010 Datasheet
52Kb / 6P
   10-bit GTL Processor Voltage Clamp
1999 Apr 05
logo
Texas Instruments
SN74TVC16222A TI-SN74TVC16222A_07 Datasheet
299Kb / 18P
[Old version datasheet]   22-BIT VOLTAGE CLAMP
SN74TVC16222A TI-SN74TVC16222A_08 Datasheet
421Kb / 17P
[Old version datasheet]   22-BIT VOLTAGE CLAMP
SN74TVC16222 TI1-SN74TVC16222 Datasheet
427Kb / 17P
[Old version datasheet]   22-BIT VOLTAGE CLAMP
SN74TVC16222A TI-SN74TVC16222A Datasheet
248Kb / 15P
[Old version datasheet]   22-BIT VOLTAGE CLAMP
logo
NXP Semiconductors
GTL2000 PHILIPS-GTL2000 Datasheet
55Kb / 6P
   22-bit GTL processor voltage clamp
2000 Jan 25
logo
Wolfson Microelectronic...
WM2331 WOLFSON-WM2331 Datasheet
232Kb / 25P
   10-bit 30MSPS ADC with PGA and Clamp
logo
Gaomi Xinghe Electronic...
SMF50CA GXELECTRONICS-SMF50CA Datasheet
1Mb / 6P
   Maximum Clamp Voltage
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com