Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADC10731 Arkusz danych(PDF) 5 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Numer części ADC10731
Szczegółowy opis  10-Bit Plus Sign Serial I/O A/D Converters with Mux, Sample/Hold and Reference
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  NSC [National Semiconductor (TI)]
Strona internetowa  http://www.national.com
Logo NSC - National Semiconductor (TI)

ADC10731 Arkusz danych(HTML) 5 Page - National Semiconductor (TI)

  ADC10731_06 Datasheet HTML 1Page - National Semiconductor (TI) ADC10731_06 Datasheet HTML 2Page - National Semiconductor (TI) ADC10731_06 Datasheet HTML 3Page - National Semiconductor (TI) ADC10731_06 Datasheet HTML 4Page - National Semiconductor (TI) ADC10731_06 Datasheet HTML 5Page - National Semiconductor (TI) ADC10731_06 Datasheet HTML 6Page - National Semiconductor (TI) ADC10731_06 Datasheet HTML 7Page - National Semiconductor (TI) ADC10731_06 Datasheet HTML 8Page - National Semiconductor (TI) ADC10731_06 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 29 page
background image
Electrical Characteristics (Continued)
The following specifications apply for V
+ =AV+ =DV+ = +5.0 V
DC,VREF+ = 2.5 VDC,VREF− = GND, VIN− = 2.5V for Signed
Characteristics, V
IN− = GND for Unsigned Characteristics and fCLK = 2.5 MHz unless otherwise specified. Boldface limits ap-
ply for T
A =TJ =TMIN to TMAX; all other limits TA =TJ = +25˚C. (Notes 8, 9, 10)
Symbol
Parameter
Conditions
Typical
(Note 11)
Limits
(Note 12)
Units
(Limits)
UNSIGNED STATIC CONVERTER CHARACTERISTICS
DC Common Mode Error (Note 14)
V
IN+=VIN−=VIN where
+5.0V
≥ V
IN
≥ 0V
±0.1
LSB
Multiplexer Channel to Channel
Matching
V
REF+ = 4.096V
±0.1
LSB
DYNAMIC SIGNED CONVERTER CHARACTERISTICS
S/(N+D)
Signal-to-Noise Plus Distortion Ratio
V
IN = 4.85 VPP, and
f
IN = 1 kHz to 15 kHz
67
dB
ENOB
Effective Number of Bits
V
IN = 4.85 VPP, and
f
IN = 1 kHz to 15 kHz
10.8
Bits
THD
Total Harmonic Distortion
V
IN = 4.85 VPP, and
f
IN = 1 kHz to 15 kHz
−78
dB
IMD
Intermodulation Distortion
V
IN = 4.85 VPP, and
f
IN = 1 kHz to 15 kHz
−85
dB
Full-Power Bandwidth
V
IN = 4.85 VPP, where
S/(N + D) Decreases 3 dB
380
kHz
Multiplexer Chan to Chan Crosstalk
f
IN = 15 kHz
−80
dB
DYNAMIC UNSIGNED CONVERTER CHARACTERISTIC
S/(N+D)
Signal-to-Noise Plus Distortion Ratio
V
REF+ = 4.096V,
V
IN = 4.0 VPP, and
f
IN =1 kHz to 15 kHz
60
dB
ENOB
Effective Bits
V
REF+ = 4.096V,
V
IN = 4.0 VPP, and
f
IN = 1 kHz to 15 kHz
9.8
Bits
THD
Total Harmonic Distortion
V
REF+ = 4.096V,
V
IN = 4.0 VPP, and
f
IN = 1 kHz to 15 kHz
−70
dB
IMD
Intermodulation Distortion
V
REF+ = 4.096V,
V
IN = 4.0 VPP, and
f
IN = 1 kHz to 15 kHz
−73
dB
Full-Power Bandwidth
V
IN = 4.0 VPP,
V
REF+ = 4.096V,
where S/(N+D) decreases
3dB
380
kHz
Multiplexer Chan to Chan Crosstalk
f
IN = 15 kHz,
V
REF+ = 4.096V
−80
dB
REFERENCE INPUT AND MULTIPLEXER CHARACTERISTICS
7k
Reference Input Resistance
5.0
k
Ω(min)
9.5
k
Ω(max)
C
REF
Reference Input Capacitance
70
pF
MUX Input Voltage
−50
AV
+ + 50mV
mV (min)
(max)
C
IM
MUX Input Capacitance
47
pF
Off Channel Leakage Current
(Note 15)
On Channel = 5V and
Off Channel = 0V
−0.4
−3.0
µA (max)
On Channel = 0V and
Off Channel = 5V
0.4
3.0
µA (max)
www.national.com
5


Podobny numer części - ADC10731_06

ProducentNumer częściArkusz danychSzczegółowy opis
logo
National Semiconductor ...
ADC10731CIWM NSC-ADC10731CIWM Datasheet
556Kb / 27P
   10-Bit Plus Sign Serial I/O A/D Converters with Mux,
logo
Texas Instruments
ADC10731 TI1-ADC10731_14 Datasheet
1Mb / 34P
[Old version datasheet]   10-Bit Plus Sign Serial I/O A/D Converters with Mux, Sample/Hold and Reference
More results

Podobny opis - ADC10731_06

ProducentNumer częściArkusz danychSzczegółowy opis
logo
National Semiconductor ...
ADC10831 NSC-ADC10831 Datasheet
453Kb / 30P
   10-Bit Plus Sign Serial I/O A/D Converters with MUX, Sample/Hold and Reference
logo
Texas Instruments
ADC10731 TI1-ADC10731_14 Datasheet
1Mb / 34P
[Old version datasheet]   10-Bit Plus Sign Serial I/O A/D Converters with Mux, Sample/Hold and Reference
ADC10731 TI1-ADC10731 Datasheet
1Mb / 33P
[Old version datasheet]   10-Bit Plus Sign Serial I/O A/D Converters with Mux, Sample/Hold and Reference
logo
National Semiconductor ...
ADC12030 NSC-ADC12030_07 Datasheet
1Mb / 44P
   Self-Calibrating 12-Bit Plus Sign Serial I/O A/D Converters with MUX and Sample/Hold
ADC12H030 NSC-ADC12H030 Datasheet
1Mb / 41P
   Self-Calibrating 12-Bit Plus Sign Serial I/O A/D Converters with MUX and Sample/Hold
ADC12130 NSC-ADC12130_06 Datasheet
1Mb / 42P
   Self-Calibrating 12-Bit Plus Sign Serial I/O A/D Converters with MUX and Sample/Hold
logo
Texas Instruments
ADC12030 TI1-ADC12030_14 Datasheet
2Mb / 53P
[Old version datasheet]   Self-Calibrating 12-Bit Plus Sign Serial I/O A/D Converters with MUX and Sample/Hold
logo
National Semiconductor ...
ADC12130 NSC-ADC12130 Datasheet
1Mb / 41P
   Self-Calibrating 12-Bit Plus Sign Serial I/O A/D Converters with MUX and Sample/Hold
logo
Texas Instruments
ADC12130 TI1-ADC12130 Datasheet
2Mb / 51P
[Old version datasheet]   Self-Calibrating 12-Bit Plus Sign Serial I/O A/D Converters with MUX and Sample/Hold
logo
National Semiconductor ...
ADC10731 NSC-ADC10731 Datasheet
556Kb / 27P
   10-Bit Plus Sign Serial I/O A/D Converters with Mux,
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com