Zakładka z wyszukiwarką danych komponentów |
|
CD74HC4538PWRG4 Arkusz danych(PDF) 1 Page - Texas Instruments |
|
|
CD74HC4538PWRG4 Arkusz danych(HTML) 1 Page - Texas Instruments |
1 / 20 page 1 Data sheet acquired from Harris Semiconductor SCHS123E Features • Retriggerable/Resettable Capability • Trigger and Reset Propagation Delays Independent of RX, CX • Triggering from the Leading or Trailing Edge • Q and Q Buffered Outputs Available • Separate Resets • Wide Range of Output Pulse Widths • Schmitt Trigger Input on A and B Inputs • Retrigger Time is Independent of CX • Fanout (Over Temperature Range) - Standard Outputs . . . . . . . . . . . . . . . 10 LSTTL Loads - Bus Driver Outputs . . . . . . . . . . . . . 15 LSTTL Loads • Wide Operating Temperature Range . . . -55oC to 125oC • Balanced Propagation Delay and Transition Times • Significant Power Reduction Compared to LSTTL Logic ICs • HC Types - 2V to 6V Operation - High Noise Immunity: NIL = 30%, NIH = 30% of VCC at VCC = 5V • HCT Types - 4.5V to 5.5V Operation - Direct LSTTL Input Logic Compatibility, VIL= 0.8V (Max), VIH = 2V (Min) - CMOS Input Compatibility, Il ≤ 1µA at VOL, VOH Pinout CD54HC4538, CD54HCT4538 (CERDIP) CD74HC4538 (PDIP, SOIC, SOP, TSSOP) CD74HCT4538 (PDIP, SOIC) TOP VIEW Description The ’HC4538 and ’HCT4538 are dual retriggerable/resettable monostable precision multivibrators for fixed voltage timing applications. An external resistor (RX) and an external capacitor (CX) control the timing and the accuracy for the circuit. Adjustment of RX and CX provides a wide range of output pulse widths from the Q and Q terminals. The propagation delay from trigger input-to- output transition and the propagation delay from reset input- to-output transition are independent of RX and CX. Leading-edge triggering (A) and trailing edge triggering (B) inputs are provided for triggering from either edge of the input pulse. An unused “A” input should be tied to GND and an unused B should be tied to VCC. On power up the IC is reset. Unused resets and sections must be terminated. In normal operation the circuit retriggers on the application of each new trigger pulse. To operate in the non-triggerable mode Q is connected to B when leading edge triggering (A) is used or Q is connected to A when trailing edge triggering (B) is used. The period ( τ) can be calculated from τ = (0.7) RX, CX; RMIN is 5kΩ. CMIN is 0pF. 14 15 16 9 13 12 11 10 1 2 3 4 5 7 6 8 1CX 1RXCX 1R 1A 1B 1Q GND 1Q VCC 2RXCX 2R 2A 2B 2Q 2Q 2CX Ordering Information PART NUMBER TEMP. RANGE (oC) PACKAGE CD54HC4538F3A -55 to 125 16 Ld CERDIP CD54HCT4538F3A -55 to 125 16 Ld CERDIP CD74HC4538E -55 to 125 16 Ld PDIP CD74HC4538M -55 to 125 16 Ld SOIC CD74HC4538MT -55 to 125 16 Ld SOIC CD74HC4538M96 -55 to 125 16 Ld SOIC CD74HC4538NSR -55 to 125 16 Ld SOP CD74HC4538PW -55 to 125 16 Ld TSSOP CD74HC4538PWR -55 to 125 16 Ld TSSOP CD74HC4538PWT -55 to 125 16 Ld TSSOP CD74HCT4538E -55 to 125 16 Ld PDIP CD74HCT4538M -55 to 125 16 Ld SOIC CD74HCT4538MT -55 to 125 16 Ld SOIC CD74HCT4538M96 -55 to 125 16 Ld SOIC NOTE: When ordering, use the entire part number. The suffixes 96 and R denote tape and reel. The suffix T denotes a small-quantity reel of 250. CAUTION: These devices are sensitive to electrostatic discharge. Users should follow proper IC Handling Procedures. Copyright © 2003, Texas Instruments Incorporated CD54HC4538, CD74HC4538, CD54HCT4538, CD74HCT4538 High-Speed CMOS Logic Dual Retriggerable Precision Monostable Multivibrator [ /Title (CD54 HC453 8, CD74 HC453 8, CD74 HCT45 38) /Sub- ject (High Speed CMOS Logic June 1998 - Revised October 2003 |
Podobny numer części - CD74HC4538PWRG4 |
|
Podobny opis - CD74HC4538PWRG4 |
|
|
Link URL |
Polityka prywatności |
ALLDATASHEET.PL |
Czy Alldatasheet okazała się pomocna? [ DONATE ] |
O Alldatasheet | Reklama | Kontakt | Polityka prywatności | Linki | Lista producentów All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |