Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ML1490PP Arkusz danych(PDF) 6 Page - LANSDALE Semiconductor Inc.

Numer części ML1490PP
Szczegółowy opis  RF/IF/Audio Amplifier Wideband Amplifier With AGC
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  LANSDALE [LANSDALE Semiconductor Inc.]
Strona internetowa  http://www.lansdale.com
Logo LANSDALE - LANSDALE Semiconductor Inc.

ML1490PP Arkusz danych(HTML) 6 Page - LANSDALE Semiconductor Inc.

  ML1490PP Datasheet HTML 1Page - LANSDALE Semiconductor Inc. ML1490PP Datasheet HTML 2Page - LANSDALE Semiconductor Inc. ML1490PP Datasheet HTML 3Page - LANSDALE Semiconductor Inc. ML1490PP Datasheet HTML 4Page - LANSDALE Semiconductor Inc. ML1490PP Datasheet HTML 5Page - LANSDALE Semiconductor Inc. ML1490PP Datasheet HTML 6Page - LANSDALE Semiconductor Inc. ML1490PP Datasheet HTML 7Page - LANSDALE Semiconductor Inc. ML1490PP Datasheet HTML 8Page - LANSDALE Semiconductor Inc.  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
www.lansdale.com
Page 6 of 8
Issue A
LANSDALE Semiconductor, Inc.
ML1490
6
Figure 19. 60 MHz Power Gain Test Circuit
Figure 20. Video Amplifier
Figure 21. 30 MHz Amplifier
(Power Gain = 50 dB, BW
1.0 MHz)
Figure 22. 100 MHz Mixer
L1 = 7 turns, #20 AWG wire, 5/16" Dia.,5/8" long
L2 = 6 turns, #14 AWG wire, 9/16" Dia.,3/4" long
C1,C2,C3 = (1–30) pF
C4 = (1–10) pF
0.0001
µF
Shield
Output
(50
Ω)
+12 Vdc
0.001
µF
2
6
1
3
4
5
L2
L1
VAGC
C1
Input
(50
Ω)
C4
C3
C2
VR(AGC)
8
RAGC
ML1490
1
8
3
4
5
7
2
+12 Vdc
VR(AGC)
ei
5.6 k
10 k
RL
eo
0.001
µF
VR(AGC)
1.0
µF
0.001
µF
0.001
µF
1.0
µF
1.0
µF
ML1490
7
8
1
2
4
6
5
+12 Vdc
10
µH
5.6 k
L1
T1
C2
RL = 50 Ω
1 – 10 pF
VR(AGC)
0.002
µF
(1 – 30) pF
Input
(50
Ω)
VAGC
38 pF
L1 = 12 turns, #22 AWG wire on a Toroid core,
(T37–6 micro metal or equiv).
T1: Primary = 17 turns, #20 AWG wire on a Toroid core, (T44–6).
Secondary = 2 turns, #20 AWG wire.
0.002
µF
3
ML1490
+12 Vdc
(1 – 30) pF
(1 – 10) pF
100
L1
L2
IF Output
Signal Input
(100 MHz)
Input from
local oscillator
(70 MHz)
VAGC
6.0 V
(30 MHz)
L1 = 5 turns, #16 AWG wire, 1/4", ID Dia., 5/8" long
L2 = 16 turns, #20 AWG wire on a Toroid core, (T44–6).
0.002
µF
0.002
µF
10
µH
(1 – 30) pF
(1 – 10) pF
7
ML1490
5
6
4
3
7
8
2
1
Figure 23. Two–Stage 60 MHz IF Amplifier (Power Gain 80 dB, BW 1.5 MHz)
3
2
5
6
1
8
3
2
4
5
6
1
8
200
µH
(1–10) pF
Input
(50
Ω)
VR(AGC)
10 k
5.1 k
0.002
µF
+12 Vdc
7
(1–10) pF
1.0 k
(1–10) pF
0.002
µF
T1
39 pF
0.002
µF
ML1490
ML1490
7
Shield
Shield
(1–10) pF
0.001
µF
Output
(50
Ω)
RFC
T2
24 pF
RFC
10
µH
T1: Primary Winding = 15 turns, #22 AWG wire, 1/4" ID Air Core
Secondary Winding = 4 turns, #22 AWG wire,
Coefficient of Coupling
≈ 1.0
T2: Primary Winding = 10 turns, #22 AWG wire, 1/4" ID Air Core
Secondary Winding = 2 turns, #22 AWG wire,
Coefficient of Coupling
≈ 1.0
4
Legacy Applications Information


Podobny numer części - ML1490PP

ProducentNumer częściArkusz danychSzczegółowy opis
logo
LANSDALE Semiconductor ...
ML1490PP LANSDALE-ML1490PP Datasheet
534Kb / 8P
   RF/IF/Audio Amplifier Wideband Amplifier With AGC
More results

Podobny opis - ML1490PP

ProducentNumer częściArkusz danychSzczegółowy opis
logo
LANSDALE Semiconductor ...
ML1490 LANSDALE-ML1490_08 Datasheet
534Kb / 8P
   RF/IF/Audio Amplifier Wideband Amplifier With AGC
logo
Motorola, Inc
MC1590G MOTOROLA-MC1590G Datasheet
517Kb / 8P
   RF/IF/AUDIO AMPLIFIER
logo
Zarlink Semiconductor I...
ZL10060 ZARLINK-ZL10060 Datasheet
312Kb / 38P
   MOPLL with IF AGC Amplifier
SL6140 ZARLINK-SL6140 Datasheet
476Kb / 10P
   400MHZ WIDEBAND AGC AMPLIFIER
logo
Mitel Networks Corporat...
SL6140 MITEL-SL6140 Datasheet
171Kb / 10P
   400MHz Wideband AGC Amplifier
logo
List of Unclassifed Man...
ISG510067 ETC1-ISG510067 Datasheet
209Kb / 7P
   DTV IF AGC AMPLIFIER
logo
SIRENZA MICRODEVICES
S510067 SIRENZA-S510067 Datasheet
163Kb / 6P
   DTV IF AGC AMPLIFIER
logo
List of Unclassifed Man...
PS20063 ETC2-PS20063 Datasheet
858Kb / 39P
   Image Reject MOPLL with IF AGC Amplifier
PS20060 ETC2-PS20060 Datasheet
1Mb / 39P
   MOPLL with IF AGC Amplifier Preliminary Information
logo
TriQuint Semiconductor
TGA1342-SCC TRIQUINT-TGA1342-SCC_15 Datasheet
119Kb / 7P
   2 20 GHz Wideband AGC Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com