Zakładka z wyszukiwarką danych komponentów |
|
ML12011-5P Arkusz danych(PDF) 4 Page - LANSDALE Semiconductor Inc. |
|
ML12011-5P Arkusz danych(HTML) 4 Page - LANSDALE Semiconductor Inc. |
4 / 14 page www.lansdale.com Page 4 of 14 Issue A LANSDALE Semiconductor, Inc. ML12009, ML12011 ELECTRICAL CHARACTERISTICS (Supply Voltage = –5.2 V, unless otherwise noted.) Test Limits Pin Under –30 °C 25 °C 85 °C Characteristic Symbol Under Test Min Max Min Max Min Max Unit Power Supply Drain Current ICC1 8 –88 –80 –80 mAdc ICC2 6 5.2 5.2 5.2 mAdc Input Current IinH1 15 11 12 13 375 375 375 375 250 250 250 250 250 250 250 250 µAdc IinH2 4 5 1.7 1.7 6.0 6.0 2.0 2.0 6.0 6.0 2.0 2.0 6.4 6.4 mAdc IinH3 5 0.7 3.0 1.0 3.0 1.0 3.6 IinH4 9 10 100 100 100 100 100 100 µAdc Leakage Current IinL1 15 11 12 13 –10 –10 –10 –10 –10 –10 –10 –10 –10 –10 –10 –10 µAdc IinL2 9 10 –1.6 –1.6 –1.6 –1.6 –1.6 –1.6 mAdc Reference Voltage VBB 14 –1.360 –1.160 Vdc Logic ‘1’ Output Voltage VOH1 (Note 1) 2 3 –1.100 –1.100 –0.890 –0.890 –1.000 –1.000 –0.810 –0.810 –0.930 –0.930 –0.700 –0.700 Vdc VOH2 7 –2.8 –2.6 –2.4 Logic ‘0’ Output Voltage VOL1 (Note 1) 2 3 –1.990 –1.990 –1.675 –1.675 –1.950 –1.950 –1.650 –1.650 –1.925 –1.925 –1.615 –1.615 Vdc VOL2 7 –4.26 –4.40 –4.48 Logic ‘1’ Threshold Voltage VOHA (Note 2) 2 3 –1.120 –1.120 –1.020 –1.020 –0.950 –0.950 Vdc Logic ‘0’ Threshold Voltage VOLA (Note 3) 2 3 –1.655 –1.655 –1.630 –1.630 –1.595 –1.595 Vdc Short Circuit Current IOS 7 –65 –20 –65 –20 –65 –20 mAdc NOTES: 1. Test outputs of the device must be tested by sequencing through the truth table. All input, power supply and ground voltages must be maintained between tests. The clock input is the waveform shown. 2. In addition to meeting the output levels specified, the device must divide by 5 or 8 during this test. The clock input is the waveform shown. 3. In addition to meeting the output levels specified, the device must divide by 6 or 9 during this test. The clock input is the waveform shown. Each MECL 10,000 series circuit has been designed to meet the dc specifications shown in the test table, after thermal equilibrium has been established. The circuit is in a test socket or mounted on a printed circuit board and transverse air flow greater than 500 linear fpm is maintained. Outputs are terminated through a 50 Ω resistor to –2.0 V. Test procedures are shown for only one gate. The other gates are tested in the same manner. VIHmax VILmin Clock Input |
Podobny numer części - ML12011-5P |
|
Podobny opis - ML12011-5P |