Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

MC12079D Arkusz danych(PDF) 4 Page - LANSDALE Semiconductor Inc.

Numer części MC12079D
Szczegółowy opis  2.8 GHz Prescaler MECL PLL Components 첨64/128/256 Prescaler
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  LANSDALE [LANSDALE Semiconductor Inc.]
Strona internetowa  http://www.lansdale.com
Logo LANSDALE - LANSDALE Semiconductor Inc.

MC12079D Arkusz danych(HTML) 4 Page - LANSDALE Semiconductor Inc.

  MC12079D Datasheet HTML 1Page - LANSDALE Semiconductor Inc. MC12079D Datasheet HTML 2Page - LANSDALE Semiconductor Inc. MC12079D Datasheet HTML 3Page - LANSDALE Semiconductor Inc. MC12079D Datasheet HTML 4Page - LANSDALE Semiconductor Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
www.lansdale.com
Page 4 of 4
Issue A
LANSDALE Semiconductor, Inc.
ML12079
P DIP 8 = PP
PLASTIC PACKAGE
(ML12079PP)
CASE 626–05
ISSUE K
SO 8 = -5P
(ML12079-5P)
PLASTIC PACKAGE
CASE 751–06
ISSUE T
NOTES:
1. DIMENSION L TO CENTER OF LEAD WHEN
FORMED PARALLEL.
2. PACKAGE CONTOUR OPTIONAL (ROUND OR
SQUARE CORNERS).
3. DIMENSIONING AND TOLERANCING PER ANSI
Y14.5M, 1982.
14
5
8
F
NOTE 2
–A–
–B–
–T–
SEATING
PLANE
H
J
G
D
K
N
C
L
M
M
A
M
0.13 (0.005)
B M
T
DIM
MIN
MAX
MIN
MAX
INCHES
MILLIMETERS
A
9.40
10.16
0.370
0.400
B
6.10
6.60
0.240
0.260
C
3.94
4.45
0.155
0.175
D
0.38
0.51
0.015
0.020
F
1.02
1.78
0.040
0.070
G
2.54 BSC
0.100 BSC
H
0.76
1.27
0.030
0.050
J
0.20
0.30
0.008
0.012
K
2.92
3.43
0.115
0.135
L
7.62 BSC
0.300 BSC
M
–––
10
–––
10
N
0.76
1.01
0.030
0.040
SEATING
PLANE
1
4
5
8
A
0.25 M CB SS
0.25 M
B M
h
C
X 45
L
DIM
MIN
MAX
MILLIMETERS
A
1.35
1.75
A1
0.10
0.25
B
0.35
0.49
C
0.19
0.25
D
4.80
5.00
E
1.27 BSC
e
3.80
4.00
H
5.80
6.20
h
0
7
L
0.40
1.25
0.25
0.50
NOTES:
1. DIMENSIONING AND TOLERANCING PER ASME
Y14.5M, 1994.
2. DIMENSIONS ARE IN MILLIMETER.
3. DIMENSION D AND E DO NOT INCLUDE MOLD
PROTRUSION.
4. MAXIMUM MOLD PROTRUSION 0.15 PER SIDE.
5. DIMENSION B DOES NOT INCLUDE DAMBAR
PROTRUSION. ALLOWABLE DAMBAR
PROTRUSION SHALL BE 0.127 TOTAL IN EXCESS
OF THE B DIMENSION AT MAXIMUM MATERIAL
CONDITION.
D
E
H
A
B
e
B
A1
C
A
0.10
OUTLINE DIMENSIONS
Lansdale Semiconductor reserves the right to make changes without further notice to any products herein to improve reliabili-
ty, function or design. Lansdale does not assume any liability arising out of the application or use of any product or circuit
described herein; neither does it convey any license under its patent rights nor the rights of others. “Typical” parameters which
may be provided in Lansdale data sheets and/or specifications can vary in different applications, and actual performance may
vary over time. All operating parameters, including “Typicals” must be validated for each customer application by the customer’s
technical experts. Lansdale Semiconductor is a registered trademark of Lansdale Semiconductor, Inc.


Podobny numer części - MC12079D

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
MC12079D TI-MC12079D Datasheet
77Kb / 4P
[Old version datasheet]   MECL PLL COMPONENTS /64/128/256 PRESCALER
logo
LANSDALE Semiconductor ...
MC12079D LANSDALE-MC12079D Datasheet
111Kb / 4P
   2.8 GHz Prescaler MECL PLL Components
More results

Podobny opis - MC12079D

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Motorola, Inc
MC12089 MOTOROLA-MC12089 Datasheet
74Kb / 4P
   MECL PLL COMPONENTS 첨64/128 PRESCALER
MC12066 MOTOROLA-MC12066 Datasheet
142Kb / 4P
   MECL PLL COMPONENTS 첨64/256 PRESCALER
MC12023 MOTOROLA-MC12023 Datasheet
67Kb / 2P
   MECL PLL COMPONENTS 첨64 PRESCALER
MC12075 MOTOROLA-MC12075 Datasheet
74Kb / 3P
   MECL PLL COMPONENTS 첨64 PRESCALER
logo
LANSDALE Semiconductor ...
ML12079 LANSDALE-ML12079_08 Datasheet
111Kb / 4P
   2.8 GHz Prescaler MECL PLL Components
logo
Texas Instruments
MC12079 TI-MC12079 Datasheet
77Kb / 4P
[Old version datasheet]   MECL PLL COMPONENTS /64/128/256 PRESCALER
logo
Motorola, Inc
MC12025 MOTOROLA-MC12025 Datasheet
73Kb / 2P
   MECL PLL COMPONENTS 첨64/65 DUAL MODULUS PRESCALER
MC12038A MOTOROLA-MC12038A Datasheet
87Kb / 5P
   MECL PLL COMPONENTS 첨127/128, 첨255/256 DUAL MODULUS PRESCALER
MC12074 MOTOROLA-MC12074 Datasheet
89Kb / 3P
   MECL PLL COMPONENTS 첨256 PRESCALER
MC12034A MOTOROLA-MC12034A Datasheet
84Kb / 4P
   MECL PLL COMPONENTS 첨32/33, 첨64/65 DUAL MODULUS PRESCALER
More results


Html Pages

1 2 3 4


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com