Zakładka z wyszukiwarką danych komponentów |
|
MC13055P Arkusz danych(PDF) 2 Page - LANSDALE Semiconductor Inc. |
|
MC13055P Arkusz danych(HTML) 2 Page - LANSDALE Semiconductor Inc. |
2 / 9 page ML13055 LANSDALE Semiconductor, Inc. MAXIMUM RATINGS Rating Symbol Value Unit Power Supply Voltage VCC(max) 15 Vdc Operating Supply Voltage Range V2, V4 3.0 to 12 Vdc Junction Temperature TJ 150 °C Operating Ambient Temperature Range TA -40 to +85 °C Storage Temperature Range Tstg -65 to +150 °C Power Dissipation, Package Rating PD 1.25 W ELECTRICAL CHARACTERISTICS (VCC = 5.0 Vdc, fo = 40 MHz, fmod = 1.0 MHz, ∆f = ±1.0 MHz, TA = 25°C, test circuit of Figure 2.) Characteristic Conditions Min Typ Max Unit Total Drain Current 20 25 mA Data Comparator Pull–Down Current I16 10 mA Meter Drive Slope versus Input I12 4.5 7.0 9.0 µA/dB Carrier Detect Pull–Down Current I13 1.3 mA Carrier Detect Pull–Up Current I13 500 µA Carrier Detect Threshold Voltage V12 690 800 1010 mV DC Output Current I10, I11 430 µA Recovered Signal V10 - V1 1 350 mVrms Sensitivity for 20 dB S+N/N, BW = 5.0 MHz VIN 20 µVrms S+N/N at Vin = 50 µV V10 - V1 1 30 dB Input Impedance @ 40 MHz Rin Cin Pin 5, Ground 4.2 4.5 k Ω pF Quadrature Coil Loading Rin Cin Pin 9 to 8 7.6 5.2 k Ω pF www.lansdale.com Page 2 of 9 I2 + I4 Issue B |
Podobny numer części - MC13055P |
|
Podobny opis - MC13055P |