Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

MC13150FTA Arkusz danych(PDF) 7 Page - LANSDALE Semiconductor Inc.

Numer części MC13150FTA
Szczegółowy opis  Narrowband FM Coilless Detector IF Subsystem
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  LANSDALE [LANSDALE Semiconductor Inc.]
Strona internetowa  http://www.lansdale.com
Logo LANSDALE - LANSDALE Semiconductor Inc.

MC13150FTA Arkusz danych(HTML) 7 Page - LANSDALE Semiconductor Inc.

Back Button MC13150FTA Datasheet HTML 3Page - LANSDALE Semiconductor Inc. MC13150FTA Datasheet HTML 4Page - LANSDALE Semiconductor Inc. MC13150FTA Datasheet HTML 5Page - LANSDALE Semiconductor Inc. MC13150FTA Datasheet HTML 6Page - LANSDALE Semiconductor Inc. MC13150FTA Datasheet HTML 7Page - LANSDALE Semiconductor Inc. MC13150FTA Datasheet HTML 8Page - LANSDALE Semiconductor Inc. MC13150FTA Datasheet HTML 9Page - LANSDALE Semiconductor Inc. MC13150FTA Datasheet HTML 10Page - LANSDALE Semiconductor Inc. MC13150FTA Datasheet HTML 11Page - LANSDALE Semiconductor Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
LANSDALE Semiconductor, Inc.
ML13150
Figure 12. BWadj Current
versus BWadj Voltage
BWadj VOLTAGE (Vdc)
Figure 13. Demodulator Output
versus Frequency
2.3
2.5
2.7
f, FREQUENCY (kHz)
0.1
1.0
10
100
10–3
10–4
10–5
10–6
10–7
VCC = 3.0 Vdc
TA = 25 C
10
0
–10
–20
–30
–50
–40
VCC = 3.0 Vdc
TA = 25 C
fRF = 50 MHz
fLO = 50.455 MHz
LO Level =–10 dBm
No IF Bandpass Filters
fdev = ±4.0 kHz
RB = 560 k
RB = 1.0 M
COILLESS DETECTOR
The quadrature detector is similar to a PLL. There is an inter-
nal oscillator running at the IF frequency and two detector
outputs. One is used to deliver the audio signal and the other
one is filtered and used to tune the oscillator.
The oscillator frequency is set by and external resistor at the
Fadj pin. Figure 9 shows the control current required for a
particular frequency; Figure 10 shows the pin voltage at that
current. From this the value of RF is chosen. For example,
455 kHz would require a current of around 50
µA. The pin
voltage (Pin 16 in the 32 pin QFP package) is around 655mV
giving a resistor of 13.1 k
Ω. Choosing 12 kΩ as the nearest
standard value gives a current of approximately 55
µA. The
5.0
µA difference can be taken up by the tuning resistor, RT.
The best nominal frequency for the AFTout pin (Pin 17)
would be half supply. A supply voltage of 3.0 Vdc suggests a
resistor value of (1.5 – 0.655) V/5.0
µA = 169 kΩ. Choosing
150 k
Ω would give a tuning current of 3/150 kΩ = 20 µA.
From Figure 9 this would give a tuning range of roughly 10
kHz/
µA or ± 100 kHz which should be adequate.
The bandwidth can be adjusted with the help of Figure 11.
For example, 1.0
µA would give a band width of ± 13 kHz.
The voltage across the bandwidth resistor, RB from Figure 12
is VCC – 2.44 Vdc = 0.56 Vdc for VCC = 3.0 Vdc, so RB =
0.56V/1.0
µA = 560 kΩ. Actually the locking range will be
±13 kHz while the audio bandwidth wil be approximately
±8.4 kHz due to an internal filter capacitor. This is verified in
Figure 13. For some applications it may be desireable that the
audio bandwidth is increased; this is done by reducing RB.
Reducing RB widens the detector bandwidth and improves
the distortion at high input levels at the expense of 12 dB
SINAD sensitivity. The low frequency 3.0dB point is set by
the tuning circuit such that the product
RTCT = 0.68/f3dB.
So, for example, 150 k
Ω and 1.0 µF give a 3.0 dB point of
4.5 kHz. The recovered audio is set by RL to give roughly
50mV per kHz deviation per 100 k of resistance. The dc
level can be shifted by RS from the nominal 0.68 V by the
following equation:
Detector DC Output = ((RL + RS)/RS) 0.68 Vdc
Thus RS = RL sets the output at 2 x 0.68 = 1.36 V; RL =
2RS sets the output at 3 x .068 = 2.0V.
www.lansdale.com
Page 7 of 20
Issue A


Podobny numer części - MC13150FTA

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Motorola, Inc
MC13150 MOTOROLA-MC13150 Datasheet
517Kb / 20P
   Narrowband FM Coilless Detector IF Subsystem
More results

Podobny opis - MC13150FTA

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Motorola, Inc
MC13150 MOTOROLA-MC13150 Datasheet
517Kb / 20P
   Narrowband FM Coilless Detector IF Subsystem
logo
Sanyo Semicon Device
LA8604M SANYO-LA8604M Datasheet
136Kb / 8P
   Narrowband FM IF Stage
logo
Ceramate Technical
CM5018 CERAMATE-CM5018 Datasheet
917Kb / 6P
   Low Power Narrowband FM IF
logo
Motorola, Inc
MC3361 MOTOROLA-MC3361 Datasheet
156Kb / 6P
   LOW POWER NARROWBAND FM IF
MC3361B MOTOROLA-MC3361B Datasheet
209Kb / 8P
   Low Power Narrowband FM IF
logo
LANSDALE Semiconductor ...
ML3371 LANSDALE-ML3371 Datasheet
1Mb / 19P
   Low Power Narrowband FM IF
ML3371 LANSDALE-ML3371_08 Datasheet
892Kb / 19P
   Low Power Narrowband FM IF
logo
Holtek Semiconductor In...
HT9011 HOLTEK-HT9011 Datasheet
98Kb / 7P
   FM IF Detector
logo
Sanyo Semicon Device
LA1225M SANYO-LA1225M_06 Datasheet
472Kb / 8P
   FM IF Detector IC
logo
TOKO, Inc
TK10930 TOKO-TK10930 Datasheet
937Kb / 4P
   AM/FM IF DETECTOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com