Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

MC13150FTB Arkusz danych(PDF) 9 Page - LANSDALE Semiconductor Inc.

Numer części MC13150FTB
Szczegółowy opis  Narrowband FM Coilless Detector IF Subsystem
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  LANSDALE [LANSDALE Semiconductor Inc.]
Strona internetowa  http://www.lansdale.com
Logo LANSDALE - LANSDALE Semiconductor Inc.

MC13150FTB Arkusz danych(HTML) 9 Page - LANSDALE Semiconductor Inc.

Back Button MC13150FTB Datasheet HTML 5Page - LANSDALE Semiconductor Inc. MC13150FTB Datasheet HTML 6Page - LANSDALE Semiconductor Inc. MC13150FTB Datasheet HTML 7Page - LANSDALE Semiconductor Inc. MC13150FTB Datasheet HTML 8Page - LANSDALE Semiconductor Inc. MC13150FTB Datasheet HTML 9Page - LANSDALE Semiconductor Inc. MC13150FTB Datasheet HTML 10Page - LANSDALE Semiconductor Inc. MC13150FTB Datasheet HTML 11Page - LANSDALE Semiconductor Inc. MC13150FTB Datasheet HTML 12Page - LANSDALE Semiconductor Inc. MC13150FTB Datasheet HTML 13Page - LANSDALE Semiconductor Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
LANSDALE Semiconductor, Inc.
ML13150
Figure 15. Application Circuit
NOTES: 1. Alternate solution is 1:4 impedance transformer (sources include Mini Circuits, Coilcraft and Toko).
2. 455 kHz ceramic filters (source Murata CFU455 series which are selected for various bandwidths).
3. For external LO source, a 51
Ω pullup resistor is used to bias the base of the on–board transistor as shown in Figure 15.
Designer may provide local oscillator with 3rd, 5th, or 7th overtone crystal oscillator circuit. The PC board is laid out to
accommodate external components needed for a Butler emitter coupled crystal oscillator (see Figure 16).
4. Enable IC by switching the pin to VEE.
5. The resistor is chosen to set the range of RSSI voltage output swing.
6. Details regarding the external components to setup the coilless detector are provided in the application section.
32
31
30
29
28
27
26
25
9
10
11
12
1314
1516
1
2
3
4
5
6
7
8
24
23
22
21
20
19
18
17
(3)
LO Input
(4)
Enable
(5)
RSSI
RSSI
Buffer
Detector
Output
RL
150 k
RS
150 k
1.0 n
100 n
100 n
1.0
µ
CT
+
560 k
RB
150 k
RT
12 k
RF
(6)
Coilless Detector
Circuit
10
µ
VCC
100 n
100 n
455 kHz
IF Ceramic
Filter
1.0 n
1.0 n
100 n
(2)
455 kHz
IF Ceramic
Filter
100 n
RF/IF
Input
11 p
(1)
180 nH
100 n
51
82 k
VEE1
Mixer
VCC1
Local
Oscillator
RSSI
Buffer
IF
VCC2
VEE2
Limiter
(6)
Legacy Applications Information
www.lansdale.com
Page 9 of 20
Issue A


Podobny numer części - MC13150FTB

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Motorola, Inc
MC13150 MOTOROLA-MC13150 Datasheet
517Kb / 20P
   Narrowband FM Coilless Detector IF Subsystem
More results

Podobny opis - MC13150FTB

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Motorola, Inc
MC13150 MOTOROLA-MC13150 Datasheet
517Kb / 20P
   Narrowband FM Coilless Detector IF Subsystem
logo
Sanyo Semicon Device
LA8604M SANYO-LA8604M Datasheet
136Kb / 8P
   Narrowband FM IF Stage
logo
Ceramate Technical
CM5018 CERAMATE-CM5018 Datasheet
917Kb / 6P
   Low Power Narrowband FM IF
logo
Motorola, Inc
MC3361 MOTOROLA-MC3361 Datasheet
156Kb / 6P
   LOW POWER NARROWBAND FM IF
MC3361B MOTOROLA-MC3361B Datasheet
209Kb / 8P
   Low Power Narrowband FM IF
logo
LANSDALE Semiconductor ...
ML3371 LANSDALE-ML3371 Datasheet
1Mb / 19P
   Low Power Narrowband FM IF
ML3371 LANSDALE-ML3371_08 Datasheet
892Kb / 19P
   Low Power Narrowband FM IF
logo
Holtek Semiconductor In...
HT9011 HOLTEK-HT9011 Datasheet
98Kb / 7P
   FM IF Detector
logo
Sanyo Semicon Device
LA1225M SANYO-LA1225M_06 Datasheet
472Kb / 8P
   FM IF Detector IC
logo
TOKO, Inc
TK10930 TOKO-TK10930 Datasheet
937Kb / 4P
   AM/FM IF DETECTOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com