Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ML145159-6P Arkusz danych(PDF) 4 Page - LANSDALE Semiconductor Inc.

Numer części ML145159-6P
Szczegółowy opis  Serial-Input PLL Frequency Synthesizer with Analog Phase Detector
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  LANSDALE [LANSDALE Semiconductor Inc.]
Strona internetowa  http://www.lansdale.com
Logo LANSDALE - LANSDALE Semiconductor Inc.

ML145159-6P Arkusz danych(HTML) 4 Page - LANSDALE Semiconductor Inc.

  ML145159-6P Datasheet HTML 1Page - LANSDALE Semiconductor Inc. ML145159-6P Datasheet HTML 2Page - LANSDALE Semiconductor Inc. ML145159-6P Datasheet HTML 3Page - LANSDALE Semiconductor Inc. ML145159-6P Datasheet HTML 4Page - LANSDALE Semiconductor Inc. ML145159-6P Datasheet HTML 5Page - LANSDALE Semiconductor Inc. ML145159-6P Datasheet HTML 6Page - LANSDALE Semiconductor Inc. ML145159-6P Datasheet HTML 7Page - LANSDALE Semiconductor Inc. ML145159-6P Datasheet HTML 8Page - LANSDALE Semiconductor Inc. ML145159-6P Datasheet HTML 9Page - LANSDALE Semiconductor Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
www.lansdale.com
Page 4 of 10
Issue A
LANSDALE Semiconductor, Inc.
ML145159
SWITCHING CHARACTERISTICS (TA = 25°C, CL = 50 pF)
Characteristic
Figure
No.
Symbol
VDD
Min
Max
Unit
Output Rise Time — MC
4, 9
tTLH
3
5
9
115
60
40
ns
Output Fall Time — MC
4, 9
tTHL
3
5
9
60
34
30
ns
Output Rise and Fall Time — LD and SRout
4, 9
tTLH,
tTHL
3
5
9
140
80
60
ns
Propagation Delay Time — fin to MC
5, 9
tPLH,
tPHL
3
5
9
125
80
50
ns
Setup Times — Data to CLK
6
tsu
3
5
9
30
20
18
ns
CLK to ENB
3
5
9
70
32
25
Hold Time — CLK to Data
6
th
3
5
9
12
12
15
ns
Recovery Time — ENB to CLK
6
trec
3
5
9
5
10
20
ns
Input Rise and Fall Times — CLK, OSCin, fin
7
tr, tf
3
5
9
5
2
0.5
µs
Input Pulse Width — ENB and CLK
8
tw
3
5
9
40
35
25
ns
NOTE: Refer to the graphs and text in application note AN969 for maximum frequency information.


Podobny numer części - ML145159-6P

ProducentNumer częściArkusz danychSzczegółowy opis
logo
LANSDALE Semiconductor ...
ML145159 LANSDALE-ML145159 Datasheet
434Kb / 10P
   Serial-Input PLL Frequency Synthesizer with Analog Phase Detector
ML145159 LANSDALE-ML145159_08 Datasheet
434Kb / 10P
   Serial-Input PLL Frequency Synthesizer with Analog Phase Detector
More results

Podobny opis - ML145159-6P

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Motorola, Inc
MC145159-1 MOTOROLA-MC145159-1 Datasheet
287Kb / 10P
   Serial Input PLL Frequency Synthesizer with Analog Phase Detector
MC1451591 MOTOROLA-MC1451591 Datasheet
225Kb / 12P
   Serial-Input PLL Frequency Synthesizer with Analog Phase Detector
MC145159 MOTOROLA-MC145159 Datasheet
288Kb / 10P
   Serial Input PLL Frequency Synthesizer with analog phase Detector
logo
LANSDALE Semiconductor ...
ML145159 LANSDALE-ML145159_08 Datasheet
434Kb / 10P
   Serial-Input PLL Frequency Synthesizer with Analog Phase Detector
ML145170 LANSDALE-ML145170 Datasheet
13Mb / 26P
   Phase-Frequency Detector PLL Frequency Synthesizer with Serial Interface
logo
Nippon Precision Circui...
SM5158A NPC-SM5158A Datasheet
60Kb / 7P
   Serial input PLL frequency synthesizer
logo
Fujitsu Component Limit...
MB15A02 FUJITSU-MB15A02 Datasheet
2Mb / 16P
   SERIAL INPUT PLL FREQUENCY SYNTHESIZER
logo
Motorola, Inc
MC12210 MOTOROLA-MC12210 Datasheet
98Kb / 12P
   SERIAL INPUT PLL FREQUENCY SYNTHESIZER
logo
Fujitsu Component Limit...
MB1501 FUJITSU-MB1501 Datasheet
238Kb / 17P
   SERIAL INPUT PLL FREQUENCY SYNTHESIZER
MB1511 FUJITSU-MB1511 Datasheet
127Kb / 15P
   Serial Input PLL Frequency Synthesizer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com