Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

MC145170P2 Arkusz danych(PDF) 1 Page - LANSDALE Semiconductor Inc.

Numer części MC145170P2
Szczegółowy opis  Phase-Frequency Detector PLL Frequency Synthesizer with Serial Interface
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  LANSDALE [LANSDALE Semiconductor Inc.]
Strona internetowa  http://www.lansdale.com
Logo LANSDALE - LANSDALE Semiconductor Inc.

MC145170P2 Arkusz danych(HTML) 1 Page - LANSDALE Semiconductor Inc.

  MC145170P2 Datasheet HTML 1Page - LANSDALE Semiconductor Inc. MC145170P2 Datasheet HTML 2Page - LANSDALE Semiconductor Inc. MC145170P2 Datasheet HTML 3Page - LANSDALE Semiconductor Inc. MC145170P2 Datasheet HTML 4Page - LANSDALE Semiconductor Inc. MC145170P2 Datasheet HTML 5Page - LANSDALE Semiconductor Inc. MC145170P2 Datasheet HTML 6Page - LANSDALE Semiconductor Inc. MC145170P2 Datasheet HTML 7Page - LANSDALE Semiconductor Inc. MC145170P2 Datasheet HTML 8Page - LANSDALE Semiconductor Inc. MC145170P2 Datasheet HTML 9Page - LANSDALE Semiconductor Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 26 page
background image
www.lansdale.com
Page 1 of 26
ML145170
Phase–Frequency Detector
PLL Frequency Synthesizer
with Serial Interface
Legacy Device: Motorola/Freescale MC145170-2
PIN CONNECTIONS
φ
φ
TSSOP 16 = -7P
PLASTIC PACKAGE
CASE 948C
16
1
P DIP 16 = EP
PLASTIC PACKAGE
CASE 648
SO 16 = -5P
PLASTIC PACKAGE
CASE 751B
16
1
16
1
Note: Lansdale lead free (Pb) product, as it
becomes available, will be identified by a part
number prefix change from ML to MLE.
CROSS REFERENCE/ORDERING INFORMATION
MOTOROLA
PACKAGE
P DIP 16
MC145170P2
ML145170EP
SO 16
MC145170D2
ML145170-5P
TSSOP 16
MC145170DT2
ML145170-7P
LANSDALE
The Lansdale ML145170 is a single–chip synthesizer capable of direct
usage in the MF, HF and VHF bands. A special architecture makes this
PLL easy to program. Either a bit– or byte–oriented format may be used.
Due to the patented BitGrabber™ registers, no address/steering bits are
required for random access of the three registers. Thus, tuning can be
accomplished via a 2–byte serial transfer to the 16-bit N register.
The device features fully programmable R and N counters, an amplifier
at the fin pin, on–chip support of an external crystal, a programmable ref-
linear transfer functions (no dead zones). A configuration (C) register
allows the part to be configured to meet various applications. A patented
feature allows the C register to shut off unused outputs, thereby minimiz-
ing noise and interference.
In order to reduce lock times and prevent erroneous data from being
Whenever a new divide ratio is loaded into the N register, both the N and
R counters are jam–loaded with their respective values and begin count-
ing down together. The phase detectors are also initialized during the jam
load.
• Operating Voltage Range: 2.7 to 5.5 V
• Operating Temperature Range: TA = –40º to +85º C
• Maximum Operating Frequency:
185 MHz @ Vin = 500 mVpp, 4.5 V Minimum Supply
100 MHz @ Vin = 500 mVpp, 3.0 V Minimum Supply
• Operating Supply Current:
0.6 mA @ 3.0 V, 30 MHz
1.5 mA @ 3.0 V, 100 MHz
3.0 mA @ 5.0 V, 50 MHz
5.8 mA @ 5.0 V, 185 MHz
• R Counter Division Range: 1 and 5 to 32,767
• N Counter Division Range: 40 to 65,535
• Direct Interface to Motorola SPI Serial Data Port
• See Application Notes AN1207/D and AN1671/D
• See web site www.lansdale.com for ML145170 control software
BitGrabber™ is a trademark of Motorola/Freescale
erence output, and both single and double–ended phase detectors with
loaded into the counters, a patented jam load feature is included.
Issue A


Podobny numer części - MC145170P2

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Motorola, Inc
MC145170P2 MOTOROLA-MC145170P2 Datasheet
871Kb / 32P
   PLL Frequency Synthesizer with Serial Interface
logo
Freescale Semiconductor...
MC145170P2 FREESCALE-MC145170P2 Datasheet
1Mb / 32P
   PLL Frequency Synthesizer with Serial Interface
More results

Podobny opis - MC145170P2

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Motorola, Inc
MC145159-1 MOTOROLA-MC145159-1 Datasheet
287Kb / 10P
   Serial Input PLL Frequency Synthesizer with Analog Phase Detector
MC1451591 MOTOROLA-MC1451591 Datasheet
225Kb / 12P
   Serial-Input PLL Frequency Synthesizer with Analog Phase Detector
logo
LANSDALE Semiconductor ...
ML145159 LANSDALE-ML145159 Datasheet
1Mb / 10P
   Serial-Input PLL Frequency Synthesizer with Analog Phase Detector
logo
Motorola, Inc
MC145159 MOTOROLA-MC145159 Datasheet
288Kb / 10P
   Serial Input PLL Frequency Synthesizer with analog phase Detector
logo
LANSDALE Semiconductor ...
ML145159 LANSDALE-ML145159_08 Datasheet
434Kb / 10P
   Serial-Input PLL Frequency Synthesizer with Analog Phase Detector
logo
Motorola, Inc
MC14570 MOTOROLA-MC14570 Datasheet
486Kb / 16P
   PLL FREQUENCY SYNTHESIZER WITH SERIAL INTERFACE
logo
Freescale Semiconductor...
MC145170-2 FREESCALE-MC145170-2 Datasheet
1Mb / 32P
   PLL Frequency Synthesizer with Serial Interface
logo
Motorola, Inc
MC145170-2 MOTOROLA-MC145170-2 Datasheet
871Kb / 32P
   PLL Frequency Synthesizer with Serial Interface
MC145170-1 MOTOROLA-MC145170-1 Datasheet
456Kb / 27P
   PLL Frequency Synthesizer with Serial Interface CMOS
MC145170 MOTOROLA-MC145170 Datasheet
486Kb / 16P
   PLL Frequency Synthesizer with Serial Interface CMOS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com