Zakładka z wyszukiwarką danych komponentów |
|
ML145406-6P Arkusz danych(PDF) 3 Page - LANSDALE Semiconductor Inc. |
|
ML145406-6P Arkusz danych(HTML) 3 Page - LANSDALE Semiconductor Inc. |
3 / 10 page www.lansdale.com Page 3 of 10 Issue A LANSDALE Semiconductor, Inc. ML145406 ELECTRICAL SPECIFICATIONS (Voltage polarities referenced to GND = 0 V, VCC = + 5 V ± 5%, TA = – 40 to + 85°C) Characteristic Symbol Min Typ Max Unit Digital Input Voltage DI1–DI3 Logic 0 Logic 1 VIL VIH — 2.0 — — 0.8 — V Input Current DI1–DI3 VDI1–DI3 = VCC Iin — — ± 1.0 µA Output High Voltage (VDI1–3 = Logic 0, RL = 3.0 k ) Tx1–Tx3 VDD = + 5.0 V, VSS = – 5.0 V VDD = + 6.0 V, VSS = – 6.0 VDD = + 12.0 V, VSS = – 12.0 V VOH 3.5 4.3 9.2 3.9 4.7 9.5 — — — V Output Low Voltage* (VDI1–3 = Logic 1, RL = 3.0 k ) Tx1–Tx3 VDD = + 5.0 V, VSS = – 5.0 V VDD = + 6.0 V, VSS = – 6.0 V VDD = + 12.0 V, VSS = – 12.0 V VOL – 4.0 – 4.5 – 10.0 –4.3 – 5.2 – 10.3 — — — V Off Source Resistance (Figure 1) Tx1–Tx3 VDD = VSS = GND = 0 V, VTx1–Tx3 = ± 2.0 V 300 — — Output Short–Circuit Current (VDD = + 12.0 V, VSS = – 12.0 V) Tx1–Tx3 Tx1–Tx3 shorted to GND** Tx1–Tx3 shorted to ± 15.0 V*** ISC — — ± 22 ± 60 ± 60 ± 100 mA * The voltage specifications are in terms of absolute values. ** Specification is for one Tx output pin to be shorted at a time. Should all three driver outputs be shorted simultaneously, device power dissipation limits will be exceeded. *** This condition could exceed package limitations. SWITCHING CHARACTERISTICS (VCC = + 5 V ± 5%, TA = – 40 to + 85°C Drivers Characteristic Symbol Min Typ Max Unit Propagation Delay Time Tx1–Tx3 Low–to–High RL = 3 k , CL = 50 pF tPLH — 300 500 ns High–to–Low RL = 3 k CL = 50 pF tPHL — 300 500 Output Slew Rate Tx1–Tx3 Minimum Load RL = 7 k , CL = 0 pF, VDD = + 6 to + 12 V, VSS = – 6 to – 12 V SR — ± 9 ± 30 V/ µs Maximum Load RL = 3 k , CL = 2500 pF VDD = + 12 V, VSS = – 12 V VDD = + 5 V, VSS = – 5 V 4 — — — — — Receivers (CL = 50 pF) Characteristic Symbol Min Typ Max Unit Propagation Delay Time DO1–DO3 Low–to–High tPLH — 150 425 ns High–to–Low tPHL — 150 425 Output Rise Time DO1–DO3 tr — 250 400 ns Output Fall Time DO1–DO3 tf — 40 100 ns |
Podobny numer części - ML145406-6P |
|
Podobny opis - ML145406-6P |