Zakładka z wyszukiwarką danych komponentów |
|
ML145404DW Arkusz danych(PDF) 4 Page - LANSDALE Semiconductor Inc. |
|
ML145404DW Arkusz danych(HTML) 4 Page - LANSDALE Semiconductor Inc. |
4 / 8 page www.lansdale.com Page 4 of 8 Issue A LANSDALE Semiconductor, Inc. ML145403, ML145404, ML145405, ML145408 DRIVER ELECTRICAL SPECIFICATIONS (Voltage Polarities Referenced to GND = 0 V, VDD = + 12 V, VSS = – 12 V, TA = – 40 to + 85°C, VCC = + 5 V, ± 10%) Characteristic Symbol Min Typ Max Unit Digital Input Voltage DI1 – DI n Logic 0 Logic 1 VIL VIH — 2 — — 0.8 — V Input Current DI1 – DI n VDI = GND VDI = VCC IIL IIH — — 7 — — ± 1.0 µA Output High Voltage Tx1 – Tx n VDI = Logic 0, RL = 3 kΩ VDD = + 5.0 V, VSS = – 5.0 V VDD = + 6.0 V, VSS = – 6.0 V VDD = + 12.0 V, VSS = – 12.0 V VOH 3.5 4.3 9.2 3.9 4.7 9.5 — — — V Output Low Voltage* Tx1 – Tx n VDI = Logic 1, RL = 3 kΩ VDD = + 5.0 V, VSS = – 5.0 V VDD = + 6.0 V, VSS = – 6.0 V VDD = + 12.0 V, VSS = – 12.0 V VOL – 4 – 4.5 – 10 – 4.3 – 5.2 – 10.3 — — — V Input Current Tx1 – Tx n (Figure 5) Zoff 300 — — Output Short Circuit Current Tx1 – Tx n VDD = + 12 V, VSS = – 12 V Tx Shorted to GND** Tx Shorted to ± 15 V*** ISC — — ± 22 ± 60 ± 60 ± 100 mA * Voltage specifications are in terms of absolute values. ** Specification is for one Tx output pin to be shorted at a time. Should all three driver outputs be shorted simultaneously, device power dissipation limits will be exceeded. *** This condition could exceed package limitations. SWITCHING CHARACTERISTICS (VCC = + 5 V, ± 10%, VDD = + 12 V, VSS = – 12 V, TA = – 40 to + 85°C; See Figures 2 and 3) Characteristic Symbol Min Typ Max Unit Drivers Propagation Delay Time Tx Low–to–High RL = 3 kΩ, CL = 50 pF tPLH — 500 1000 ns High–to–Low RL = 3 kΩ, CL = 50 pF tPHL — 700 1000 Output Slew Rate Minimum Load RL = 7 kΩ, CL = 0 pF (VDD = 6 to 12 V, VSS = – 6 to – 12 V) SR — ± 6 ± 30 V/ µs Maximum Load RL = 3 kΩ, CL = 2500 pF (VDD = 12 V, VSS = – 12 V, VCC = 5 V) 4 — — Receivers (CL = 50 pF) Propagation Delay Time Low–to–High tPLH — 360 610 ns High–to–Low tPHL — 130 610 Output Rise Time tr — 250 400 ns Output Fall Time tf — 40 100 ns |
Podobny numer części - ML145404DW |
|
Podobny opis - ML145404DW |
|
|
Link URL |
Polityka prywatności |
ALLDATASHEET.PL |
Czy Alldatasheet okazała się pomocna? [ DONATE ] |
O Alldatasheet | Reklama | Kontakt | Polityka prywatności | Linki | Lista producentów All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |