Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ML145407RP Arkusz danych(PDF) 3 Page - LANSDALE Semiconductor Inc.

Numer części ML145407RP
Szczegółowy opis  5 Volt Only Driver/Receiver RS232 EIA-232-E and CCITT V.28
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  LANSDALE [LANSDALE Semiconductor Inc.]
Strona internetowa  http://www.lansdale.com
Logo LANSDALE - LANSDALE Semiconductor Inc.

ML145407RP Arkusz danych(HTML) 3 Page - LANSDALE Semiconductor Inc.

  ML145407RP Datasheet HTML 1Page - LANSDALE Semiconductor Inc. ML145407RP Datasheet HTML 2Page - LANSDALE Semiconductor Inc. ML145407RP Datasheet HTML 3Page - LANSDALE Semiconductor Inc. ML145407RP Datasheet HTML 4Page - LANSDALE Semiconductor Inc. ML145407RP Datasheet HTML 5Page - LANSDALE Semiconductor Inc. ML145407RP Datasheet HTML 6Page - LANSDALE Semiconductor Inc. ML145407RP Datasheet HTML 7Page - LANSDALE Semiconductor Inc. ML145407RP Datasheet HTML 8Page - LANSDALE Semiconductor Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
www.lansdale.com
Page 3 of 8
Issue A
LANSDALE Semiconductor, Inc.
ML145407
MAXIMUM RATINGS (Voltage polarities referenced to GND)
Rating
Symbol
Value
Unit
DC Supply Voltages
VCC
– 0.5 to + 6.0
V
Input Voltage Range
Rx1 – Rx3 Inputs
DI1 – DI3 Inputs
VIR
VSS – 15 to VDD + 15
– 0.5 to (VCC + 0.5)
V
DC Current per Pin
I
± 100
mA
Power Dissipation
PD
1
W
Operating Temperature Range
TA
– 40 to + 85
°C
Storage Temperature Range
Tstg
– 85 to + 150
°C
DC ELECTRICAL CHARACTERISTICS (All polarities referenced to GND = 0 V; C1, C2, C3, C4 = 10
µF; TA = – 40 to + 85°C)
Parameter
Symbol
Min
Typ
Max
Unit
DC Supply Voltage
VCC
4.5
5
5.5
V
Quiescent Supply Current
(Outputs unloaded, inputs low)
ICC
1.2
3.0
mA
Output Voltage
Iload = 0 mA
Iload = 5 mA
Iload = 10 mA
VDD
8.5
7.5
6
10
9.5
9
11
V
Iload = 0 mA
Iload = 5 mA
Iload = 10 mA
VSS
– 8.5
– 7.5
– 6
– 10
– 9.2
– 8.6
–11
RECEIVER ELECTRICAL SPECIFICATIONS
(Voltage polarities referenced to GND = 0 V; VCC = + 5 V ± 10%; C1, C2, C3, C4 = 10 µF; TA = – 40 to + 85°C)
Characteristic
Symbol
Min
Typ
Max
Unit
Input Turn–on Threshold
Rx1 – Rx3
VDO1 – DO3 = VOL
Von
1.35
1.8
2.35
V
Input Turn–off Threshold
Rx1 – Rx3
VDO1 – DO3 = VOH
Voff
0.75
1.0
1.25
V
Input Threshold Hysteresis (Von – Voff)
Rx1 – Rx3
Vhys
0.6
0.8
V
Input Resistance
Rx1 – Rx3
Rin
3.0
5.4
7.0
k
High–Level Output Voltage
DO1 – DO3
VRx1 – Rx3 = – 3 V to – 25 V
IOH = – 20 µA
IOH = – 1 mA
VOH
VCC – 0.1
VCC – 0.7
4.3
V
Low–Level Output Voltage
DO1 – DO3
VRx1 – Rx3 = + 3 V to + 25 V
IOL = + 20 µA
IOL = + 1.6 mA
VOL
0.01
0.5
0.1
0.7
V
This device contains protection circuitry to
protect the inputs against damage due to high
static voltages or electric fields; however, it is
advised that normal precautions be taken to
avoid application of any voltage higher than
maximum rated voltages to this high imped-
ance circuit. For proper operation, it is recom-
mended that the voltages at the DI and DO pins
be constrained to the range GND
VDI VCC
and GND
VDO ≤ VCC. Also, the voltage at
the Rx pin should be constrained to (VSS
– 15 V)
≤ VRx1 – Rx3 (VDD + 15 V), and Tx
should be constrained to VSS
VTx1 – Tx3
VDD.
Unused inputs must always be tied to
appropriate logic voltage level (e.g., GND or
VCC for DI, and GND for Rx).


Podobny numer części - ML145407RP

ProducentNumer częściArkusz danychSzczegółowy opis
logo
LANSDALE Semiconductor ...
ML145407RP LANSDALE-ML145407RP Datasheet
173Kb / 8P
   5 Volt Only Driver
More results

Podobny opis - ML145407RP

ProducentNumer częściArkusz danychSzczegółowy opis
logo
LANSDALE Semiconductor ...
ML145406 LANSDALE-ML145406_08 Datasheet
208Kb / 10P
   Driver/Receiver EIA 232?밇 and CCITT V.28
ML145583 LANSDALE-ML145583 Datasheet
527Kb / 7P
   3.3 Volt Only Driver/Receiver with an Integrated Standby Mode RS 232/EIA-232-E and CCITT V.28
ML145406 LANSDALE-ML145406 Datasheet
759Kb / 10P
   Driver/Receiver EIA 232-E and CCITT V.28 (Formerly RS-232-D)
ML145403 LANSDALE-ML145403 Datasheet
916Kb / 8P
   Drivers/Receivers RS 232/EIA-232-E and CCITT V.28
logo
NXP Semiconductors
MC145406 PHILIPS-MC145406 Datasheet
90Kb / 5P
   EIA-232-D/V.28 driver/receiver
August 31, 1994
logo
LANSDALE Semiconductor ...
ML145403 LANSDALE-ML145403_08 Datasheet
259Kb / 8P
   Drivers/Receivers RS 232/EIA??32?밇 and CCITT V.28
logo
Integral Corp.
IN145406 INTEGRAL-IN145406 Datasheet
112Kb / 3P
   EIA-232-E / V.28 DRIVERS/RECEIVERS
logo
Motorola, Inc
MC145407 MOTOROLA-MC145407 Datasheet
178Kb / 8P
   5 VOLT ONLY DRIVER / RECEIVER
logo
National Semiconductor ...
DS14185 NSC-DS14185 Datasheet
173Kb / 8P
   EIA/TIA-232 3 Driver x 5 Receiver
DS14196 NSC-DS14196 Datasheet
131Kb / 7P
   EIA/TIA-232 5 Driver x 3 Receiver
More results


Html Pages

1 2 3 4 5 6 7 8


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com