Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TSB83AA22C Arkusz danych(PDF) 1 Page - Texas Instruments

Numer części TSB83AA22C
Szczegółowy opis  Phy and OHCI Link Device
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI - Texas Instruments

TSB83AA22C Arkusz danych(HTML) 1 Page - Texas Instruments

  TSB83AA22C Datasheet HTML 1Page - Texas Instruments TSB83AA22C Datasheet HTML 2Page - Texas Instruments TSB83AA22C Datasheet HTML 3Page - Texas Instruments TSB83AA22C Datasheet HTML 4Page - Texas Instruments TSB83AA22C Datasheet HTML 5Page - Texas Instruments TSB83AA22C Datasheet HTML 6Page - Texas Instruments TSB83AA22C Datasheet HTML 7Page - Texas Instruments TSB83AA22C Datasheet HTML 8Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
www.ti.com
FEATURES
TSB83AA22C
SLLS851 – JUNE 2007
TSB83AA22C IEEE Std 1394b-2002 Phy and OHCI Link Device
• Fully Supports Provisions of IEEE Std
• Software Device Reset (SWR)
1394b-2002 Revision 1.33+ at 1-Gigabit
• Fail-Safe Circuitry Senses Sudden Loss of
Signaling Rates
Power to the Device and Disables the Ports
• Fully Supports Provisions of IEEE Std
Ensure That the TSB83AA22C Does Not Load
1394a-2000 and IEEE Std 1394-1995 Standards
the TPBIAS of Any Connected Device and
for High-Performance Serial Bus
Blocks any Leakage From the Port Back to
Power Plane
• Fully Interoperable With Firewire™, i.LINK™,
and SB1394 Implementations of IEEE Std 1394
• IEEE Std 1394a-2000-Compliant
Common-Mode Noise Filter on Incoming Bias
• Provides Two Fully Backward-Compatible,
Detect Circuit to Filter Out Crosstalk Noise
IEEE Std 1394a-2000 Fully Compliant)
Bilingual IEEE Std 1394b-2002 Cable Ports at
• Port Programmable to Force IEEE Std
up to 800 Megabits per Second (Mbps)
1394a-2000 Mode to Allow Use of IEEE Std
1394a-2000 Connectors (IEEE Std 1394b-2002
• Full IEEE Std 1394a-2000 Support Includes:
Signaling Must Not Be Put Across IEEE Std
Connection Debounce
1394a-2000 Connectors or Cables)
Arbitrated Short Reset
• 3.3-V and 5-V PCI Signaling Environments
Multispeed Concatenation
• Serial-Bus Data Rates of 100 Mbps, 200 Mbps,
Arbitration Acceleration
400 Mbps, and 800 Mbps
Fly-By Concatenation
• Physical Write Posting of up to Three
Port Disable/Suspend/Resume
Outstanding Transactions
• Extended Resume Signaling for Compatibility
• Serial ROM or Boot ROM Interface Supports
With Legacy DV Devices
2-Wire Serial EEPROM Devices
• Power-Down Features to Conserve Energy in
• 33-MHz/32-Bit PCI Interface
Battery-Powered Applications
• Multifunction Terminal (MFUNC Terminal 1):
• Low-Power Sleep Mode
PCI_CLKRUN Protocol per the PCI Mobile
• Fully Compliant With Open Host Controller
Design Guide
Interface (OHCI) Requirements
General-Purpose I/O
• Cable Power Presence Monitoring
CYCLEIN/CYCLEOUT for External Cycle
• Cable Ports Monitor Line Conditions for
Timer Control for Customized
Active Connection to Remote Node
Synchronization
• Register Bits Give Software Control of
• PCI Burst Transfers and Deep FIFOs to
Contender Bit, Power-Class Bits, Link Active
Tolerate Large Host Latency:
Control Bit, and IEEE Std 1394a-2000 Features
Transmit FIFO—5K Asynchronous
• Interoperable With Other 1394 Physical Layers
Transmit FIFO—2K Isochronous
(Phy) Using 1.8-V, 3.3-V, and 5-V Supplies
Receive FIFO—2K Asynchronous
• Low-Jitter, External Crystal Oscillator
Receive FIFO—2K Isochronous
Provides Transmit and Receive Data at
• D0, D1, D2, and D3 Power States and PME
100/200/400/800 Mbps and Link-Layer
Events per the PCI Bus Power Management
Controller Clock at 49.152 MHz and
Interface Specification
98.304 MHz
• Programmable Asynchronous Transmit
• Separate Bias (TPBIAS) for Each Port
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
Firewire is a trademark of Apple Computer, Inc.
i.LINK is a trademark of Sony Kabushiki Kaisha TA Sony Corporation.
PRODUCTION DATA information is current as of publication date.
Copyright © 2007, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Podobny numer części - TSB83AA22C

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
TSB83AA22C TI1-TSB83AA22C Datasheet
1Mb / 115P
[Old version datasheet]   PHY and OHCI Link Device
TSB83AA22CZAJ TI1-TSB83AA22CZAJ Datasheet
1Mb / 115P
[Old version datasheet]   PHY and OHCI Link Device
TSB83AA22C TI1-TSB83AA22C_16 Datasheet
1Mb / 115P
[Old version datasheet]   PHY and OHCI Link Device
More results

Podobny opis - TSB83AA22C

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
TSB83AA22C TI1-TSB83AA22C_16 Datasheet
1Mb / 115P
[Old version datasheet]   PHY and OHCI Link Device
TSB83AA23 TI-TSB83AA23 Datasheet
145Kb / 8P
[Old version datasheet]   IEEE Std 1394b-2002 PHY AND OHCI LINK DEVICE
TSB83AA22A TI1-TSB83AA22A_14 Datasheet
68Kb / 7P
[Old version datasheet]   IEEE Std 1394b-2002 Phy and OHCI Link Device
TSB83AA22A TI-TSB83AA22A Datasheet
55Kb / 6P
[Old version datasheet]   IEEE Std 1394b-2002 Phy and OHCI Link Device
TSB83AA22A TI1-TSB83AA22A_08 Datasheet
73Kb / 6P
[Old version datasheet]   TSB83AA22A IEEE Std 1394b-2002 Phy and OHCI Link Device
TSB43AB22A TI-TSB43AB22A Datasheet
518Kb / 112P
[Old version datasheet]   INTEGRATED 1394A-2000 OHCI PHY/LINK-LAYER CONTROLLER
TSB43AB23PDTG4 TI1-TSB43AB23PDTG4 Datasheet
665Kb / 110P
[Old version datasheet]   IEEE 1394a-2000 OHCI PHY/Link Layer Controller 
TSB43AB21 TI-TSB43AB21 Datasheet
656Kb / 109P
[Old version datasheet]   INTERGRATED 1394A-2000 OHCI PHY LINK-LAYER CONTROLLER
TSB43AB21A TI-TSB43AB21A Datasheet
557Kb / 116P
[Old version datasheet]   Integrated 1394a-2000 OHCI PHY/Link-Layer Controller
TSB43AB22 TI-TSB43AB22 Datasheet
519Kb / 112P
[Old version datasheet]   INTERGRATED 1394a-2000 OHCI PHY/LINK-LAYER CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com