Zakładka z wyszukiwarką danych komponentów |
|
ML145443 Arkusz danych(PDF) 3 Page - LANSDALE Semiconductor Inc. |
|
ML145443 Arkusz danych(HTML) 3 Page - LANSDALE Semiconductor Inc. |
3 / 11 page www.lansdale.com Page 3 of 11 LANSDALE Semiconductor, Inc. ML145442, ML145443 DC ELECTRICAL CHARACTERISTICS (VDD = 5.0 V ±10%, TA = –40° to 85°C) Characteristic Symbol Min Typ Max Unit High–Level Input Voltage LB Xin, TxD, Mode, SQT VIH VDD – 0.8 3.15 — — — — V Low–Level Input Voltage LB Xin, TxD, Mode, SQT VIL — — — — 0.8 1.1 V High–Level Output Voltage IOH = 20 µA CD, RxD IOH = 2 mA CD, RxD IOH = 20 µAXout VOH VDD – 0.1 3.7 — — — VDD – 0.05 — — — V Low–Level Output Voltage IOL = 20 µA CD, RxD IOL = 2 mA CD, RxD IOL = 20 µAXout VOL — — — — — 0.05 0.1 0.4 — V Input Current LB, TxD, Mode, SQT RxA1, RxA2 (0 ° TA 85 °C) RxA1, RxA2 (–40 ° TA < 0°C) Xin Iin — — — — — 10 — — ±1.0 ±12 ±20 ±10 µA Quiesent Supply Current (Xin or fcrystal = 3.579 MHz) IDD — 7 10 mA Power–Down Supply Current — 200 300 µA Input Capacitance Xin All Other Inputs Cin — — 10 — — 10 pF VAG Output Voltage (IO = ±10 µA) VAG 2.4 2.5 2.6 V CDA Output Voltage (IO = ±10 µA) VCDA 1.1 1.2 1.3 V Line Driver Feedback Resistor Rf 10 20 30 k Ω AC ELECTRICAL CHARACTERISTICS (VDD = 5.0 V ±10%, TA = –40° to 85°C, Crystal Frequency = 3.579 MHz ±0.1%; See Figure 1) Characteristic Min Typ Max Unit TRANSMITTER Power Output on TxA RL = 1.2 kΩ, RTLA = ∞ RL = 1.2 kΩ, RTLA = 5.5 kΩ –13 –10 –12 –9 –11 –8 dBm Second Harmonic Power RL = 1.2 kΩ —– 56 — dBm RECEIVE FILTER AND HYBRID Hybrid Input Impedance RxA1, RxA2 40 50 — k Ω FB Output Impedance —16— k Ω Adjacent Channel Rejection –48 — — dBm DEMODULATOR Receive Carrier Amplitude –48 — –12 dBm Dynamic Range —36— dB Bit Jitter (S/N = 30 dB, Input = –38 dBm, Bit Rate = 300 baud) — 100 — µs Bit Bias —5— % Carrier Detect Threshold On to Off (CDA = 1.2 V or CDA grounded through a 0.1 µF capacitor) Off to On — — –44 –47 — — dBm Issue b |
Podobny numer części - ML145443 |
|
Podobny opis - ML145443 |