Zakładka z wyszukiwarką danych komponentów |
|
DAC8820IC Arkusz danych(PDF) 3 Page - Texas Instruments |
|
DAC8820IC Arkusz danych(HTML) 3 Page - Texas Instruments |
3 / 22 page www.ti.com ELECTRICAL CHARACTERISTICS DAC8820 SBAS358C – AUGUST 2005 – REVISED JUNE 2006 All specifications at –40 °C to +85°C, V DD = +2.7 V to +5.5 V, IOUT = virtual GND, GND = 0 V, VREF = 10 V, and TA = full operating temperature, unless otherwise noted. DAC8820 PARAMETER CONDITIONS MIN TYP MAX UNITS STATIC PERFORMANCE Resolution 16 Bits Relative accuracy DAC8820IB ±2 LSB Relative accuracy DAC8820IC ±1 LSB Differential nonlinearity ±0.5 ±1 LSB Output leakage current Data = 0000h, TA = +25°C 5 nA Output leakage current Data = 0000h, TA = TMAX 10 nA Full-scale gain error Unipolar, data = FFFFh 2 ±16 LSB Bipolar, data = FFFFh 2 ±16 LSB Full-scale temperature coefficient 1 2 ppm/ °C Bipolar zero scale error TA = +25°C ±5 LSB TA = TMAX ±8 LSB PSRR Power-supply rejection ratio; VDD = 5V ± 10% ±0.2 ±2.0 LSB/V OUTPUT CHARACTERISTICS(1) Output current 1.66 mA Output capacitance Code dependent 50 pF REFERENCE INPUT VREF Range –15 15 V RREF Input resistance (unipolar) 4.5 6 7.5 k Ω Input capacitance 5 pF R1/R2 R1/R2 resistance (bipolar) 9 12 15 k Ω ROFS, RFB Feedback and offset resistance 9 12 15 k Ω LOGIC INPUTS AND OUTPUT(1) Input low voltage VIL VDD = +2.7 V 0.6 V VIL VDD = +5 V 0.8 V Input high voltage VIH VDD = +2.7 V 2.1 V VIH VDD = +5 V 2.4 V Input leakage current IIL 0.001 1 µA Input capacitance CIL 8 pF INTERFACE TIMING, VDD = +5.0V(1) (See Figure 40 and Table 1) tDS Data to WR setup time 20 ns tDH Data to WR hold time 0 ns tWR WR pulse width 20 ns tLDAC LDAC pulse width 20 ns Data setup time tRST RST pulse width 20 ns Data hold time tLWD WR to LDAC delay time 0 ns INTERFACE TIMING, VDD = +2.7V(1) (See Figure 40 and Table 1) tDS Data to WR setup time 35 ns tDH Data to WR hold time 0 ns tWR WR pulse width 35 ns tLDAC LDAC pulse width 35 ns Data setup time tRST RST pulse width 35 ns Data hold time tLWD WR to LDAC delay time 0 ns (1) Specified by design and characterization; not production tested. 3 Submit Documentation Feedback |
Podobny numer części - DAC8820IC |
|
Podobny opis - DAC8820IC |