Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ML145567RP Arkusz danych(PDF) 7 Page - LANSDALE Semiconductor Inc.

Numer części ML145567RP
Szczegółowy opis  PCM Codec-Filter
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  LANSDALE [LANSDALE Semiconductor Inc.]
Strona internetowa  http://www.lansdale.com
Logo LANSDALE - LANSDALE Semiconductor Inc.

ML145567RP Arkusz danych(HTML) 7 Page - LANSDALE Semiconductor Inc.

Back Button ML145567RP Datasheet HTML 3Page - LANSDALE Semiconductor Inc. ML145567RP Datasheet HTML 4Page - LANSDALE Semiconductor Inc. ML145567RP Datasheet HTML 5Page - LANSDALE Semiconductor Inc. ML145567RP Datasheet HTML 6Page - LANSDALE Semiconductor Inc. ML145567RP Datasheet HTML 7Page - LANSDALE Semiconductor Inc. ML145567RP Datasheet HTML 8Page - LANSDALE Semiconductor Inc. ML145567RP Datasheet HTML 9Page - LANSDALE Semiconductor Inc. ML145567RP Datasheet HTML 10Page - LANSDALE Semiconductor Inc. ML145567RP Datasheet HTML 11Page - LANSDALE Semiconductor Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 18 page
background image
LANSDALE Semiconductor, Inc.
ML145554, ML145557, ML145564, ML145567
ANALOG ELECTRICAL CHARACTERISTICS
(VCC = + 5 V ± 5%, VBB = – 5 V ± 5%, VFXI – Connected to GSX, TA = – 40 to + 85°C)
Characteristic
Min
Typ
Max
Unit
Input Current (– 2.5
≤ Vin ≤ + 2.5 V)
VFXI+, VFXI–
± 0.05
± 0.2
µA
AC Input Impedance to GNDA (1 kHz)
VFXI+, VFXI–
10
20
M
Input Capacitance
VFXI+, VFXI–
10
pF
Input Offset Voltage of GSX Op Amp
VFXI+, VFXI–
± 25
mV
Input Common Mode Voltage Range
VFXI+, VFXI–
– 2.5
2.5
V
Input Common Mode Rejection Ratio
VFXI+, VFXI–
65
dB
Unity Gain Bandwidth of GSX Op Amp (Rload ≥ 10 kΩ)
1000
kHz
DC Open Loop Gain of GSX Op Amp (Rload ≥ 10 kΩ)
75
dB
Equivalent Input Noise (C–Message) Between VFXI+ and VFXI– at GSX
–20
dBrnC0
Output Load Capacitance for GSX Op Amp
0
100
pF
Output Voltage Range for GSX
Rload = 10 kΩ to GNDA
Rload = 600 Ω to GNDA
– 3.5
– 2.8
+ 3.5
+ 2.8
V
Output Current (– 2.8 V
≤ Vout ≤ + 2.8 V)
GSX, VFRO
± 5.0
mA
Output Impedance VFRO (0 to 3.4 kHz)
1
Output Load Capacitance for VFRO
0
500
pF
VFRO Output DC Offset Voltage Referenced to GNDA
± 100
mV
Transmit Power Supply Rejection
Positive, 0 to 100 kHz, C–Message
Negative, 0 to 100 kHz, C–Message
45
45
dBC
Receive Power Supply Rejection
Positive, 0 to 100 kHz, C–Message
Positive, 4 kHz to 25 kHz
Positive, 25 kHz to 50 kHz
Negative, 0 to 100 kHz, C–Message
Negative, 4 kHz to 25 kHz
Negative, 25 kHz to 50 kHz
50
50
43
50
45
38
dBC
dB
dB
dBC
dB
dB
ML145564/67 Power Drivers
Input Current (– 1 V
≤ VPI ≤ + 1 V)
VPI
± 0.05
± 0.5
µA
Input Resistance (– 1 V
≤ VPI ≤ + 1 V)
VPI
5
10
M
Input Offset Voltage (VPI Connected to VPO–)
VPI
± 50
mV
Output Resistance, Inverted Unity Gain
VPO+ or VPO–
1
Unity Gain Bandwidth, Open Loop
VPO–
400
kHz
Load Capacitance (
∞Ω ≥ Rload ≥ 300 Ω)
VPO+ or VPO– to GNDA
0
1000
pF
Gain from VPO– to VPO+ (Rload = 300 Ω, VPO+ to GNDA Level at VPO–
= 1.77 Vrms, +3 dBm0)
–1
V/V
Maximum 0 dBm0 Level for Better than
0.1 dB Linearity Over the
Rload = 600 Ω
Range – 10 dBm0 to + 3 dBm0 (For Rload between VPO+
Rload = 1200 Ω
and VPO–)
Rload = 10 kΩ
3.3
3.5
4.0
Vrms
Power Supply Rejection of VCC or VBB (VPO– Connected to VPI)
0 to 4 kHz
VPO + or VPO – to GNDA
4 to 50 kHz
55
35
dB
Differential Power Supply Rejection of VCC or VBB (VPO– Connected to VPI)
VPO+ to VPO–, 0 to 50 kHz
50
dB
www.lansdale.com
Page 7 of 18
Issue A


Podobny numer części - ML145567RP

ProducentNumer częściArkusz danychSzczegółowy opis
logo
LANSDALE Semiconductor ...
ML145567RP LANSDALE-ML145567RP Datasheet
284Kb / 18P
   PCM Codec-Filter
More results

Podobny opis - ML145567RP

ProducentNumer częściArkusz danychSzczegółowy opis
logo
KODENSHI_AUK CORP.
KK145567 KODENSHI-KK145567 Datasheet
373Kb / 10P
   PCM CODEC - FILTER
logo
Motorola, Inc
MC145554 MOTOROLA-MC145554 Datasheet
342Kb / 20P
   PCM Codec-Filter
logo
Integral Corp.
IL145567 INTEGRAL-IL145567 Datasheet
355Kb / 10P
   PCM CODEC - FILTER
logo
LANSDALE Semiconductor ...
ML145554 LANSDALE-ML145554_08 Datasheet
284Kb / 18P
   PCM Codec-Filter
logo
Motorola, Inc
MC145484 MOTOROLA-MC145484 Datasheet
293Kb / 26P
   5V PCM CODEC-FILTER
MC145480 MOTOROLA-MC145480 Datasheet
418Kb / 24P
   5V PCM CODEC-FILTER
logo
National Semiconductor ...
TP3094 NSC-TP3094 Datasheet
186Kb / 19P
   Quad PCM Codec/Filter
logo
NXP Semiconductors
MC145484 NXP-MC145484 Datasheet
607Kb / 28P
   5V PCM Codec-Filter
REV 2 3/98
logo
Motorola, Inc
MC145481 MOTOROLA-MC145481 Datasheet
319Kb / 23P
   3V PCM CODEC-FILTER
logo
LANSDALE Semiconductor ...
ML145506 LANSDALE-ML145506_08 Datasheet
2Mb / 20P
   PCM Codec-Filter Mono-Circuit
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com