Zakładka z wyszukiwarką danych komponentów |
|
MAX232INE4 Arkusz danych(PDF) 5 Page - Texas Instruments |
|
|
MAX232INE4 Arkusz danych(HTML) 5 Page - Texas Instruments |
5 / 16 page MAX232, MAX232I DUAL EIA232 DRIVERS/RECEIVERS SLLS047L − FEBRUARY 1989 − REVISED MARCH 2004 5 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 PARAMETER MEASUREMENT INFORMATION ≤10 ns VCC R1IN or R2IN R1OUT or R2OUT RL = 1.3 kΩ See Note C CL = 50 pF (see Note B) TEST CIRCUIT ≤10 ns Input Output tPHL tPLH 1.5 V VOL VOH 0 V 3 V 10% 90% 50% 500 ns WAVEFORMS 1.5 V 90% 50% 10% NOTES: A. The pulse generator has the following characteristics: ZO = 50 Ω, duty cycle ≤ 50%. B. CL includes probe and jig capacitance. C. All diodes are 1N3064 or equivalent. Pulse Generator (see Note A) Figure 1. Receiver Test Circuit and Waveforms for tPHL and tPLH Measurements |
Podobny numer części - MAX232INE4 |
|
Podobny opis - MAX232INE4 |