Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

BAC40C-806-02 Arkusz danych(PDF) 1 Page - Bookham, Inc.

Numer części BAC40C-806-02
Szczegółowy opis  40W 806nm 30% Fill Factor High Power Laser Diode Bar on Microchannel Cooler
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  BOOKHAM [Bookham, Inc.]
Strona internetowa  
Logo BOOKHAM - Bookham, Inc.

BAC40C-806-02 Arkusz danych(HTML) 1 Page - Bookham, Inc.

  BAC40C-806-02 Datasheet HTML 1Page - Bookham, Inc. BAC40C-806-02 Datasheet HTML 2Page - Bookham, Inc. BAC40C-806-02 Datasheet HTML 3Page - Bookham, Inc. BAC40C-806-02 Datasheet HTML 4Page - Bookham, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Data Sheet
1
The Bookham BAC40C-806-01/02 30% fill factor laser diode
bar on microchannel cooler series has been designed to
provide the high output power and high reliability required for
both solid-state laser pumping and direct applications.
The proprietary E2 front mirror passivation process, developed
at our Zurich site, prevents Catastrophic Optical Damage (COD)
to the laser diode facet even at extremely high output powers.
The laser diode bars are mounted on an expansion matched
CuW submount onto a water-cooled microchannel package
providing very high reliability in CW and pulsed (1-Hz type)
applications.
Features:
• Mounted 10mm x 1.2mm laser diode bar
• Active microchannel cooler (water cooled)
• 30% fill factor (150
µm emitter / 500µm pitch)
• 40W operating power
• Highly reliable single quantum well MBE structure
• Telecom grade AuSn mounting technology
• Packaging option with Cu base and cover
• RoHS compliant
Applications:
• Collimated solid state laser pumping
• Direct applications such as material processing
• Printing
• Medical
40W 806nm 30% Fill Factor High Power Laser Diode
Bar on Microchannel Cooler
BAC40C-806-01/02


Podobny numer części - BAC40C-806-02

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Isabellenhütte Heu...
BAC ISABELLENHUETTE-BAC Datasheet
4Mb / 3P
   PRECISION RESISTORS
BAC-M-R0001-5.0 ISABELLENHUETTE-BAC-M-R0001-5.0 Datasheet
4Mb / 3P
   PRECISION RESISTORS
logo
Murata Power Solutions ...
BAC05 MURATA-PS-BAC05 Datasheet
894Kb / 10P
   Isolated 5W Regulated Single Output AC/DC Converters
2023
BAC05S05DC MURATA-PS-BAC05S05DC Datasheet
894Kb / 10P
   Isolated 5W Regulated Single Output AC/DC Converters
2023
BAC05S12DC MURATA-PS-BAC05S12DC Datasheet
894Kb / 10P
   Isolated 5W Regulated Single Output AC/DC Converters
2023
More results

Podobny opis - BAC40C-806-02

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Bookham, Inc.
BPC40C-806 BOOKHAM-BPC40C-806 Datasheet
234Kb / 4P
   40W 806nm 30% Fill Factor High Power Laser Diode Bar on Passive Cu Block Cooler
BAC50C BOOKHAM-BAC50C Datasheet
263Kb / 4P
   50W 806nm High Power Laser Diode Bar on Microchannel Cooler
BPC40C BOOKHAM-BPC40C Datasheet
233Kb / 4P
   40W 10xxnm 30% Fill Factor High Power Laser Diode Bar on Passive Cu Block Cooler
BPC80C BOOKHAM-BPC80C Datasheet
235Kb / 4P
   80W 9xxnm 30% Fill Factor High Power Laser Diode Bar on Passive Cu Block Cooler
BAC120C BOOKHAM-BAC120C Datasheet
261Kb / 4P
   120W 9xxnm High Power Laser Diode Bar on Microchannel Cooler
BAC110C BOOKHAM-BAC110C Datasheet
562Kb / 4P
   110W 10xxnm High Power Laser Diode Bar on Microchannel Cooler
BAC80C BOOKHAM-BAC80C Datasheet
261Kb / 4P
   80W 9xxnm High Power Laser Diode Bar on Microchannel Cooler
BPC50C BOOKHAM-BPC50C Datasheet
234Kb / 4P
   50W 9xxnm 30% Fill Factor High Power Laser Diode Bar on Passive Cu Block Cooler
BPC60C BOOKHAM-BPC60C Datasheet
235Kb / 4P
   60W 9xxnm 20% Fill Factor High Power Laser Diode Bar on Passive Cu Block Cooler
VAC80C-915-01 BOOKHAM-VAC80C-915-01 Datasheet
574Kb / 4P
   80W 9xxnm High Power Very High Brightness Laser Diode Bar on Microchannel Cooler
More results


Html Pages

1 2 3 4


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com