Zakładka z wyszukiwarką danych komponentów |
|
LM4040A10IDCKRG4 Arkusz danych(PDF) 3 Page - Texas Instruments |
|
LM4040A10IDCKRG4 Arkusz danych(HTML) 3 Page - Texas Instruments |
3 / 50 page www.ti.com LM4040 PRECISION MICROPOWER SHUNT VOLTAGE REFERENCE SLOS456J – JANUARY 2005 – REVISED SEPTEMBER 2006 ORDERING INFORMATION (continued) DEVICE ORDERABLE TOP-SIDE TA VKA PACKAGE(1) GRADE PART NUMBER MARKING(2) SC-70 (DCK) Reel of 3000 LM4040B20IDCKR MT_ Reel of 3000 LM4040B20IDBZR SOT-23-3 (DBZ) 4MD_ 2.048 V Reel of 250 LM4040B20IDBZT Bulk of 1000 LM4040B20ILP TO-92/TO-226 (LP) PREVIEW Reel of 2000 LM4040B20ILPR SC-70 (DCK) Reel of 3000 LM4040B25IDCKR P3_ Reel of 3000 LM4040B25IDBZR SOT-23-3 (DBZ) 4NH_ 2.5 V Reel of 250 LM4040B25IDBZT Bulk of 1000 LM4040B25ILP TO-92/TO-226 (LP) PREVIEW Reel of 2000 LM4040B25ILPR SC-70 (DCK) Reel of 3000 LM4040B30IDCKR PA_ Reel of 3000 LM4040B30IDBZR SOT-23-3 (DBZ) 4M7_ 3 V Reel of 250 LM4040B30IDBZT Bulk of 1000 LM4040B30ILP TO-92/TO-226 (LP) PREVIEW Reel of 2000 LM4040B30ILPR B grade: SC-70 (DCK) Reel of 3000 LM4040B41IDCKR P5_ 0.2% initial Reel of 3000 LM4040B41IDBZR accuracy SOT-23-3 (DBZ) 4M3_ –40 °C to 85°C and 4.096 V Reel of 250 LM4040B41IDBZT 100 ppm/ °C Bulk of 1000 LM4040B41ILP temperature TO-92/TO-226 (LP) PREVIEW Reel of 2000 LM4040B41ILPR coefficient SC-70 (DCK) Reel of 3000 LM4040B50IDCKR MX_ Reel of 3000 LM4040B50IDBZR SOT-23-3 (DBZ) 4NB_ 5 V Reel of 250 LM4040B50IDBZT Bulk of 1000 LM4040B50ILP TO-92/TO-226 (LP) PREVIEW Reel of 2000 LM4040B50ILPR SC-70 (DCK) Reel of 3000 LM4040B82IDCKR PE_ Reel of 3000 LM4040B82IDBZR SOT-23-3 (DBZ) 4NM_ 8.192 V Reel of 250 LM4040B82IDBZT Bulk of 1000 LM4040B82ILP TO-92/TO-226 (LP) PREVIEW Reel of 2000 LM4040B82ILPR SC-70 (DCK) Reel of 3000 LM4040B10IDCKR PJ_ Reel of 3000 LM4040B10IDBZR SOT-23-3 (DBZ) 4NR_ 10 V Reel of 250 LM4040B10IDBZT Bulk of 1000 LM4040B10ILP TO-92/TO-226 (LP) PREVIEW Reel of 2000 LM4040B10ILPR 3 Submit Documentation Feedback |
Podobny numer części - LM4040A10IDCKRG4 |
|
Podobny opis - LM4040A10IDCKRG4 |