Zakładka z wyszukiwarką danych komponentów |
|
LM4040A10IDCKRG4 Arkusz danych(PDF) 7 Page - Texas Instruments |
|
LM4040A10IDCKRG4 Arkusz danych(HTML) 7 Page - Texas Instruments |
7 / 50 page www.ti.com CATHODE ANODE _ + Absolute Maximum Ratings (1) Recommended Operating Conditions LM4040 PRECISION MICROPOWER SHUNT VOLTAGE REFERENCE SLOS456J – JANUARY 2005 – REVISED SEPTEMBER 2006 FUNCTIONAL BLOCK DIAGRAM over free-air temperature range (unless otherwise noted) MIN MAX UNIT IZ Continuous cathode current –10 25 mA DBZ package 206 θ JA Package thermal impedance(2)(3) DCK package 252 °C/W LP package 156 TJ Operating virtual junction temperature 150 °C Tstg Storage temperature range –65 150 °C (1) Stresses beyond those listed under "absolute maximum ratings" may cause permanent damage to the device. These are stress ratings only, and functional operation of the device at these or any other conditions beyond those indicated under "recommended operating conditions" is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability. (2) Maximum power dissipation is a function of TJ(max), θJA, and TA. The maximum allowable power dissipation at any allowable ambient temperature is PD = (TJ(max) – TA)/θJA. Operating at the absolute maximum TJ of 150°C can affect reliability. (3) The package thermal impedance is calculated in accordance with JESD 51-7. MIN MAX UNIT IZ Cathode current (1) 12 mA LM4040xxxI –40 85 TA Free-air temperature °C LM4040xxxQ –40 125 (1) See parametric tables 7 Submit Documentation Feedback |
Podobny numer części - LM4040A10IDCKRG4 |
|
Podobny opis - LM4040A10IDCKRG4 |