Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SN74ALS151DE4 Arkusz danych(PDF) 8 Page - Texas Instruments

Numer części SN74ALS151DE4
Szczegółowy opis  1-OF-8 DATA SELECTORS/MULTIPLEXERS
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI - Texas Instruments

SN74ALS151DE4 Arkusz danych(HTML) 8 Page - Texas Instruments

Back Button SN74ALS151DE4 Datasheet HTML 4Page - Texas Instruments SN74ALS151DE4 Datasheet HTML 5Page - Texas Instruments SN74ALS151DE4 Datasheet HTML 6Page - Texas Instruments SN74ALS151DE4 Datasheet HTML 7Page - Texas Instruments SN74ALS151DE4 Datasheet HTML 8Page - Texas Instruments SN74ALS151DE4 Datasheet HTML 9Page - Texas Instruments SN74ALS151DE4 Datasheet HTML 10Page - Texas Instruments SN74ALS151DE4 Datasheet HTML 11Page - Texas Instruments SN74ALS151DE4 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 17 page
background image
Orderable Device
Status
(1)
Package
Type
Package
Drawing
Pins Package
Qty
Eco Plan
(2)
Lead/Ball Finish
MSL Peak Temp
(3)
SNJ54ALS151FK
ACTIVE
LCCC
FK
20
1
TBD
POST-PLATE
N / A for Pkg Type
SNJ54ALS151J
ACTIVE
CDIP
J
16
1
TBD
A42 SNPB
N / A for Pkg Type
SNJ54ALS151W
ACTIVE
CFP
W
16
1
TBD
A42
N / A for Pkg Type
(1) The marketing status values are defined as follows:
ACTIVE: Product device recommended for new designs.
LIFEBUY: TI has announced that the device will be discontinued, and a lifetime-buy period is in effect.
NRND: Not recommended for new designs. Device is in production to support existing customers, but TI does not recommend using this part in
a new design.
PREVIEW: Device has been announced but is not in production. Samples may or may not be available.
OBSOLETE: TI has discontinued the production of the device.
(2) Eco Plan - The planned eco-friendly classification: Pb-Free (RoHS), Pb-Free (RoHS Exempt), or Green (RoHS & no Sb/Br) - please check
http://www.ti.com/productcontent for the latest availability information and additional product content details.
TBD: The Pb-Free/Green conversion plan has not been defined.
Pb-Free (RoHS): TI's terms "Lead-Free" or "Pb-Free" mean semiconductor products that are compatible with the current RoHS requirements
for all 6 substances, including the requirement that lead not exceed 0.1% by weight in homogeneous materials. Where designed to be soldered
at high temperatures, TI Pb-Free products are suitable for use in specified lead-free processes.
Pb-Free (RoHS Exempt): This component has a RoHS exemption for either 1) lead-based flip-chip solder bumps used between the die and
package, or 2) lead-based die adhesive used between the die and leadframe. The component is otherwise considered Pb-Free (RoHS
compatible) as defined above.
Green (RoHS & no Sb/Br): TI defines "Green" to mean Pb-Free (RoHS compatible), and free of Bromine (Br) and Antimony (Sb) based flame
retardants (Br or Sb do not exceed 0.1% by weight in homogeneous material)
(3) MSL, Peak Temp. -- The Moisture Sensitivity Level rating according to the JEDEC industry standard classifications, and peak solder
temperature.
Important Information and Disclaimer:The information provided on this page represents TI's knowledge and belief as of the date that it is
provided. TI bases its knowledge and belief on information provided by third parties, and makes no representation or warranty as to the
accuracy of such information. Efforts are underway to better integrate information from third parties. TI has taken and continues to take
reasonable steps to provide representative and accurate information but may not have conducted destructive testing or chemical analysis on
incoming materials and chemicals. TI and TI suppliers consider certain information to be proprietary, and thus CAS numbers and other limited
information may not be available for release.
In no event shall TI's liability arising out of such information exceed the total purchase price of the TI part(s) at issue in this document sold by TI
to Customer on an annual basis.
PACKAGE OPTION ADDENDUM
www.ti.com
9-Oct-2007
Addendum-Page 2


Podobny numer części - SN74ALS151DE4

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
SN74ALS151D TI-SN74ALS151D Datasheet
110Kb / 6P
[Old version datasheet]   1-OF-8 DATA SELECTORS/MULTIPLEXERS
SN74ALS151D TI1-SN74ALS151D Datasheet
743Kb / 16P
[Old version datasheet]   1-OF-8 DATA SELECTORS/MULTIPLEXERS
SN74ALS151DR TI1-SN74ALS151DR Datasheet
743Kb / 16P
[Old version datasheet]   1-OF-8 DATA SELECTORS/MULTIPLEXERS
SN74ALS151DRE4 TI1-SN74ALS151DRE4 Datasheet
743Kb / 16P
[Old version datasheet]   1-OF-8 DATA SELECTORS/MULTIPLEXERS
More results

Podobny opis - SN74ALS151DE4

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
SN74F151BDR TI1-SN74F151BDR Datasheet
80Kb / 5P
[Old version datasheet]   1-OF-8 DATA SELECTORS/MULTIPLEXERS
logo
Hitachi Semiconductor
HD74LS152 HITACHI-HD74LS152 Datasheet
55Kb / 6P
   1-of-8 Data Selectors/Multiplexers
logo
Texas Instruments
SN54F151B TI-SN54F151B Datasheet
76Kb / 5P
[Old version datasheet]   1-OF-8 DATA SELECTORS/MULTIPLEXERS
SN54ALS151 TI-SN54ALS151 Datasheet
110Kb / 6P
[Old version datasheet]   1-OF-8 DATA SELECTORS/MULTIPLEXERS
SN54ALS151 TI-SN54ALS151_08 Datasheet
792Kb / 18P
[Old version datasheet]   1-OF-8 DATA SELECTORS/MULTIPLEXERS
logo
Aeroflex Circuit Techno...
UT54ACS151 AEROFLEX-UT54ACS151 Datasheet
239Kb / 10P
   1 of 8 Data Selectors/Multiplexers
logo
Texas Instruments
SN54ALS151 TI1-SN54ALS151_15 Datasheet
743Kb / 16P
[Old version datasheet]   1-OF-8 DATA SELECTORS/MULTIPLEXERS
SN54F151B TI1-SN54F151B_08 Datasheet
92Kb / 5P
[Old version datasheet]   1-OF-8 DATA SELECTORS/MULTIPLEXERS
logo
Hitachi Semiconductor
HD74LS151 HITACHI-HD74LS151 Datasheet
61Kb / 6P
   1-of-8 Data Selectors/Multiplexers(with strobe)
logo
National Semiconductor ...
DM74253 NSC-DM74253 Datasheet
167Kb / 4P
   TRI-STATE 1 of 8 Line Data Selectors/Multiplexers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com