Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

CB2ZFA3315533290653 Arkusz danych(PDF) 2 Page - Bookham, Inc.

Numer części CB2ZFA3315533290653
Szczegółowy opis  200GHz WDM Filter Components for OADM
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  BOOKHAM [Bookham, Inc.]
Strona internetowa  
Logo BOOKHAM - Bookham, Inc.

CB2ZFA3315533290653 Arkusz danych(HTML) 2 Page - Bookham, Inc.

  CB2ZFA3315533290653 Datasheet HTML 1Page - Bookham, Inc. CB2ZFA3315533290653 Datasheet HTML 2Page - Bookham, Inc. CB2ZFA3315533290653 Datasheet HTML 3Page - Bookham, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
D
200GHz Filters
Typical design specifications (valid over operating temperature)
Transmitted Channels
Standard
OADM
Clear Channel Passband
64
64
1.0
1.0
Insertion Loss Variation
0.3
0.2
Adjacent Band Isolation
30
30
Polarization Dependent Loss
0.15
0.1
Return Loss
45
45
Chromatic Dispersion
b
±15
±8
Directivity
45
45
Reflected Channel
0.4
0.4
Insertion Loss Variation
0.15
0.1
Polarization Dependent Loss
0.15
0.1
Reflection Isolation
b
12
16
Chromatic Dispersion
b
±5
±4
Directivity
45
45
Component Parameters
Operating Temperature
Storage Temperature
a Loss includes connector pair.
b At edge of clear channel passband.
ominal overall length. Standard package length without boots nominally 35mm.
mm
-5 to 70
-40 to 85
dB
dB
unit
dB
Insertion Loss
a
dB
GHz
dB
Insertion Loss
a
dB
dB
dB
Dimensions
c (standard packaging)
ps/nm
dB
dB
ps/nm
dB
5.5 (Ø) x 51 (L)
°C
°C
c N
Example Performance
200GHz OADM filter performance
-5
-4.5
-4
-3.5
-3
-2.5
-2
-1.5
-1
-0.5
0
1539
1539.5
1540
1540.5
1541
Wavelength (nm)
Transmission
Reflection


Podobny numer części - CB2ZFA3315533290653

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Eaton All Rights Reserv...
CB2 EATON-CB2 Datasheet
3Mb / 27P
   Single Row Terminal Blocks
CB2 EATON-CB2 Datasheet
819Kb / 7P
   Single Row Terminal Blocks
logo
M-System Co.,Ltd.
CB2 MSYSTEM-CB2 Datasheet
173Kb / 7P
   Plug-in Signal Conditioners M-UNIT
logo
Stackpole Electronics, ...
CB2 SEI-CB2 Datasheet
329Kb / 4P
   Ceramic Housed with Axial Leads Power Resistor
4/13/2021
logo
Amphenol Wilcoxon Sensi...
CB2 WILCOXON-CB2 Datasheet
351Kb / 1P
   Cable termination junction box
Rev.E.1 09/18
More results

Podobny opis - CB2ZFA3315533290653

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Bookham, Inc.
CB1SLU3215533290653 BOOKHAM-CB1SLU3215533290653 Datasheet
112Kb / 3P
   100GHz WDM Filter Components for OADM
TF2001553329 BOOKHAM-TF2001553329 Datasheet
318Kb / 3P
   200GHz WDM Filter Chips
TF0501553329 BOOKHAM-TF0501553329 Datasheet
433Kb / 3P
   50GHz WDM Filter Chips
TF1001553329 BOOKHAM-TF1001553329 Datasheet
324Kb / 3P
   100GHz WDM Filter Chips
CBWSLU1115533290653 BOOKHAM-CBWSLU1115533290653 Datasheet
200Kb / 3P
   Band Filters for 200GHz Add/Drop Multiplexing
logo
TDK Electronics
B39751B8317P810 TDK-B39751B8317P810 Datasheet
142Kb / 8P
   SAW Components SAW filter for Femtocell
logo
OPLINK Communications I...
OADMG1-1X2 OPLINK-OADMG1-1X2 Datasheet
219Kb / 2P
   Single Channel OADM
OADMG2-1X2 OPLINK-OADMG2-1X2 Datasheet
293Kb / 2P
   Single Channel OADM
OADMG1-2X2 OPLINK-OADMG1-2X2 Datasheet
313Kb / 2P
   Single Channel OADM
OADMG2-2X2 OPLINK-OADMG2-2X2 Datasheet
313Kb / 2P
   Single Channel OADM
More results


Html Pages

1 2 3


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com