Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADL5387 Arkusz danych(PDF) 10 Page - Analog Devices

Numer części ADL5387
Szczegółowy opis  50 MHz to 2 GHz Quadrature Demodulator
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

ADL5387 Arkusz danych(HTML) 10 Page - Analog Devices

Back Button ADL5387 Datasheet HTML 6Page - Analog Devices ADL5387 Datasheet HTML 7Page - Analog Devices ADL5387 Datasheet HTML 8Page - Analog Devices ADL5387 Datasheet HTML 9Page - Analog Devices ADL5387 Datasheet HTML 10Page - Analog Devices ADL5387 Datasheet HTML 11Page - Analog Devices ADL5387 Datasheet HTML 12Page - Analog Devices ADL5387 Datasheet HTML 13Page - Analog Devices ADL5387 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 28 page
background image
ADL5387
Rev. 0 | Page 10 of 28
DISTRIBUTIONS FOR fRF = 140 MHz
100
0
20
40
60
80
28
33
30
29
32
31
INPUT IP3 (dBm)
TA = +85°C
TA = +25°C
TA = –40°C
Figure 21. IIP3 Distributions
100
0
20
40
60
80
10
15
12
11
14
13
INPUT P1dB (dBm)
TA = +85°C
TA = +25°C
TA = –40°C
Figure 22. IP1dB Distributions
100
0
20
40
60
80
–0.2
0.2
0
–0.1
0.1
I/Q GAIN MISMATCH (dB)
TA = +85°C
TA = +25°C
TA = –40°C
Figure 23. I/Q Gain Mismatch Distributions
100
0
20
40
60
80
60
75
65
70
INPUT IP2 (dBm)
TA = +85°C
TA = +25°C
TA = –40°C
Q CHANNEL
I CHANNEL
Figure 24. IIP2 Distributions for I Channel and Q Channel
100
0
20
40
60
80
10.5
13.5
13.0
12.5
12.0
11.5
11.0
NOISE FIGURE (dB)
TA = +85°C
TA = +25°C
TA = –40°C
Figure 25. Noise Figure Distributions
100
0
20
40
60
80
–1.0
1.0
0.5
0
–0.5
QUADRATURE PHASE ERROR (Degrees)
TA = +85°C
TA = +25°C
TA = –40°C
Figure 26. I/Q Quadrature Error Distributions


Podobny numer części - ADL5387

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
ADL5387 AD-ADL5387 Datasheet
2Mb / 32P
   400 MHz to 6 GHz Broadband Quadrature Modulator
REV. 0
ADL5387 AD-ADL5387 Datasheet
429Kb / 5P
   Wideband LO PLL Synthesizer with Simple Interface to Quadrature Demodulators
REV. 0
ADL5387 AD-ADL5387 Datasheet
199Kb / 6P
   An IQ Demodulator-Based IF-to-Baseband Receiver with IF and Baseband Variable Gain and Programmable Baseband Filtering
REV. 0
ADL5387 AD-ADL5387 Datasheet
865Kb / 27P
   30 MHz to 2 GHz Quadrature Demodulator
Rev. C
ADL5387-EVALZ AD-ADL5387-EVALZ Datasheet
865Kb / 27P
   30 MHz to 2 GHz Quadrature Demodulator
Rev. C
More results

Podobny opis - ADL5387

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
ADL5387 AD-ADL5387_V01 Datasheet
865Kb / 27P
   30 MHz to 2 GHz Quadrature Demodulator
Rev. C
AD8348 AD-AD8348_15 Datasheet
929Kb / 28P
   50 MHz to 1000 MHz Quadrature Demodulator
REV. A
AD8348ARUZ-REEL7 AD-AD8348ARUZ-REEL7 Datasheet
929Kb / 28P
   50 MHz to 1000 MHz Quadrature Demodulator
REV. A
AD8348ARUZ AD-AD8348ARUZ Datasheet
929Kb / 28P
   50 MHz to 1000 MHz Quadrature Demodulator
REV. A
ADL5380 AD-ADL5380 Datasheet
840Kb / 36P
   400 MHz to 6 GHz Quadrature Demodulator
REV. 0
ADL5382 AD-ADL5382 Datasheet
804Kb / 28P
   700 MHz to 2.7 GHz Quadrature Demodulator
REV. 0
AD8348 AD-AD8348 Datasheet
778Kb / 13P
   50-1000 MHz Quadrature Demodulator
Rev. PrF 2/11/03
logo
Texas Instruments
TRF370417 TI-TRF370417 Datasheet
613Kb / 29P
[Old version datasheet]   50-MHz TO 6-GHz QUADRATURE MODULATOR
TRF370417 TI1-TRF370417 Datasheet
1Mb / 34P
[Old version datasheet]   50-MHz to 6-GHz Quadrature Modulator
TRF370417_15 TI-TRF370417_15_15 Datasheet
1Mb / 31P
[Old version datasheet]   50-MHz TO 6-GHz QUADRATURE MODULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com