Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADIS16355 Arkusz danych(PDF) 4 Page - Analog Devices

Numer części ADIS16355
Szczegółowy opis  Tri-Axis Inertial Sensor
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

ADIS16355 Arkusz danych(HTML) 4 Page - Analog Devices

  ADIS16355 Datasheet HTML 1Page - Analog Devices ADIS16355 Datasheet HTML 2Page - Analog Devices ADIS16355 Datasheet HTML 3Page - Analog Devices ADIS16355 Datasheet HTML 4Page - Analog Devices ADIS16355 Datasheet HTML 5Page - Analog Devices ADIS16355 Datasheet HTML 6Page - Analog Devices ADIS16355 Datasheet HTML 7Page - Analog Devices ADIS16355 Datasheet HTML 8Page - Analog Devices ADIS16355 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 28 page
background image
ADIS16355
Rev. PrG | Page 4 of 28
Parameter
Conditions
Min
Typ
Max
Unit
TEMPERATURE SENSOR
Output at 25°C
0
LSB
Scale Factor
6.88
LSB/°C
ADC INPUT
Resolution
12
Bits
Integral Nonlinearity
±2
LSB
Differential Nonlinearity
±1
LSB
Offset Error
±4
LSB
Gain Error
±2
LSB
Input Range
0
2.5
V
Input Capacitance
During acquisition
20
pF
DAC OUTPUT
5 kΩ/100 pF to GND
Resolution
12
Bits
Relative Accuracy
For Code 101 to Code 4095
±4
LSB
Differential Nonlinearity
±1
LSB
Offset Error
±5
mV
Gain Error
±0.5
%
Output Range
0 to 2.5
V
Output Impedance
2
Ω
Output Settling Time
10
μs
LOGIC INPUTS
Input High Voltage, VINH
2.0
V
Input Low Voltage, VINL
0.8
V
For −CS signal when used to wake up from
sleep mode
0.55
V
Logic 1 Input Current, IINH
VIH = 3.3 V
±0.2
±10
μA
Logic 0 Input Current, IINL
VIL = 0 V
All except RST
−40
−60
μA
RST
−1
mA
Input Capacitance, CIN
10
pF
DIGITAL OUTPUTS
Output High Voltage, VOH
ISOURCE = 1.6 mA
2.4
V
Output Low Voltage, VOL
ISINK = 1.6 mA
0.4
V
SLEEP TIMER
Timeout Period1
0.5
128
Sec
FLASH MEMORY
Endurance2
10,000
Cycles
Data Retention3
TJ = 85C
20
Years
CONVERSION RATE
Maximum Sample Rate
SMPL_PRD = 0x01
819.2
SPS
Minimum Sample Rate
SPML_PRD = 0xFF
0.413
SPS
START-UP TIME4
Initial Power Up
150
ms
Sleep Mode Recovery
3
ms
POWER SUPPLY
Operating Voltage Range, VCC
4.75
5.0
5.25
V
Power Supply Current
Normal mode at 25°C
33
mA
Fast mode at 25°C
57
mA
Sleep mode at 25°C
500
μA
1 Guaranteed by design
2 Endurance is qualified as per JEDEC Standard 22 Method A117 and measured at −40°C, +25°C, +85°C, and +125°C.
3 Retention lifetime equivalent at junction temperature (TJ) 85°C as per JEDEC Standard 22 Method A117. Retention lifetime decreases with junction temperature.
4 This is defined as the time from wake-up to the first conversion. This time does not include sensor settling time, which is dependent on the filter settings


Podobny numer części - ADIS16355

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
ADIS16355AMLZ AD-ADIS16355AMLZ Datasheet
1Mb / 15P
   iSensor PC-USB Evaluation System
Rev. PrA
More results

Podobny opis - ADIS16355

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
ADIS16365 AD-ADIS16365 Datasheet
448Kb / 20P
   Tri-Axis Inertial Sensor
Rev. PrA
ADIS16354 AD-ADIS16354 Datasheet
571Kb / 28P
   High Precision Tri-Axis Inertial Sensor
REV. 0
logo
Freescale Semiconductor...
MMA65XX FREESCALE-MMA65XX Datasheet
1Mb / 56P
   Dual-Axis SPI Inertial Sensor
MMA68XX FREESCALE-MMA68XX Datasheet
1Mb / 54P
   Dual-Axis SPI Inertial Sensor
MMA685X FREESCALE-MMA685X Datasheet
1Mb / 52P
   Single-Axis SPI Inertial Sensor
logo
NXP Semiconductors
MMA65XX NXP-MMA65XX Datasheet
1Mb / 56P
   Dual-Axis SPI Inertial Sensor
Rev. 3, 03/2012
MMA68XX NXP-MMA68XX Datasheet
1Mb / 56P
   MMA68xx, Dual-axis SPI Inertial Sensor
Rev. 7, 01/2016
MMA685X NXP-MMA685X Datasheet
1Mb / 52P
   MMA685x, Single-axis, SPI Inertial Sensor
Rev. 7, 01/2016
MMA655X NXP-MMA655X Datasheet
1Mb / 53P
   MMA655x,Single-Axis, SPI Inertial Sensor
Rev. 7.0, 01/2017
logo
STMicroelectronics
LIS344AL STMICROELECTRONICS-LIS344AL Datasheet
170Kb / 15P
   MEMS inertial sensor 3-axis ultracompact linear accelerometer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com