Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADIS16355PCBZ1 Arkusz danych(PDF) 10 Page - Analog Devices

Numer części ADIS16355PCBZ1
Szczegółowy opis  Tri-Axis Inertial Sensor
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

ADIS16355PCBZ1 Arkusz danych(HTML) 10 Page - Analog Devices

Back Button ADIS16355PCBZ1 Datasheet HTML 6Page - Analog Devices ADIS16355PCBZ1 Datasheet HTML 7Page - Analog Devices ADIS16355PCBZ1 Datasheet HTML 8Page - Analog Devices ADIS16355PCBZ1 Datasheet HTML 9Page - Analog Devices ADIS16355PCBZ1 Datasheet HTML 10Page - Analog Devices ADIS16355PCBZ1 Datasheet HTML 11Page - Analog Devices ADIS16355PCBZ1 Datasheet HTML 12Page - Analog Devices ADIS16355PCBZ1 Datasheet HTML 13Page - Analog Devices ADIS16355PCBZ1 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 28 page
background image
ADIS16355
Rev. PrG | Page 10 of 28
35
30
25
20
15
10
5
0
–0.5
–0.2
–0.3
–0.4
–0.1
0
0.1
0.3
0.3
0.4
0.5
SENSITIVITY ERROR (%)
Figure 17. Accelerometer Sensitivity Error Distribution, +25°C
20
18
16
14
12
10
8
6
4
2
0
–0.10 –0.08 –0.06 –0.04 –0.02
0
0.02 0.04 0.06 0.08 0.10
(°/s/g)
Figure 18. Gyroscope Bias Sensitivity to Linear Acceleration, +25°C
35
25
30
20
15
10
5
0
–0.10 –0.08 –0.06 –0.04 –0.02
0
0.02 0.04 0.06 0.08 0.10
GYROSCOPE AXIS NONORTHOGANALITY (°)
Figure 19. Gyroscope Alignment Distribution, +25°C
14.05
13.25
13.35
13.45
13.55
13.65
13.75
13.85
13.95
–360
360
270
180
90
0
–90
–180
–270
RATE (°/s)
–1
σ
MEAN
+1
σ
Figure 20. Gyroscope Linearity
0.5
0.4
0.3
0.2
0.1
0
–0.1
–0.2
–0.3
–0.4
–0.5
TIME (Hour:Minute)
Figure 21. Long-Term Bias Stability, +25°C
25
20
15
10
5
0
–0.24
–0.16
–0.08
0
0.08
0.16
0.24
ACCELEROMETER AXIS NONORTHOGANALITY (°)
Figure 22. Accelerometer Alignment Distribution, +25°C
Figure 23. Normal Mode Power Supply Current Distribution, +25°C


Podobny numer części - ADIS16355PCBZ1

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
ADIS16355AMLZ AD-ADIS16355AMLZ Datasheet
1Mb / 15P
   iSensor PC-USB Evaluation System
Rev. PrA
More results

Podobny opis - ADIS16355PCBZ1

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
ADIS16365 AD-ADIS16365 Datasheet
448Kb / 20P
   Tri-Axis Inertial Sensor
Rev. PrA
ADIS16354 AD-ADIS16354 Datasheet
571Kb / 28P
   High Precision Tri-Axis Inertial Sensor
REV. 0
logo
Freescale Semiconductor...
MMA65XX FREESCALE-MMA65XX Datasheet
1Mb / 56P
   Dual-Axis SPI Inertial Sensor
MMA68XX FREESCALE-MMA68XX Datasheet
1Mb / 54P
   Dual-Axis SPI Inertial Sensor
MMA685X FREESCALE-MMA685X Datasheet
1Mb / 52P
   Single-Axis SPI Inertial Sensor
logo
NXP Semiconductors
MMA65XX NXP-MMA65XX Datasheet
1Mb / 56P
   Dual-Axis SPI Inertial Sensor
Rev. 3, 03/2012
MMA68XX NXP-MMA68XX Datasheet
1Mb / 56P
   MMA68xx, Dual-axis SPI Inertial Sensor
Rev. 7, 01/2016
MMA685X NXP-MMA685X Datasheet
1Mb / 52P
   MMA685x, Single-axis, SPI Inertial Sensor
Rev. 7, 01/2016
MMA655X NXP-MMA655X Datasheet
1Mb / 53P
   MMA655x,Single-Axis, SPI Inertial Sensor
Rev. 7.0, 01/2017
logo
STMicroelectronics
LIS344AL STMICROELECTRONICS-LIS344AL Datasheet
170Kb / 15P
   MEMS inertial sensor 3-axis ultracompact linear accelerometer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com