Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SN74ALVCHR16245GR Arkusz danych(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Numer części SN74ALVCHR16245GR
Szczegółowy opis  16-BIT BUS TRANSCEIVER WITH 3-STATE OUTPUTS
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI - Texas Instruments

SN74ALVCHR16245GR Arkusz danych(HTML) 5 Page - Texas Instruments

  SN74ALVCHR16245GR Datasheet HTML 1Page - Texas Instruments SN74ALVCHR16245GR Datasheet HTML 2Page - Texas Instruments SN74ALVCHR16245GR Datasheet HTML 3Page - Texas Instruments SN74ALVCHR16245GR Datasheet HTML 4Page - Texas Instruments SN74ALVCHR16245GR Datasheet HTML 5Page - Texas Instruments SN74ALVCHR16245GR Datasheet HTML 6Page - Texas Instruments SN74ALVCHR16245GR Datasheet HTML 7Page - Texas Instruments SN74ALVCHR16245GR Datasheet HTML 8Page - Texas Instruments SN74ALVCHR16245GR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
www.ti.com
ELECTRICAL CHARACTERISTICS
SWITCHING CHARACTERISTICS
SN74ALVCHR16245
16-BIT BUS TRANSCEIVER
WITH 3-STATE OUTPUTS
SCES064G – DECEMBER 1995 – REVISED OCTOBER 2004
over recommended operating free-air temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
VCC
MIN TYP(1)
MAX
UNIT
IOH = -100 µA
1.65 V to 3.6 V
VCC - 0.2
IOH = -2 mA
1.65 V
1.2
IOH = -4 mA
2.3 V
1.9
VOH
2.3 V
1.7
V
IOH = -6 mA
3 V
2.4
IOH = -8 mA
2.7 V
2
IOH = -12 mA
3 V
2
IOL = 100 µA
1.65 V to 3.6 V
0.2
IOL = 2 mA
1.65 V
0.45
IOL = 4 mA
2.3 V
0.4
VOL
2.3 V
0.55
V
IOL = 6 mA
3 V
0.55
IOL = 8 mA
2.7 V
0.6
IOL = 12 mA
3 V
0.8
II
VI = VCC or GND
3.6 V
±5
µA
VI = 0.58 V
25
1.65 V
VI = 1.07 V
-25
VI = 0.7 V
45
2.3 V
II(hold)
VI = 1.7 V
-45
µA
VI = 0.8 V
75
3 V
VI = 2 V
-75
VI = 0 to 3.6 V(2)
3.6 V
±500
IOZ(3)
VO = VCC or GND
3.6 V
±10
µA
ICC
VI = VCC or GND,
IO = 0
3.6 V
40
µA
∆I
CC
One input at VCC - 0.6 V, Other inputs at VCC or GND
3 V to 3.6 V
750
µA
Ci
Control inputs
VI = VCC or GND
3.3 V
4
pF
Cio
A or B ports
VO = VCC or GND
3.3 V
9
pF
(1)
All typical values are at VCC = 3.3 V, TA = 25°C.
(2)
This is the bus-hold maximum dynamic current. It is the minimum overdrive current required to switch the input from one state to
another.
(3)
For I/O ports, the parameter IOZ includes the input leakage current.
over recommended operating free-air temperature range (unless otherwise noted) (see Figure 1)
VCC = 2.5 V
VCC = 3.3 V
VCC = 1.8 V
VCC = 2.7 V
FROM
TO
± 0.2 V
± 0.3 V
PARAMETER
UNIT
(INPUT)
(OUTPUT)
TYP
MIN
MAX
MIN
MAX
MIN
MAX
tpd
A or B
B or A
(1)
1
4.9
4.7
1
4.2
ns
ten
OE
B or A
(1)
1
6.8
6.7
1
5.6
ns
tdis
OE
B or A
(1)
1
6.3
5.7
1
5.5
ns
(1)
This information was not available at the time of publication.
5


Podobny numer części - SN74ALVCHR16245GR

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
SN74ALVCHR16245GR TI-SN74ALVCHR16245GR Datasheet
296Kb / 13P
[Old version datasheet]   16-BIT BUS TRANSCEIVER WITH 3-STATE OUTPUTS
More results

Podobny opis - SN74ALVCHR16245GR

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
SN74LVC16245A TI-SN74LVC16245A Datasheet
473Kb / 14P
[Old version datasheet]   16-BIT BUS TRANSCEIVER WITH 3-STATE OUTPUTS
SN74ALVC16245 TI1-SN74ALVC16245_13 Datasheet
203Kb / 10P
[Old version datasheet]   16-BIT BUS TRANSCEIVER WITH 3-STATE OUTPUTS
SN74LVC16245 TI1-SN74LVC16245 Datasheet
161Kb / 9P
[Old version datasheet]   16-BIT BUS TRANSCEIVER WITH 3-STATE OUTPUTS
SN74LVCHR16245A TI1-SN74LVCHR16245A_16 Datasheet
1Mb / 28P
[Old version datasheet]   16-Bit Bus Transceiver With 3-State Outputs
SN74LVCR162245 TI-SN74LVCR162245_06 Datasheet
308Kb / 12P
[Old version datasheet]   16-BIT BUS TRANSCEIVER WITH 3-STATE OUTPUTS
SN74LVCZ16245A TI-SN74LVCZ16245A Datasheet
190Kb / 11P
[Old version datasheet]   16-BIT BUS TRANSCEIVER WITH 3-STATE OUTPUTS
SN74ALVCH16245-EP TI1-SN74ALVCH16245-EP Datasheet
292Kb / 11P
[Old version datasheet]   16-BIT BUS TRANSCEIVER WITH 3-STATE OUTPUTS
SN74ALVCH16245 TI-SN74ALVCH16245 Datasheet
465Kb / 17P
[Old version datasheet]   16-BIT BUS TRANSCEIVER WITH 3-STATE OUTPUTS
SN74AVC16245 TI-SN74AVC16245 Datasheet
169Kb / 11P
[Old version datasheet]   16-BIT BUS TRANSCEIVER WITH 3-STATE OUTPUTS
CABT16245AMDLREP TI1-CABT16245AMDLREP Datasheet
548Kb / 11P
[Old version datasheet]   16-BIT BUS TRANSCEIVER WITH 3-STATE OUTPUTS
SN74LVCH16245A TI-SN74LVCH16245A_06 Datasheet
464Kb / 17P
[Old version datasheet]   16-BIT BUS TRANSCEIVER WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com