Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

BZX784C14 Arkusz danych(PDF) 4 Page - Pan Jit International Inc.

Numer części BZX784C14
Szczegółowy opis  SURFACE MOUNT SILICON ZENER DIODES
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  PANJIT [Pan Jit International Inc.]
Strona internetowa  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.

BZX784C14 Arkusz danych(HTML) 4 Page - Pan Jit International Inc.

  BZX784C14 Datasheet HTML 1Page - Pan Jit International Inc. BZX784C14 Datasheet HTML 2Page - Pan Jit International Inc. BZX784C14 Datasheet HTML 3Page - Pan Jit International Inc. BZX784C14 Datasheet HTML 4Page - Pan Jit International Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
PAGE . 4
STAD-APR.26.2007
MOUNTING PAD LAYOUT
• Packing information
T/R - 8K per 7" plastic Reel
ORDER INFORMATION
LEGAL STATEMENT
Copyright PanJit International, Inc 2007
The information presented in this document is believed to be accurate and reliable. The specifications and information herein
are subject to change without notice. Pan Jit makes no warranty, representation or guarantee regarding the suitability of its
products for any particular purpose. Pan Jit products are not authorized for use in life support devices or systems. Pan Jit
does not convey any license under its patent rights or rights of others.
BZX784C2V4~BZX784C51


Podobny numer części - BZX784C14

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Pan Jit International I...
BZX784C14 PANJIT-BZX784C14 Datasheet
94Kb / 4P
   SURFACE MOUNT SILICON ZENER DIODES
More results

Podobny opis - BZX784C14

ProducentNumer częściArkusz danychSzczegółowy opis
logo
EIC discrete Semiconduc...
SZ453G EIC-SZ453G Datasheet
28Kb / 2P
   SURFACE MOUNT SILICON ZENER DIODES
logo
Diotec Semiconductor
ZMY3.0G DIOTEC-ZMY3.0G Datasheet
114Kb / 2P
   Surface Mount Silicon-Zener Diodes
logo
Pan Jit International I...
1SMC5334 PANJIT-1SMC5334 Datasheet
48Kb / 3P
   SURFACE MOUNT SILICON ZENER DIODES
1SMC5348 PANJIT-1SMC5348_03 Datasheet
48Kb / 3P
   SURFACE MOUNT SILICON ZENER DIODES
MMSZ5229AS PANJIT-MMSZ5229AS Datasheet
74Kb / 4P
   SURFACE MOUNT SILICON ZENER DIODES
logo
Continental Device Indi...
BZT52C CDIL-BZT52C Datasheet
325Kb / 4P
   SURFACE MOUNT SILICON ZENER DIODES
logo
EIC discrete Semiconduc...
SML4728 EIC-SML4728 Datasheet
34Kb / 2P
   SURFACE MOUNT SILICON ZENER DIODES
SZ603D EIC-SZ603D Datasheet
43Kb / 2P
   SURFACE MOUNT SILICON ZENER DIODES
logo
Pan Jit International I...
MMBZ5221BW PANJIT-MMBZ5221BW Datasheet
79Kb / 5P
   SURFACE MOUNT SILICON ZENER DIODES
BZX84C2V4W PANJIT-BZX84C2V4W Datasheet
79Kb / 5P
   SURFACE MOUNT SILICON ZENER DIODES
BZT52-C2V4S PANJIT-BZT52-C2V4S Datasheet
78Kb / 5P
   SURFACE MOUNT SILICON ZENER DIODES
More results


Html Pages

1 2 3 4


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com