Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ES1A Arkusz danych(PDF) 2 Page - Pan Jit International Inc.

Numer części ES1A
Szczegółowy opis  SURFACE MOUNT SUPERFAST RECTIFIER
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  PANJIT [Pan Jit International Inc.]
Strona internetowa  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.

ES1A Arkusz danych(HTML) 2 Page - Pan Jit International Inc.

  ES1A_04 Datasheet HTML 1Page - Pan Jit International Inc. ES1A_04 Datasheet HTML 2Page - Pan Jit International Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
PAGE . 2
STAD-NOV.26.2004
RATING AND CHARACTERISTIC CURVES
FIG.2 MAXIMUM AVERAGE FORWARD CURRENT DERATING
LEAD TEMPERATURE, C
O
0
0
0.5
1.0
1.5
20
40
60
80
100
120
140
160
180
SINGLE PHASE, HALF-WAVE, 60Hz RESISTIVE
OR INDUCTIVE LOAD P.C.B MOUNTED
ON 0.3 x 0.3" (8.0 x 8.0 mm)COPPER PAD AREAS
FIG.1 TYPICAL JUNCTION CAPACITANCE
REVERSE VOLTAGE, VOLTS
FIG.4 TYPICAL FORWARD CHARACTERISTICS
INSTANTANEOUS FORWARD VOLTAGE VOLTS
FIG.3 TYPICAL REVERSE CHARACTERISTICS
PERCENT OF RATED PEAK INVERSE VOLTGE, VOLTS
NUMBER OF CYCLES AT 60Hz
FIG.5 MAXIMUM NON-REPEITIVE SURGE CURRENT
40 60 80 100
1
2
46
8 10
20
5
20
15
10
30
25
35
1000
100
10
1.0
0.1
20
40
60
80
100
120
T= 75 C
J
O
T= 25 C
J
O
T= 125 C
J
O
0.1
1
10
100
Tj= 25 C
f= 1 .0MHz
Vsig = 50mVp -p
O
12
0
2.0
4.0
6.0
8.0
10
14
16
18
1.0
.1
.01
.001
0.4
0.6
0.8
1.0
1.2
111
...
468
T= 25 C
J
O
10
600V
300-400V
50-200V


Podobny numer części - ES1A_04

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Won-Top Electronics
ES1A WTE-ES1A_06 Datasheet
54Kb / 4P
   1.0A SURFACE MOUNT GLASS PASSIVATED SUPERFAST DIODE
logo
Shenzhen Yixinwei Techn...
ES1A YIXIN-ES1A_06 Datasheet
254Kb / 2P
   Super Fast Surface Mount Rectifiers
logo
Pan Jit International I...
ES1A PANJIT-ES1A_09 Datasheet
110Kb / 3P
   SURFACE MOUNT SUPERFAST RECTIFIER
logo
Weitron Technology
ES1A WEITRON-ES1A_09 Datasheet
346Kb / 3P
   Surface Mount Super Fast Rectifiers
logo
Tiger Electronic Co.,Lt...
ES1A TGS-ES1A_09 Datasheet
36Kb / 2P
   1.0AMP ULTRA FAST SURFACE MOUNT RECTIFIERS / REVERSE VOLTAGE 50 TO 600 VOLTS
More results

Podobny opis - ES1A_04

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Transys Electronics
ER2A TRSYS-ER2A Datasheet
162Kb / 2P
   SURFACE MOUNT SUPERFAST RECTIFIER
logo
Pan Jit International I...
ER1AF PANJIT-ER1AF Datasheet
369Kb / 6P
   SURFACE MOUNT SUPERFAST RECTIFIER
ES1DF-AU PANJIT-ES1DF-AU Datasheet
115Kb / 5P
   SURFACE MOUNT SUPERFAST RECTIFIER
logo
PACELEADER INDUSTRIAL
ES1AB PACELEADER-ES1AB Datasheet
133Kb / 2P
   SURFACE MOUNT SUPERFAST RECTIFIER
logo
First Silicon Co., Ltd
ES1AF FS-ES1AF Datasheet
405Kb / 2P
   SURFACE MOUNT SUPERFAST RECTIFIER
logo
Transys Electronics
ER1A TRSYS-ER1A Datasheet
248Kb / 3P
   SURFACE MOUNT SUPERFAST RECTIFIER
logo
PACELEADER INDUSTRIAL
ES2A PACELEADER-ES2A Datasheet
146Kb / 2P
   SURFACE MOUNT SUPERFAST RECTIFIER
logo
Pan Jit International I...
ES1AF PANJIT-ES1AF Datasheet
269Kb / 4P
   SURFACE MOUNT SUPERFAST RECTIFIER
logo
PACELEADER INDUSTRIAL
ES3AC PACELEADER-ES3AC Datasheet
141Kb / 2P
   SURFACE MOUNT SUPERFAST RECTIFIER
logo
Shenzhen Yixinwei Techn...
ES2A YIXIN-ES2A_08 Datasheet
226Kb / 2P
   SURFACE MOUNT SUPERFAST RECTIFIER
ES1A YIXIN-ES1A Datasheet
172Kb / 2P
   SURFACE MOUNT SUPERFAST RECTIFIER
More results


Html Pages

1 2


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com