Zakładka z wyszukiwarką danych komponentów |
|
74AC11253N Arkusz danych(PDF) 5 Page - Texas Instruments |
|
74AC11253N Arkusz danych(HTML) 5 Page - Texas Instruments |
5 / 7 page 54AC11253, 74AC11253 DUAL 1-OF-4 DATA SELECTORS/MULTIPLEXERS WITH 3-STATE OUTPUTS SCAS041A – MAY 1988 – REVISED APRIL 1993 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 2–5 PARAMETER MEASUREMENT INFORMATION From Output Under Test CL = 50 pF (see Note A) LOAD CIRCUIT S1 2 × VCC 500 Ω 500 Ω tPLH tPHL Output Control (low-level enabling) Output Waveform 1 S1 at 2 × VCC (see Note C) Output Waveform 2 S1 at GND (see Note C) VOL VOH tPZL tPZH tPLZ tPHZ 50% 50% 50% 50% [ VCC VCC 0 V 50% VCC 50% VCC VOH VOL 0 V 50% VCC 20% VCC 50% VCC 80% VCC [ 0 V VCC GND Open Input (see Note B) Output VOLTAGE WAVEFORMS VOLTAGE WAVEFORMS tPLH/tPHL tPLZ/tPZL tPHZ/tPZH Open 2 × VCC GND TEST S1 NOTES: A. CL includes probe and jig capacitance. B. All input pulses are supplied by generators having the following characteristics: PRR ≤ 10 MHz, ZO = 50 Ω, tr = 3 ns, tf = 3 ns. C. Waveform 1 is for an output with internal conditions such that the output is low except when disabled by the output control. Waveform 2 is for an output with internal conditions such that the output is high except when disabled by the output control. D. The outputs are measured one at a time with one input transition per measurement. Figure 1. Load Circuit and Voltage Waveforms |
Podobny numer części - 74AC11253N |
|
Podobny opis - 74AC11253N |