Zakładka z wyszukiwarką danych komponentów |
|
GS1A Arkusz danych(PDF) 2 Page - Pan Jit International Inc. |
|
GS1A Arkusz danych(HTML) 2 Page - Pan Jit International Inc. |
2 / 3 page PAGE . 2 STAD-FEB.23.2007 GS1A~GS1M Fig.1 FORWARD CURRENT DERATING CURVE Fig.5 TYPICAL JUNCTION CAPACITANCE Fig.3 TYPICAL REVERSE CHARACTERISTICS RATING AND CHARACTERISTIC CURVES 3 .0 2.0 1.0 0 050 100 150 0 .5 1.5 2.5 LEAD TEMPERATURE, C O PERCENT OF PEAK REVERE VOLTAGE,% SINGLE PHASE HALF WAVE 60Hz RESISTIVE OR INDUCTIVE LOAD P.C.B MOUNTED ON 0.3 x 0.3" (8.0 x 8.0mm) COPPER PAD AREAS 100 1.0 0.01 20 40 60 80 100 120 140 0.001 0.1 0 10 T=25 C J O T=75 C J O T =125 C J O 100 40 20 10 4.0 2.0 1.0 0.4 0.2 0.1 0.6 0.8 1.0 1.2 1.4 1.6 1.8 0.4 Fig.2-TYPICAL INSTANTANEOUS FORWARD CHARACTERISTICS INSTANTANEOUS FORWARD VOLTAGE, VOLTS 25 20 15 10 5 0 1 2 6 10 20 40 60 100 30 Fig.4-MAXIMUM NON-REPETITIVE PEAK FORWARD SURGE CURRENT NUMBEROFCYCLESAT60Hz 8.3ms Single Half Sine-Wave JEDEC Method 10 0.1 1.0 100 1000 1 2 5 10 20 50 100 T= 25 C f = 1.0mHz Vsig = 50mVp-p J O REVERSE VOLTAGE, VOLTS |
Podobny numer części - GS1A |
|
Podobny opis - GS1A |